Electronic Components Datasheet Search |
|
3-1376387-4 Datasheet(PDF) 42 Page - Tyco Electronics |
|
3-1376387-4 Datasheet(HTML) 42 Page - Tyco Electronics |
42 / 98 page 176 Catalog 82181 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 4-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Universal MATE-N-LOK Connectors (Continued) AMP Soft Shell Pin and Socket Connectors Plug or Cap Housing Strain Reliefs IS 408-3320 Related Product Data Housings— page 174 Technical Documents— pages 169 and 205-206 Number of A Insert Single Wire Wire Bundle Part Numbers Style Circuits Dim. Supplied Dia. Range Dia. Range UL94V-2 Nylon, UL94V-0 Nylon Natural Color Yes .040-.190 — 1-640719-0 640713-1 .960 1.02-4.83 2 24.38 No — .200-.350 1-640719-1 640713-2 5.08-8.89 Yes .040-.190 — 1-640720-0 640714-1 1.140 1.02-4.83 3 28.96 No — .200-.350 641763-1 641945-1 5.08-8.89 Yes .040-.190 — 641775-1 641776-1 1.325 1.02-4.83 In-Line 4 33.65 No — .200-.350 641775-2 641776-2 5.08-8.89 Yes .040-.190 — 643030-3 643030-1 1.530 1.02-4.83 5 38.86 No — .200-.350 643030-2 643030-4 5.08-8.89 Yes .040-.190 — 643585-1 643313-1 1.780 1.02-4.83 6 45.21 No — .200-.350 643585-2 643313-2 Note 5 5.08-8.89 Yes .040-.190 —— 643314-1 2.280 1.02-4.83 8 56.08 No — .200-.350 — 643314-2 Note 5 5.08-8.89 6 1.030 Yes — .120-.650 1-640721-0 640715-1 26.16 3.05-16.51 9 1.030 Yes — .120-.650 1-640722-0 640716-1 26.16 3.05-16.51 Matrix 12 1.280 Yes — .150-.750 1-640723-0 640717-1 32.51 3.81-19.05 15 1.530 Yes — .200-.850 1-640724-0 640718-1 38.86 5.08-21.59 Notes: 1. Cable clamping insert comes attached to strain relief. It can be used to provide additional adjustment for small wire bundles or discarded. 2. Insert to be positioned as shown by dotted lines. 3. Strain relief part number represents one-half of a strain relief. Two strain reliefs required per housing. 4. Must use cap housing adapters when attaching strain reliefs to a cap housing. Two adapters required per housing. 5. Strain reliefs for 6 and 8 circuit In-Line fits plug housings only. Cap Housing Adapters These adapters are designed to anchor the cap housing strain reliefs to the housings and prevent the strain relief halves from “drawing in” when the screws are being torqued down to clamp the cable. IS 408-3320 2, 3, 4, 5, 6, 8, 9, 12 and 15 Circuit (Enclosed) For All Positions Except 2, 6 and 8 Circuit Cap Housings For 2 In-Line and 6 Matrix Circuit Cap Housings Only UL94V-2 Nylon material, natural color — 641777-1 UL94V-0 Nylon material— 641778-1 UL94V-2 Nylon material, natural color — 643182-1 UL94V-0 Nylon material— 643182-2 1.300 [33.02] 1.300 [33.02] .480 [12.19] .630 [16.0] In-Line Matrix (2) #6x3/8 Lg Type B Pan head sheet metal screws (not supplied) 2 Req’d/Assy. Note 3 2 Req’d/Assy. Note 3 Insert 2 Req’d/Assy. Note 3 Note 2 Note 2 Note 1 .550 [13.97] .630 [16.0] (2) #6x5/8 Lg Type B Pan head sheet metal screws (not supplied) Cap Connector Enclosed Strain Relief Adapter Note 4 Note: All part numbers are RoHS Compliant. |
Similar Part No. - 3-1376387-4 |
|
Similar Description - 3-1376387-4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |