Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E39-L97 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E39-L97
Description  Ideal for Detecting Glass Wafers and Other Transparent Objects
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-L97 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E39-L97 Datasheet HTML 3Page - Omron Electronics LLC E39-L97 Datasheet HTML 4Page - Omron Electronics LLC E39-L97 Datasheet HTML 5Page - Omron Electronics LLC E39-L97 Datasheet HTML 6Page - Omron Electronics LLC E39-L97 Datasheet HTML 7Page - Omron Electronics LLC E39-L97 Datasheet HTML 8Page - Omron Electronics LLC E39-L97 Datasheet HTML 9Page - Omron Electronics LLC E39-L97 Datasheet HTML 10Page - Omron Electronics LLC E39-L97 Datasheet HTML 11Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
E3S-R
8
Dimensions
Sensors
Compact Horizontal Models with Plastic Housing
(Unit: mm)
Tolerance class IT16 applies to dimensions in this datasheet unless otherwise specified.
42.3
15.2
2.3
16.9
10.7
12
12.4
16.5
Stability indicator
(green)
Light indicator (red)
Sensitivity adjuster (white)
7.2
Stainless steel (SUS304)
Two mounting holes
Dark-ON (ON when
light is not received)
Lens (7
× 14)
Receiver
Emitter
Optical
axis
Operation selector (black)
Light-ON
(ON when light
is received.)
*1. 40.0 for the E3S-R12
*2. 12.9 for the E3S-R12.
DL
3.2
3.2 7.2
4.8
5
10.5
1.3
21
11.5
1.2
9
10.7
19.7
29.2
Two, M3
× 12
20
30
7
(4)
20
Two, M3
(A)*3
*3. The mounting bracket can be attached to this side.
*4. Not available on the E3S-R12.
Optical axis
4-dia. vinyl-insulated round cable with 3 conductors
(Conductor cross section: 0.2 mm2,
Insulator diameter: 1.1 mm),
Standard length: 2 m
*1
*2
*4
With Mounting Bracket Attached
Mounting Holes
Pre-wired Models
E3S-R11, E3S-R12
E3S-R31
1
4
3
2
42.3
15.2
2.3
16.9
10.7
12
12.4
16.5
Light indicator (red)
*1
*2
Sensitivity adjuster
7.2
Stainless steel (SUS304)
Two mounting holes
Dark-ON (ON when
light is not received)
Lens (7
× 14)
Receiver
Emitter
Optical
axis
Operation selector (black)
Light-ON
(ON when light
is received)
DL
3.2
3.2 7.2
4.8
5
10.5
1.3
21
11.5
1.2
9
10.7
19.7
29.2
Two, M3
× 12
20
30
7
(10)
M12 Connector
*3. The mounting bracket can be attached to this side.
*4. Not available on the E3S-R17.
20
Two, M3
(A)*3
Stability indicator (green)
Optical axis
*1. 40.0 for E3S-R17.
*2. 12.9 for E3S-R17.
*4
With Mounting Bracket Attached
Mounting Holes
Standard Connector Models
E3S-R16, E3S-R17
E3S-R36


Similar Part No. - E39-L97

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E39-L97 OMRON-E39-L97 Datasheet
1Mb / 19P
   Mounting Brackets
E39-L97 OMRON-E39-L97 Datasheet
1Mb / 17P
   Mounting Brackets
More results

Similar Description - E39-L97

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-RS30B42-30 OMRON-E3S-RS30B42-30 Datasheet
841Kb / 11P
   Ideal for Detecting Glass Wafers and Other Transparent Objects
E3SCR62C OMRON-E3SCR62C Datasheet
349Kb / 7P
   Ideal for Detecting Transparent Glass and Plastic Containers
EE-SPX613 OMRON-EE-SPX613 Datasheet
110Kb / 5P
   An Ideal Photomicrosensor for Detecting Liquid Levels in Transparent Pipes
logo
Lumileds Lighting Compa...
PB173 LUMILEDS-PB173 Datasheet
1Mb / 2P
   Creating the ideal ambiance for restaurants and other hospitality venues
logo
Omron Electronics LLC
D5B5013 OMRON-D5B5013 Datasheet
436Kb / 5P
   Detects Objects in Multiple Directions with High Sensitivity, Ideal for Robotics
logo
Kingbright Corporation
APHBM2012LVBDZGKC KINGBRIGHT-APHBM2012LVBDZGKC Datasheet
316Kb / 6P
   Ideal for backlight and indicator
APB3025SYKQWDF-AMT KINGBRIGHT-APB3025SYKQWDF-AMT Datasheet
377Kb / 9P
   Ideal for backlight and indicator
APGA1602SEC KINGBRIGHT-APGA1602SEC Datasheet
229Kb / 5P
   Ideal for backlight and indicator
APGA1602SYC KINGBRIGHT-APGA1602SYC Datasheet
229Kb / 5P
   Ideal for backlight and indicator
APTB1612CGKQWDF-AMT KINGBRIGHT-APTB1612CGKQWDF-AMT Datasheet
373Kb / 9P
   Ideal for backlight and indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com