Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4568A Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1N4568A
Description  6.4 VOLT TEMPERATURE COMPENSATED 6.4 VOLT TEMPERATURE COMPENSATED
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N4568A Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N4568A Datasheet HTML 1Page - Digitron Semiconductors 1N4568A Datasheet HTML 2Page - Digitron Semiconductors 1N4568A Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N4565(A)-1N4584(A)
6.4 VOLT TEMPERATURE COMPENSATED
ZENER REFERENCE DIODES
MAXIMUM RATINGS
Characteristics
Value
Operating and storage temperatures
-65 to +175°C
DC power dissipation
500mW @ 50°C
Power derating
4mW/°C above 50°C
Solder temperature
260°C for 10 s maximum
IR = 2µA @ 25°C and VR = 3V
ELECTRICAL CHARACTERISTICS
Zener test
current
(Note 3)
IZT
Maximum voltage temperature coefficient
Maximum reverse
current
IR @ 3 V
Maximum dynamic
impedance (Note 2)
ZZT @ IZT
Part
number
(Note 1)
mA
αvz
±%/°C
±mV/°C
Temp. range
µA
Ohms
1N4565
.5
0.01
.64
0 to 75°C
2.0
200
1N4565A
.5
0.01
.64
-55 to 100°C
2.0
200
1N4566
.5
0.005
.32
0 to 75°C
2.0
200
1N4566A
.5
0.005
.32
-55 to 100°C
2.0
200
1N4567
.5
0.002
.13
0 to 75°C
2.0
200
1N4567A
.5
0.002
.13
-55 to 100°C
2.0
200
1N4568
.5
0.001
.06
0 to 75°C
2.0
200
1N4568A
.5
0.001
.06
-55 to 100°C
2.0
200
1N4569
.5
0.0005
.03
0 to 75°C
2.0
200
1N4569A
.5
0.0005
.03
-55 to 100°C
2.0
200
1N4570
.5
0.01
.64
0 to 75°C
2.0
100
1N4570A
.5
0.01
.64
-55 to 100°C
2.0
100
1N4571
1.0
0.005
.32
0 to 75°C
2.0
100
1N4571A
1.0
0.005
.32
-55 to 100°C
2.0
100
1N4572
1.0
0.002
.13
0 to 75°C
2.0
100
1N4572A
1.0
0.002
.13
-55 to 100°C
2.0
100
1N4573
1.0
0.001
.06
0 to 75°C
2.0
100
1N4573A
1.0
0.001
.06
-55 to 100°C
2.0
100
1N4574
1.0
0.0005
.03
0 to 75°C
2.0
100
1N4574A
1.0
0.0005
.03
-55 to 100°C
2.0
100
1N4575
2.0
0.01
.64
0 to 75°C
2.0
50
1N4575A
2.0
0.01
.64
-55 to 100°C
2.0
50
1N4576
2.0
0.005
.32
0 to 75°C
2.0
50
1N4576A
2.0
0.005
.32
-55 to 100°C
2.0
50
1N4577
2.0
0.002
.13
0 to 75°C
2.0
50
1N4577A
2.0
0.002
.13
-55 to 100°C
2.0
50
1N4578
2.0
0.001
.06
0 to 75°C
2.0
50
1N4578A
2.0
0.001
.06
-55 to 100°C
2.0
50
1N4579
2.0
0.0005
.03
0 to 75°C
2.0
50
1N4579A
2.0
0.0005
.03
-55 to 100°C
2.0
50
1N4580
4.0
0.01
.64
0 to 75°C
2.0
25
1N4580A
4.0
0.01
.64
-55 to 100°C
2.0
25
1N4581
4.0
0.005
.32
0 to 75°C
2.0
25
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121112


Similar Part No. - 1N4568A

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4568A CDI-DIODE-1N4568A Datasheet
243Kb / 2P
   6.4 VOLT NOMINAL ZENER VOLTAGE 5%
logo
Microsemi Corporation
1N4568A MICROSEMI-1N4568A Datasheet
82Kb / 2P
   6.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4568A MICROSEMI-1N4568A Datasheet
246Kb / 4P
   6.4 Volt Temperature Compensated Zener Reference Diodes
logo
New Jersey Semi-Conduct...
1N4568A NJSEMI-1N4568A Datasheet
135Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
American Microsemicondu...
1N4568A AMMSEMI-1N4568A Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
More results

Similar Description - 1N4568A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4564 MICROSEMI-1N4564 Datasheet
82Kb / 2P
   6.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4584 MICROSEMI-1N4584 Datasheet
246Kb / 4P
   6.4 Volt Temperature Compensated Zener Reference Diodes
logo
American Microsemicondu...
1N4570 AMMSEMI-1N4570 Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4566A AMMSEMI-1N4566A Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4570A AMMSEMI-1N4570A Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4569A AMMSEMI-1N4569A Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4567 AMMSEMI-1N4567 Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4567A AMMSEMI-1N4567A Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4568 AMMSEMI-1N4568 Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4568A AMMSEMI-1N4568A Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com