Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS387H Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS387H
Description  Alternator Voltage Regulator Darlington Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS387H Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS387H Datasheet HTML 1Page - Cherry Semiconductor Corporation CS387H Datasheet HTML 2Page - Cherry Semiconductor Corporation CS387H Datasheet HTML 3Page - Cherry Semiconductor Corporation CS387H Datasheet HTML 4Page - Cherry Semiconductor Corporation CS387H Datasheet HTML 5Page - Cherry Semiconductor Corporation CS387H Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
14L SO
Flip Chip
1
1
Driver
Output driver for external power switch-Darlington.
2
2
Gnd
Ground.
3, 6, 7, 9, 13
3
NC
No connection.
4
4
OSC
Timing capacitor for oscillator.
5
5
Lamp
Base driver for lamp driver indicates no stator signal or over-
voltage condition.
8
6
IGN
Switched ignition power up.
10
7
Stator
Stator signal input for stator timer (CS3351 also power up).
11
8
Sense
Battery sense voltage regulator comparator input and
protection.
12
9
VCC
Supply for IC.
14
10
SC
Short circuit sensing.
Typical Performance Characteristics
15.5
15
14.5
14
13.5
13
Temperature (°C)
−40
−20
0
20
40
60
80
100
120
CS3341/3351 Battery Voltage vs Temperature (°C)
Over Process Variation


Similar Part No. - CS387H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS387H ONSEMI-CS387H Datasheet
68Kb / 8P
   Alternator Voltage Regulator Darlington Driver
August, 2002 ??Rev. 11
CS387H ONSEMI-CS387H Datasheet
78Kb / 8P
   Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
CS387H ONSEMI-CS387H Datasheet
83Kb / 8P
   Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
More results

Similar Description - CS387H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS3341 ONSEMI-CS3341 Datasheet
68Kb / 8P
   Alternator Voltage Regulator Darlington Driver
August, 2002 ??Rev. 11
CS3341 ONSEMI-CS3341_09 Datasheet
83Kb / 8P
   Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
CS3341 ONSEMI-CS3341_05 Datasheet
78Kb / 8P
   Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
CS3361 ONSEMI-CS3361 Datasheet
66Kb / 8P
   Alternator Voltage Regulator FET Driver
August, 2002 ??Rev. 10
logo
Cherry Semiconductor Co...
CS3361 CHERRY-CS3361 Datasheet
139Kb / 5P
   Alternator Voltage Regulator FET Driver
logo
ON Semiconductor
CS3361 ONSEMI-CS3361_15 Datasheet
80Kb / 8P
   Alternator Voltage Regulator FET Driver
March, 2015 ??Rev. 11
logo
Unisonic Technologies
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092 UTC-UAC33092_15 Datasheet
233Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com