Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3351 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS3351
Description  Alternator Voltage Regulator Darlington Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS3351 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS3351 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS3351 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS3351 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS3351 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS3351 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS3351 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Package Specification
Thermal Data
14L SO
RΘJC
typ
30
˚C/W
RΘJA
typ
125
˚C/W
D
Lead Count
Metric
English
Max
Min
Max
Min
14L SO
8.75
8.55
.344
.337
PACKAGE DIMENSIONS IN mm (INCHES)
PACKAGE THERMAL DATA
Surface Mount Narrow Body (D); 150 mil wide
1.27 (.050) BSC
0.51 (.020)
0.33 (.013)
6.20 (.244)
5.80 (.228)
4.00 (.157)
3.80 (.150)
1.57 (.062)
1.37 (.054)
D
0.25 (0.10)
0.10 (.004)
1.75 (.069) MAX
1.27 (.050)
0.40 (.016)
REF: JEDEC MS-012
0.25 (.010)
0.19 (.008)


Similar Part No. - CS3351

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS3351 ONSEMI-CS3351 Datasheet
78Kb / 8P
   Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
CS3351 ONSEMI-CS3351 Datasheet
83Kb / 8P
   Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
CS3351YD14 ONSEMI-CS3351YD14 Datasheet
68Kb / 8P
   Alternator Voltage Regulator Darlington Driver
August, 2002 ??Rev. 11
CS3351YD14 ONSEMI-CS3351YD14 Datasheet
78Kb / 8P
   Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
CS3351YD14 ONSEMI-CS3351YD14 Datasheet
83Kb / 8P
   Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
More results

Similar Description - CS3351

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS3341 ONSEMI-CS3341 Datasheet
68Kb / 8P
   Alternator Voltage Regulator Darlington Driver
August, 2002 ??Rev. 11
CS3341 ONSEMI-CS3341_09 Datasheet
83Kb / 8P
   Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
CS3341 ONSEMI-CS3341_05 Datasheet
78Kb / 8P
   Alternator Voltage Regulator Darlington Driver
September, 2005 ??Rev. 12
CS3361 ONSEMI-CS3361 Datasheet
66Kb / 8P
   Alternator Voltage Regulator FET Driver
August, 2002 ??Rev. 10
logo
Cherry Semiconductor Co...
CS3361 CHERRY-CS3361 Datasheet
139Kb / 5P
   Alternator Voltage Regulator FET Driver
logo
ON Semiconductor
CS3361 ONSEMI-CS3361_15 Datasheet
80Kb / 8P
   Alternator Voltage Regulator FET Driver
March, 2015 ??Rev. 11
logo
Unisonic Technologies
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092 UTC-UAC33092_15 Datasheet
233Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com