Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4494 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1N4494
Description  GLASS ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N4494 Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N4494 Datasheet HTML 1Page - Digitron Semiconductors 1N4494 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D I G I T R O N S E M I C O N D U C T O R S
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20120705
1N4460 – 1N4496
GLASS ZENER DIODES
1N6485 – 1N6491
1.5 WATTS
MAXIMUM RATINGS
Operating Temperature:
-65 to +175°C
Storage Temperature:
-65 to +175°C
Power Dissipation:
1.5 Watts @ TA = 25°C
Thermal Resistance
42°C/W at 3/8 inch from body
Forward Voltage
1.00 V at 200 mA and 1.5 V at 1.0 A
ELECTRICAL CHARACTERISTICS @ 25°C
Nominal
Zener
Voltage
VZ
Test
Current
IZT
Maximum
Dynamic
Impedance
ZZT @ IZT
Maximum Knee
Impedance
ZZK @ IZK
Maximum Reverse
Current
IR @ VR
Maximum
Continuous
Current
IZM
Surge
Current
8.3 ms sq wave
IZSM
Type
Volts
mA
Ohms
Ohms
mA
µA
Volts
mA
Amps
1N6485
3.3
76.0
10
400
1.0
50
1.0
433
4.2
1N6486
3.6
69.0
10
400
1.0
50
1.0
397
3.9
1N6487
3.9
64.0
9
400
1.0
35
1.0
366
3.6
1N6488
4.3
58.0
9
400
1.0
5.0
1.0
366
3.6
1N6489
4.7
53.0
8
500
1.0
4.0
1.0
304
3.0
1N6490
5.1
49.0
7
500
1.0
1.0
1.0
280
2.7
1N6491
5.6
45.0
5
600
1.0
.5
2.0
255
2.5
1N4460
6.2
40.0
4
200
1.0
10.0
3.72
230
2.3
1N4461
6.8
37.0
2.5
200
1.0
5.0
4.08
210
2.1
1N4462
7.5
34.0
2.5
400
.50
1.0
4.50
191
1.9
1N4463
8.2
31.0
3
400
.50
.50
4.92
174
1.7
1N4464
9.1
28.0
4
500
.50
.30
5.46
157
1.6
1N4465
10.0
25.0
5
500
.25
.30
8.00
143
1.4
1N4466
11.0
23.0
6
550
.25
.30
8.80
130
1.3
1N4467
12.0
21.0
7
550
.25
.20
9.60
119
1.2
1N4468
13.0
19.0
8
550
.25
.05
10.40
110
1.1
1N4469
15.0
17.0
9
600
.25
.05
12.00
95
.95
1N4470
16.0
15.5
10
600
.25
.05
12.80
90
.80
1N4471
18.0
14.0
11
650
.25
.05
14.40
79
.79
1N4472
20.0
12.5
12
650
.25
.05
16.00
71
.71
1N4473
22.0
11.5
14
650
.25
.05
17.60
65
.65
1N4474
24.0
10.5
16
700
.25
.05
19.20
60
.60
1N4475
27.0
9.5
18
700
.25
.05
21.60
53
.53
1N4476
30.0
8.5
20
750
.25
.05
24.00
48
.48
1N4477
33.0
7.5
25
800
.25
.05
26.40
43
.43
1N4478
36.0
7.0
27
850
.25
.05
28.80
40
.40
1N4479
39.0
6.5
30
900
.25
.05
31.2
37
.37
1N4480
43.0
6.0
40
950
.25
.05
34.4
33
.33
1N4481
47.0
5.5
50
1000
.25
.05
37.6
30
.30
1N4482
51.0
5.0
60
1100
.25
.05
40.8
28
.28
1N4483
56.0
4.5
70
1300
.25
.25
44.8
26
.26
1N4484
62.0
4.0
80
1500
.25
.25
49.6
23
.23
1N4485
68.0
3.7
100
1700
.25
.25
54.4
21
.21
1N4486
75.0
3.3
130
2000
.25
.25
60.4
19
.19
1N4487
82.0
3.0
160
2500
.25
.25
65.6
17
.17
1N4488
91.0
2.8
200
3000
.25
.25
72.8
16
.16


Similar Part No. - 1N4494

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4494 MICROSEMI-1N4494 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
logo
Sensitron
1N4494 SENSITRON-1N4494 Datasheet
114Kb / 3P
   Zener 1.5W DIODE
logo
Central Semiconductor C...
1N4494 CENTRAL-1N4494 Datasheet
92Kb / 2P
   1.5 WATT ZENER DIODE
logo
Semtech Corporation
1N4494 SEMTECH-1N4494 Datasheet
42Kb / 3P
   Axial Leaded, Hermetically Sealed, 1.5 WATT Voltage Regulators
logo
EIC discrete Semiconduc...
1N4494 EIC-1N4494 Datasheet
108Kb / 2P
   SILICON ZENER DIODES
More results

Similar Description - 1N4494

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MLL5221 MICROSEMI-MLL5221 Datasheet
87Kb / 2P
   LEADLESS GLASS ZENER DIODES
MLL3821 MICROSEMI-MLL3821 Datasheet
91Kb / 2P
   LEADLESS GLASS ZENER DIODES
MLL3016B MICROSEMI-MLL3016B Datasheet
99Kb / 2P
   LEADLESS GLASS ZENER DIODES
MLL4728 MICROSEMI-MLL4728 Datasheet
77Kb / 2P
   LEADLESS GLASS ZENER DIODES
MLL5913 MICROSEMI-MLL5913 Datasheet
76Kb / 2P
   LEADLESS GLASS ZENER DIODES
logo
HY ELECTRONIC CORP.
DL5227B HY-DL5227B Datasheet
90Kb / 3P
   GLASS SILICON ZENER DIODES
logo
Microsemi Corporation
MLL5225B MICROSEMI-MLL5225B Datasheet
93Kb / 2P
   LEADLESS GLASS ZENER DIODES
logo
HY ELECTRONIC CORP.
1N5221B HY-1N5221B Datasheet
35Kb / 3P
   GLASS SILICON ZENER DIODES
logo
Microsemi Corporation
MLL4099 MICROSEMI-MLL4099 Datasheet
83Kb / 2P
   LEADLESS GLASS ZENER DIODES
JAN1N4958 MICROSEMI-JAN1N4958 Datasheet
95Kb / 2P
   5 WATT GLASS ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com