Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW67C Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BCW67C
Description  PNP Silicon AF Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCW67C Datasheet(HTML) 5 Page - Infineon Technologies AG

  BCW67C Datasheet HTML 1Page - Infineon Technologies AG BCW67C Datasheet HTML 2Page - Infineon Technologies AG BCW67C Datasheet HTML 3Page - Infineon Technologies AG BCW67C Datasheet HTML 4Page - Infineon Technologies AG BCW67C Datasheet HTML 5Page - Infineon Technologies AG BCW67C Datasheet HTML 6Page - Infineon Technologies AG BCW67C Datasheet HTML 7Page - Infineon Technologies AG BCW67C Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2011-09-15
5
BCW67, BCW68
DC current gain hFE = ƒ(IC)
VCE = 1 V
10
10
10
10
BCW 67/68
EHP00403
h
mA
-1
0
23
FE
3
10
10 2
0
10
5
5
10 1
1
10
5
100
25
-50
55
5
C
Ι
˚C
˚C
˚C
Collector-emitter saturation voltage
IC = ƒ(VCEsat), hFE = 10
10
0
600
BCW 67/68
EHP00402
V
CE sat
10
mA
10
10
10
3
2
1
0
-1
5
5
5
mV
200
400
800
150
25
-50
C
Ι
˚C
˚C
˚C
Base-emitter saturation voltage
IC = ƒ(VBEsat), hFE = 10
10
03
BCW 67/68
EHP00401
V
BE sat
10
mA
10
10
10
3
2
1
0
-1
5
5
5
V
12
4
150
25
-50
C
Ι
˚C
˚C
˚C
Collector cutoff current ICBO = ƒ(TA)
VCBO = 25 V
10
0
50
100
150
BCW 67/68
EHP00400
T
A
5
10
10
nA
10
Ι
CB0
5
5
5
10
10
5
4
3
2
1
0
max
typ
˚C


Similar Part No. - BCW67C

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCW67C SIEMENS-BCW67C Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
logo
Infineon Technologies A...
BCW67C INFINEON-BCW67C Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Diotec Semiconductor
BCW67C DIOTEC-BCW67C Datasheet
182Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Infineon Technologies A...
BCW67C INFINEON-BCW67C Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
logo
Central Semiconductor C...
BCW67C CENTRAL-BCW67C Datasheet
328Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
More results

Similar Description - BCW67C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com