Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJRF16NFB Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ELJRF16NFB
Description  Chip Inductors High Frequency Use (Non Magnetic Core)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJRF16NFB Datasheet(HTML) 8 Page - Panasonic Semiconductor

  ELJRF16NFB Datasheet HTML 1Page - Panasonic Semiconductor ELJRF16NFB Datasheet HTML 2Page - Panasonic Semiconductor ELJRF16NFB Datasheet HTML 3Page - Panasonic Semiconductor ELJRF16NFB Datasheet HTML 4Page - Panasonic Semiconductor ELJRF16NFB Datasheet HTML 5Page - Panasonic Semiconductor ELJRF16NFB Datasheet HTML 6Page - Panasonic Semiconductor ELJRF16NFB Datasheet HTML 7Page - Panasonic Semiconductor ELJRF16NFB Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
Precautions for use
1.Operation range and environments
1 These products are designed and manufactured for general and standard use in general electronic
equipment (e.g. AV equipment, home electric appliances, office equipment, information and communication
equipment)
2 These products are not intended for use in the following special conditions. Before using the products, carefully check
the effects on their quality and performance, and determine whether or not they can be used.
• In liquid, such as water, oil, chemicals, or organic solvent
• In direct sunlight, outdoors, or in dust
• In salty air or air with a high concentration of corrosive gas, such as Cl2, H2S, NH3, SO2, or NO2
• In an environment where these products cause dew condensation
2. Handling
1 Do not bring magnets or magnetized materials close to the product. The influence of their magnetic field can
change the inductance value.
2 Do not apply strong mechanical shocks by either dropping or collision with other parts.
Excessive schock can damage the part.
3. Land pattern design
1 Please refer to the recommended land pattern for each type shown on the datasheet.
2 Avoid placing the chip inductor on any metal pattern except the recommended land pattern because a drop of Q
and mutual conductance may occur.
3 In case of flow soldering, venting of soldering flux gases should be made for high density assemblies to get a
good solder connection.
4 In case of reflow soldering, consider the layout because taller components close to chip inductor tend to block
thermal conduction.
4. Mounting
1 In general, magnetic and electric characteristics of ferrite cores can be changed by applying excessively strong
force. Placement force should not exceed 20 N.
2 Do not bend or twist the PWB after mounting the part.
5. Cleaning
1 Do not use acid or alkali agents. Some cleaning solvents may damage the part.
Confirm by testing the reliability in advance of mass production.
2 If Ultrasonic cleaning is used, please confirm the reliability in advance.
It is possible that combined resonance of component and PWB and cavitation can cause an abnormal vibration
mode to exist causing damage.
6. Caution about applying excessive current
The rated current is defined as the smaller value of either the current value when the inductance drops 10 %
down from the initial point or the current value when the average temperature of coil inside rises 20 °C up from
the initial point. Do not operate product over the specific max. current.
Safety Precautions
(Common precautions for Chip Inductors)
• When using our products, no matter what sort of equipment they might be used for, be sure to make a written
agreement on the specifications with us in advance. The design and specifications in this catalog are subject
to change without prior notice.
• Do not use the products beyond the specifications described in this catalog.
• This catalog explains the quality and performance of the products as individual components. Before use, check
and evaluate their operations when installed in your products.
• Install the following systems for a failsafe design to ensure safety if these products are to be used in equipment
where a defect in these products may cause the loss of human life or other significant damage, such as damage to
vehicles (automobile, train, vessel), traffic lights, medical equipment, aerospace equipment, electric heating
appliances, combustion/gas equipment, rotating equipment, and disaster/crime prevention equipment.
✽ Systems equipped with a protection circuit and a protection device
✽ Systems equipped with a redundant circuit or other system to prevent an unsafe status in the event of a single fault
<Package markings>
Package markings include the product number, quantity, and country of origin.
In principle, the country of origin should be indicated in English.
Sep. 2012
01
16


Similar Part No. - ELJRF16NFB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJRF16NFB PANASONIC-ELJRF16NFB Datasheet
162Kb / 8P
   High Frequency Use Non Magnetic Core RF RE ND NC NA
ELJRF16NFB PANASONIC-ELJRF16NFB Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJRF16NFB PANASONIC-ELJRF16NFB Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRF16NFB PANASONIC-ELJRF16NFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRF16NFB PANASONIC-ELJRF16NFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJRF16NFB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJ-RE33NJFA PANASONIC-ELJ-RE33NJFA Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-FA3R9KF PANASONIC-ELJ-FA3R9KF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-RF5N6DFB PANASONIC-ELJ-RF5N6DFB Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-EA331KF PANASONIC-ELJ-EA331KF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-NCR18JF PANASONIC-ELJ-NCR18JF Datasheet
162Kb / 8P
   High Frequency Use (Non Magnetic Core)
ELJRF1N0FB PANASONIC-ELJRF1N0FB Datasheet
162Kb / 8P
   High Frequency Use Non Magnetic Core RF RE ND NC NA
ELJNDR10JF PANASONIC-ELJNDR10JF Datasheet
92Kb / 5P
   1. High Frequency Use (Non Magnetic Core) RF, ND, NC, NA
ELJRF10NJFB PANASONIC-ELJRF10NJFB Datasheet
162Kb / 8P
   High Frequency Use (Non Magnetic Core) RF, RE, ND, NC, NA RoHS compliant
logo
TRIAD MAGNETICS
RC-2 TRIAD-RC-2_13 Datasheet
104Kb / 1P
   Switchmode/ High Frequency Rod Core Inductors
RC-3 TRIAD-RC-3_13 Datasheet
104Kb / 1P
   Switchmode/ High Frequency Rod Core Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com