Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9781HFP Datasheet(PDF) 2 Page - Rohm

Part # BD9781HFP
Description  Flexible Step-down Switching Regulators with Built-in Power MOSFET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9781HFP Datasheet(HTML) 2 Page - Rohm

  BD9781HFP Datasheet HTML 1Page - Rohm BD9781HFP Datasheet HTML 2Page - Rohm BD9781HFP Datasheet HTML 3Page - Rohm BD9781HFP Datasheet HTML 4Page - Rohm BD9781HFP Datasheet HTML 5Page - Rohm BD9781HFP Datasheet HTML 6Page - Rohm BD9781HFP Datasheet HTML 7Page - Rohm BD9781HFP Datasheet HTML 8Page - Rohm BD9781HFP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2/16
Technical Note
Absolute Maximum Ratings(Ta = 25˚C)
Recommended operating range
Electrical characteristics
*1 Should not exceed Pd-value.
*2 Reduce by 44mW/°C over 25°C, when mounted on 2-layer PCB of 70 X 70 X 1.6 mm3.
(PCB incorporates thermal via. Copper foil area on the front side of PCB: 10.5 X 10.5 mm2. Copper foil area on the reverse side of PCB: 70 X 70 mm2)
*3 Reduce by 5.52 mW/°C over 25°C, when mounted on 2-layer PCB of 70 X 70 X 1.6 mm3.
Output switch pin voltage
Output switch current
BD9778F/HFP,BD9781HFP
BD9778F/HFP,BD9781HFP
BD9778F/HFP, BD9001F
BD9001F
BD9001F
BD9781HFP
HRP7
SOP8
Power dissipation
Parameter
Symbol
Unit
VEN/SYNC,VEN
VRT,VFB,VINV
A
Pd
Limits
5.5
0.69
VIN
2
EN/SYNC, EN pin voltage
VIN
VSW
ISW
50
W
Topr
Tstg
Tjmax
-40 ~ +95
-40 ~ +125
-55 ~ +150
˚C
˚C
˚C
Power supply
voltage
Operating temperature
range
VIN
36
V
V
V
*1
4
*1
*2
*3
RT, FB, INV pin voltage
Storage temperature range
Maximum junction temperature
7
150
BD9778F/HFP
7 ~ 35
~ 2
6 ~ 100
50 ~ 500
40 ~ 800
Parameter
Operating power supply voltage
Output switch current
Output voltage (ON Duty)
Oscillation frequency
Oscillation frequency set resistance
BD9001F
7 ~ 48
~ 2
6 ~ 100
50 ~ 300
100 ~ 800
BD9781HFP
7 ~ 35
~ 4
6 ~ 100
50 ~ 500
39 ~ 800
Unit
V
A
%
kHz
kΩ
Possible operating range
BD9778F/HFP
5 ~ 35
Parameter
Operating power supply voltage
BD9001F
7 ~ 48
BD9781HFP
5 ~ 35
Unit
V
BD9778F/HFP (Unless otherwise specified, Ta = -40˚C to +125˚C, VIN =13.2 V, VEN = 5 V)
Circuit current
Standby circuit current
Reference voltage 2
Reference voltage 1
[Error Amp block]
Reference voltage input regulation
Input bias current
Maximum FB voltage
Parameter
Limits
Typ.
Min.
Max.
0.96
-
-
-
Operating output current of overcurrent protection
2
-
Symbol
IOLIMIT
IOLEAK
VREF2
VREF1
∆VREF
IQ
ISTB
RON
IB
VFBH
VFBL
IFBSINK
IFBSOURCE
TSS
FOSC
VEN
IEN
∆FOSC
-1
2.4
70
-
-
82
-
0.8
-
Condition
VEN=5V
VFB=VINV
VFB=1.5V,VINV=1.5V
VFB=1.5V,VINV=0.5V
kHz
VIN=5 ~ 35V
VIN=5 ~ 35V
VINV=1.1V
VINV=0.5V
VINV=1.5V
VIN=35V,VEN=0V
VEN=0V,Ta=25˚C
IO=0A
ISW=50mA
* Design assurance
* Design assurance
Output leak current
[SW block]
POWER MOS FET ON resistance
Minimum FB voltage
FB sink current
FB source current
Soft start time
[Oscillator block]
Oscillation frequency
Frequency input regulation
[Enable block]
Threshold voltage
Sink current
-
-5.0
Unit
A
µA
µA
V
%
mA
µA
V
V
mA
µA
mS
RT=390kΩ
V
µA
%
1.00
3
0.53
4
0.5
-
2.5
120
0.05
5
102
1
1.7
13
0
0
-3.0
1.04
0.98
VFB=VINV,Ta=25˚C
V
1.00
1.02
4.2
10
0.9
-
-
-
-
170
0.10
-
122
-
2.6
50
30
-0.5
* Not designed to be radiation-resistant.
2010.02 -
Rev. B
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.
BD9778F, BD9778HFP, BD9001F, BD9781HFP


Similar Part No. - BD9781HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9781HFP ROHM-BD9781HFP Datasheet
281Kb / 6P
   Flexible Step-Down Switching Regulator
BD9781HFP ROHM-BD9781HFP Datasheet
676Kb / 17P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
More results

Similar Description - BD9781HFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9778F ROHM-BD9778F_10 Datasheet
676Kb / 17P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9007HFP-TR ROHM-BD9007HFP-TR Datasheet
855Kb / 21P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9673AEFJ ROHM-BD9673AEFJ Datasheet
2Mb / 23P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9006F ROHM-BD9006F Datasheet
491Kb / 18P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9778F-E2 ROHM-BD9778F-E2 Datasheet
676Kb / 19P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9876AEFJ ROHM-BD9876AEFJ Datasheet
2Mb / 24P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD9876EFJ ROHM-BD9876EFJ Datasheet
621Kb / 17P
   Flexible Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com