Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJRF36NFB Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ELJRF36NFB
Description  Chip Inductors High Frequency Use (Non Magnetic Core)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJRF36NFB Datasheet(HTML) 7 Page - Panasonic Semiconductor

  ELJRF36NFB Datasheet HTML 1Page - Panasonic Semiconductor ELJRF36NFB Datasheet HTML 2Page - Panasonic Semiconductor ELJRF36NFB Datasheet HTML 3Page - Panasonic Semiconductor ELJRF36NFB Datasheet HTML 4Page - Panasonic Semiconductor ELJRF36NFB Datasheet HTML 5Page - Panasonic Semiconductor ELJRF36NFB Datasheet HTML 6Page - Panasonic Semiconductor ELJRF36NFB Datasheet HTML 7Page - Panasonic Semiconductor ELJRF36NFB Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
t2
Time
T3
T2
T1
t1
0
Soldering Conditions
Reflow soldering conditions
● Pb free solder recommended temperature profile
Flow soldering conditions
Preheat: 130 to 150 °C, 60 to 180 s, Soldering: 260 °C, 5 s max.
Notes
● Solderability may be reduced due to the conditions of high temperature and high humidity which causes the oxidation
of tin-plated terminals. Even if storage conditions are within specified limits, solderability may be reduced with the
passage of time. Therefore, please control the storage conditions and try to use the product within 6 months of receipt.
● In case the product has been stored for a period longer than 6 months, use the product only after confirmation of its
solderability.
Type
Preheat
Soldering
Peak Temperature
Time of
Reflow
T1 [°C]
t1 [s]
T2 [°C]
t2 [s]
T3
T3 Limit
□F
150 to 180
60 to 120
230 °C
40 max.
250 °C, 10 s
260 °C, 10 s
2 times max.
□E
150 to 180
60 to 120
230 °C
40 max.
250 °C, 10 s
260 °C, 10 s
2 times max.
Nov. 2013
04
15


Similar Part No. - ELJRF36NFB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJRF36NFB PANASONIC-ELJRF36NFB Datasheet
162Kb / 8P
   High Frequency Use Non Magnetic Core RF RE ND NC NA
ELJRF36NFB PANASONIC-ELJRF36NFB Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJRF36NFB PANASONIC-ELJRF36NFB Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRF36NFB PANASONIC-ELJRF36NFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRF36NFB PANASONIC-ELJRF36NFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJRF36NFB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJ-RE33NJFA PANASONIC-ELJ-RE33NJFA Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-FA3R9KF PANASONIC-ELJ-FA3R9KF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-RF5N6DFB PANASONIC-ELJ-RF5N6DFB Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-EA331KF PANASONIC-ELJ-EA331KF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-NCR18JF PANASONIC-ELJ-NCR18JF Datasheet
162Kb / 8P
   High Frequency Use (Non Magnetic Core)
ELJRF1N0FB PANASONIC-ELJRF1N0FB Datasheet
162Kb / 8P
   High Frequency Use Non Magnetic Core RF RE ND NC NA
ELJNDR10JF PANASONIC-ELJNDR10JF Datasheet
92Kb / 5P
   1. High Frequency Use (Non Magnetic Core) RF, ND, NC, NA
ELJRF10NJFB PANASONIC-ELJRF10NJFB Datasheet
162Kb / 8P
   High Frequency Use (Non Magnetic Core) RF, RE, ND, NC, NA RoHS compliant
logo
TRIAD MAGNETICS
RC-2 TRIAD-RC-2_13 Datasheet
104Kb / 1P
   Switchmode/ High Frequency Rod Core Inductors
RC-3 TRIAD-RC-3_13 Datasheet
104Kb / 1P
   Switchmode/ High Frequency Rod Core Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com