Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3845GDW16 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS3845GDW16
Description  Current Mode PWM Control Circuit with 50% Max Duty Cycle
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS3845GDW16 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS3845GDW16 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS3845GDW16 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS3845GDW16 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS3845GDW16 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS3845GDW16 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS3845GDW16 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
VCC
Gnd
COMP
OSC
Sense
VREF
VREF
Undervoltage
Lockout
Internal
Bias
NOR
S
R
PWM
Latch
Current
Sensing
Comparator
R
2 R
1V
Error
Amplifier
-
+
2.50V
Set/
Reset
VCC Undervoltage Lock-out
34V
16V/10V
(8.4V/7.6V)
R
R
VFB
VCC Pwr
VOUT
Pwr Gnd
Oscillator
Toggle
Flip-Flop
5.0 Volt
Reference
( ) indicates CS-2845/3845
s
Optimized for Offline
Control
s
Temp. Compensated
Oscillator
s
50% Max Duty-cycle Clamp
s
VREF Stabilized before
Output Stage is Enabled
s
Low Start-up Current
s
Pulse-by-pulse Current
Limiting
s
Improved Undervoltage
Lockout
s
Double Pulse Suppression
s
1% Trimmed Bandgap Ref.
s
High Current Totem Pole
Output
Package Options
Current Mode PWM Control Circuit
with 50% Max Duty Cycle
CS2844/CS3844
CS2845/CS3845
Description
Block Diagram
Absolute Maximum Ratings
Supply Voltage (ICC<30mA).........................................................................Self Limiting
Supply Voltage (Low Impedance Source) .................................................................30V
Output Current..............................................................................................................±1A
Output Energy (Capacitive Load) ................................................................................5µJ
Analog Inputs (VFB, VSENSE) .........................................................................-0.3V to 5.5V
Error Amp Output Sink Current .............................................................................10mA
Lead Temperature Soldering
Wave Solder (through hole styles only) ...................10 sec. max, 260°C peak
Reflow (SMD styles only) ....................60 sec. max above 183°C, 230°C peak
1
COMP
2
3
4
VFB
Sense
OSC
VREF
VCC
VOUT
Gnd
8
7
6
5
8 Lead PDIP & SO Narrow
10
7
14
13
12
8
1
2
3
4
5
6
11
9
COMP
NC
VFB
NC
Sense
NC
OSC
VREF
NC
VCC
VCC Pwr
VOUT
Pwr Gnd
Gnd
14 Lead SO Narrow
The CS3844/45 provides all the neces-
sary features to implement off-line
fixed frequency current-mode control
with a minimum number of external
components.
The CS3844 family incorporates a new
precision temperature-controlled oscil-
lator to minimize variations in fre-
quency. An internal toggle flip-flop,
which blanks the output every other
clock cycle, limits the duty-cycle range
to less than 50%. An undervoltage
lockout ensures that VREF is stabilized
before the output stage is enabled. In
the CS2844/CS3844 turn on occurs at
16V and turn off at 10V. In the
CS2845/CS3845 turn on is at 8.4V and
turn off at 7.6V.
Other features include low start-up
current, pulse-by-pulse current limit-
ing, and a high-current totem pole out-
put for driving capacitive loads, such
as gate of a power MOSFET. The out-
put is low in the off state, consistent
with N-channel devices.
16
15
14
13
12
11
11
10
9
1
2
3
4
5
6
7
8
NC
NC
COMP
VFB
SENSE
OSC
NC
NC
NC
VREF
VCC
VCCPwr
VO
Gnd
Pwr Gnd
NC
16 Lead SO Wide
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
®
Rev. 3/17/99


Similar Part No. - CS3845GDW16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS3845GDW16 ONSEMI-CS3845GDW16 Datasheet
162Kb / 12P
   Current Mode PWM Control Circuit
June, 2001 ??Rev. 3
More results

Similar Description - CS3845GDW16

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS52845 CHERRY-CS52845 Datasheet
142Kb / 6P
   Current Mode PWM Control Circuit with 50% Max Duty Cycle
CS3845B CHERRY-CS3845B Datasheet
149Kb / 6P
   Current Mode PWM Control Circuit with 50% Max Duty Cycle
logo
ATMEL Corporation
U6084B ATMEL-U6084B_05 Datasheet
233Kb / 11P
   PWM Power Control with Automatic Duty-cycle Reduction
logo
TEMIC Semiconductors
U6084B TEMIC-U6084B Datasheet
141Kb / 8P
   PWM Power Control with Automatic Duty Cycle Reduction
logo
ATMEL Corporation
U6084B ATMEL-U6084B Datasheet
183Kb / 10P
   PWM Power Control with Automatic Duty-cycle Reduction
logo
Texas Instruments
UCC28220 TI-UCC28220 Datasheet
373Kb / 24P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220 TI-UCC28220_07 Datasheet
616Kb / 30P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220 TI-UCC28220_15 Datasheet
897Kb / 32P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
logo
Cherry Semiconductor Co...
CS52843 CHERRY-CS52843 Datasheet
147Kb / 6P
   Current Mode PWM Control Circuit
logo
ON Semiconductor
CS52843 ONSEMI-CS52843 Datasheet
240Kb / 9P
   Current Mode PWM Control Circuit
July, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com