Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS51031 Datasheet(PDF) 8 Page - Cherry Semiconductor Corporation

Part # CS51031
Description  Fast PFET Buck Controller Does Not Require Compensation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51031 Datasheet(HTML) 8 Page - Cherry Semiconductor Corporation

  CS51031 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS51031 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS51031 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS51031 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51031 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51031 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51031 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51031 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
8L PDIP; 300 mil wide
8
© 1999 Cherry Semiconductor Corporation
Rev. 2/13/98
Ordering Information
Part Number
Description
CS51031YD8
8L SO Narrow
CS51031YDR8
8L SO Narrow (tape & reel)
CS51031YN8
8L PDIP
0.39 (.015)
MIN.
2.54 (.100) BSC
1.77 (.070)
1.14 (.045)
D
Some 8 and 16 lead
packages may have
1/2 lead at the end
of the package.
All specs are the same.
.203 (.008)
.356 (.014)
REF: JEDEC MS-001
3.68 (.145)
2.92 (.115)
8.26 (.325)
7.62 (.300)
7.11 (.280)
6.10 (.240)
.356 (.014)
.558 (.022)
Cherry Semiconductor Corporation reserves the right to
make changes to the specifications without notice. Please
contact Cherry Semiconductor Corporation for the latest
available information.
Package Specification
Thermal Data
8L SO Narrow
8L PDIP
RQJC
typ
45
52
ûC/W
RQJA
typ
165
100
ûC/W
D
Lead Count
Metric
English
Max
Min
Max
Min
8L SO Narrow
5.00
4.80
.197
.189
8L PDIP
10.16
9.02
.400
.355
PACKAGE DIMENSIONS IN mm (INCHES)
PACKAGE THERMAL DATA
8L SO Narrow; 150 mil wide
1.27 (.050) BSC
0.51 (.020)
0.33 (.013)
6.20 (.244)
5.80 (.228)
4.00 (.157)
3.80 (.150)
1.57 (.062)
1.37 (.054)
D
0.25 (0.10)
0.10 (.004)
1.75 (.069) MAX
1.27 (.050)
0.40 (.016)
REF: JEDEC MS-012
0.25 (.010)
0.19 (.008)


Similar Part No. - CS51031

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51031 ONSEMI-CS51031 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
December, 2001 ??Rev. 9
CS51031 ONSEMI-CS51031 Datasheet
95Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
CS51031 ONSEMI-CS51031 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS51031GD8 ONSEMI-CS51031GD8 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
December, 2001 ??Rev. 9
CS51031GD8 ONSEMI-CS51031GD8 Datasheet
95Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
More results

Similar Description - CS51031

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51033 CHERRY-CS51033 Datasheet
159Kb / 8P
   Fast PFET Buck Controller Does Not Require Compensation
logo
HTC Korea TAEJIN Techno...
LM51031 HTC-LM51031 Datasheet
273Kb / 9P
   Fast PFET Buck Controller
logo
ON Semiconductor
CS51031 ONSEMI-CS51031 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
December, 2001 ??Rev. 9
CS51033 ONSEMI-CS51033 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
October, 2002 ??Rev. 8
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com