Electronic Components Datasheet Search |
|
EKZE800ESS681MM25S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
EKZE800ESS681MM25S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 3 page MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS Low impedance, 105C CAT. No. E1001E Sleeve (PET) L' 15min 4min Vent (Except 7L & F5 & F6.3) @Ultra Low impedance for Personal Computer and Storage Equipment @Endurance with ripple current: 105C 1000 to 5000 hours @Non solvent-proof type @Pb-free design ?SPECIFICATIONS (at 20C, 120Hz) (at 20C after 2 minutes) (at 20C, 120Hz) (at 120Hz) Category Temperature Range Rated Voltage Range Capacitance Tolerance Leakage Current Dissipation Factor (tane) Low Temperature Characteristics (Max. Impedance Ratio) Endurance Shelf Life Items -40 to +105C 6.3 to 100Vdc P20% (M) I=0.01CV or 3MA, whichever is greater. Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V) Rated voltage (Vdc) tanE (Max.) When nominal capacitance exceeds 1000MF, add 0.02 to the value above for each 1000MF increase. Z (-25C) / Z (+20C) 2max. Z (-40C) / Z (+20C) 3max. The following specifications shall be satisfied when the capacitors are restored to 20C after subjected to DC voltage with the rated ripple current is applied for the specified period of time at 105C. Time 7L : 1000hours F5 & F6.3 : 2000hours F8 : 3000hours F10 : 4000hours F12.5 & F16 : 5000hours Capacitance change [P25% of the initial value D.F. (tanE) [200% of the initial specified value Leakage current [The initial specified value The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 500 hours at 105C without voltage applied. Capacitance change [P25% of the initial value D.F. (tanE) [200% of the initial specified value Leakage current [The initial specified value Characteristics 6.3V 0.22 10V 0.19 16V 0.16 25V 0.14 35V 0.12 50V 0.10 63V 0.09 80V 0.09 100V 0.08 ?DIMENSIONS [mm] ?PART NUMBERING SYSTEM 5 0.45 0.5 2.0 fD fd F fD' L' 6.3 0.45 0.5 2.5 8 0.45 0.6 3.5 16, 18 - 0.8 7.5 10, 12.5 - 0.6 5.0 FD+0.5max. L+1.5max.(7L : L+1.0max.) 7L 11LK lower Z KZE Lower Z KY KZH (F5 to F10) (F12.5 to F16) Gas escaped end seal Upgrade! @Terminal Code : E Supplement code Size code Capacitance tolerance code Capacitance code (ex. 6.8MF:6R8,10MF:101,1000MF:102) Lead forming·taping code Terminal code Voltage code (ex. 6.3V:6R3,10V:100,100V:101) Series code Category E K Z E A A A E A A A A A A A A N M 13 4 26 7 8 9 10 512 13 11 16 17 18 15 14 Please refer to "A guide to global code (radial lead type)" (1/3) |
Similar Part No. - EKZE800ESS681MM25S |
|
Similar Description - EKZE800ESS681MM25S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |