Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5111 Datasheet(PDF) 10 Page - Cherry Semiconductor Corporation

Part # CS5111
Description  1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5111 Datasheet(HTML) 10 Page - Cherry Semiconductor Corporation

Back Button CS5111 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 9Page - Cherry Semiconductor Corporation CS5111 Datasheet HTML 10Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Part Number
Description
CS5111YDWF24
24 Lead SO Wide
(internally fused leads)
CS5111YDWFR24
24 Lead SO Wide
(internally fused leads) (tape & reel)
10
Rev. 12/28/98
Thermal Data
24 Lead SO Wide
RΘJC
typ
9
˚C/W
RΘJA
typ
55
˚C/W
Package Specification
PACKAGE THERMAL DATA
Ordering Information
D
Lead Count
Metric
English
Max
Min
Max
Min
24 Lead SO Wide
15.60
15.20
.614 .598
(internally fused leads)
PACKAGE DIMENSIONS IN mm (INCHES)
© 1999 Cherry Semiconductor Corporation
Cherry Semiconductor Corporation reserves the right to
make changes to the specifications without notice. Please
contact Cherry Semiconductor Corporation for the latest
available information.
1.27 (.050) BSC
7.60 (.299)
7.40 (.291)
10.65 (.419)
10.00 (.394)
D
0.32 (.013)
0.23 (.009)
1.27 (.050)
0.40 (.016)
REF: JEDEC MS-013
2.49 (.098)
2.24 (.088)
0.51 (.020)
0.33 (.013)
2.65 (.104)
2.35 (.093)
0.30 (.012)
0.10 (.004)
Surface Mount Wide Body (DW); 300 mil wide


Similar Part No. - CS5111

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5111 ONSEMI-CS5111 Datasheet
112Kb / 16P
   Switching Regulator
January, 2001 ??Rev. 9
CS5111YDWF24 ONSEMI-CS5111YDWF24 Datasheet
112Kb / 16P
   Switching Regulator
January, 2001 ??Rev. 9
CS5111YDWFR24 ONSEMI-CS5111YDWFR24 Datasheet
112Kb / 16P
   Switching Regulator
January, 2001 ??Rev. 9
More results

Similar Description - CS5111

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5112 CHERRY-CS5112 Datasheet
199Kb / 10P
   1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE
CS8140 CHERRY-CS8140 Datasheet
214Kb / 12P
   5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
   Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
CS8121 CHERRY-CS8121 Datasheet
205Kb / 8P
   5V, 1A Linear Regulator with and ENABLE RESET
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
CS8151 CHERRY-CS8151 Datasheet
196Kb / 8P
   5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
CS8151C CHERRY-CS8151C Datasheet
142Kb / 8P
   5V, 100mA Low Dropout Linear Regulator with Watchdog, RESET, & Wake Up
logo
ON Semiconductor
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
   1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
NCV8518A ONSEMI-NCV8518A Datasheet
139Kb / 13P
   Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com