Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS51033YN8 Datasheet(PDF) 7 Page - Cherry Semiconductor Corporation

Part # CS51033YN8
Description  Fast PFET Buck Controller Does Not Require Compensation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS51033YN8 Datasheet(HTML) 7 Page - Cherry Semiconductor Corporation

  CS51033YN8 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS51033YN8 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS51033YN8 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS51033YN8 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS51033YN8 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS51033YN8 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS51033YN8 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS51033YN8 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
to rise slowly and finally it controls the Hiccup short circuit
protection circuitry. This function reduces the PFET's duty
cycle to 2% of the CS period.
The most important consideration in calculating CS is that
it’s voltage does not reach 2.5V (the voltage at which the
fault detect circuitry is enabled) before VFB reaches 1.15V
otherwise the power supply will never start.
If the VFB pin reaches 1.15V the fault timing comparator will
discharge CS and the supply will not start. For the VFB volt-
age to reach 1.15V the output voltage must be at least 4 ×
1.15 = 4.6V.
If we choose an arbitrary startup time of 200µs we calculate
the value of CS from:
T =
CS(min) =
= 0.02µF
Use 0.1µf.
The fault time out time is the sum of the slow discharge
time the fast discharge time and the recharge time and is
obviously dominated by the slow discharge time.
The first parameter is the slow discharge time, it is the time
for the CS capacitor to discharge from 2.4V to 1.5V and is
given by:
TSLOWDISCHARGE =
Where IDISCHARGE is 6µA typical.
TSLOWDISCHARGE = CS × 1.5V × 105
The fast discharge time occurs when a fault is first detected.
The CS capacitor is discharged from 2.5V to 2.4V.
TFASTDISCHARGE =
Where IFASTDISCHARGE is 66µA typical.
TFASTDISCHARGE = CS × 1515
The recharge time is the time for CS to charge from 1.5V to
2.5V.
TCHARGE =
Where ICHARGE is 264µA typical.
TCHARGE = CS × 3787
The fault time out time is given by:
TFAULT = CS × (3787 + 1515 + 1.5 × 105)
TFAULT = CS × 1.55 × 105
For this circuit
TFAULT = 0.1 × 10-6 × 1.55 × 105 = 0.0155
A larger value of CS will increase the fault time out time but
will also increase the soft start time.
8) Input Capacitor.
The input capacitor reduces the peak currents drawn from
the input supply and reduces the noise and ripple voltage
on the VCC and VC pins. This capacitor must also ensure
that the VCC remains above the UVLO voltage in the event
of an output short circuit. CIN should be a low ESR capacitor
of at least 100µf. A ceramic surface mount capacitor should
also be connected between VCC and ground to prevent
spikes.
9) MOSFET Selection
The CS51033 drive a P-channel MOSFET. The VGATE pin
swings from Gnd to VC. The type of PFET used depends on
the operating conditions but for input voltages below 7V a
logic level FET should be used.
Choose a PFET with a continuous drain current (Id) rating
greater than the maximum output current. RDS(on) should be
less than
RDS < =
167mΩ
The Gate-to-Source voltage VGS and the Drain-to Source
Breakdown Voltage should be chosen based on the input
supply voltage.
The power dissipation due to the conduction losses is given
by:
PD = OUT2 × RDS(on) × D
The power dissipation due to the switching losses is given
by:
PD = 0.5 × VIN × IOUT × (TRr + TF) × FSW
Where tr =Rise Time and tf= Fall Time.
10) Diode Selection.
The flyback or catch diode should be a Schottky diode
because of it’s fast switching ability and low forward volt-
age drop. The current rating must be at least equal to the
maximum output current. The breakdown voltage should
be at least 20V for this 12V application.
The diode power dissipation is given by:
PD = IOUT × VD × (1-DMIN)
0.6V
IOUT(max)
CS × (2.5V-1.5V)
ΙCHARGE
CS × (2.5V - 2.4V)
ΙFASTDISCHARGE
CS × (2.4V-1.5V)
ΙDISCHARGE
200µs × 264µA
2.5V
CS × 2.5V
ICHARGE
Applications Information: continued


Similar Part No. - CS51033YN8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51033YD8 ONSEMI-CS51033YD8 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
October, 2002 ??Rev. 8
CS51033YD8 ONSEMI-CS51033YD8 Datasheet
96Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 10
CS51033YD8G ONSEMI-CS51033YD8G Datasheet
96Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 10
CS51033YDR8 ONSEMI-CS51033YDR8 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
October, 2002 ??Rev. 8
CS51033YDR8 ONSEMI-CS51033YDR8 Datasheet
96Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 10
More results

Similar Description - CS51033YN8

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51031 CHERRY-CS51031 Datasheet
153Kb / 8P
   Fast PFET Buck Controller Does Not Require Compensation
logo
HTC Korea TAEJIN Techno...
LM51031 HTC-LM51031 Datasheet
273Kb / 9P
   Fast PFET Buck Controller
logo
ON Semiconductor
CS51031 ONSEMI-CS51031 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
December, 2001 ??Rev. 9
CS51033 ONSEMI-CS51033 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
October, 2002 ??Rev. 8
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com