Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376382-4 Datasheet(PDF) 76 Page - Tyco Electronics

Part # 3-1376382-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376382-4 Datasheet(HTML) 76 Page - Tyco Electronics

Back Button 3-1376382-4 Datasheet HTML 72Page - Tyco Electronics 3-1376382-4 Datasheet HTML 73Page - Tyco Electronics 3-1376382-4 Datasheet HTML 74Page - Tyco Electronics 3-1376382-4 Datasheet HTML 75Page - Tyco Electronics 3-1376382-4 Datasheet HTML 76Page - Tyco Electronics 3-1376382-4 Datasheet HTML 77Page - Tyco Electronics 3-1376382-4 Datasheet HTML 78Page - Tyco Electronics 3-1376382-4 Datasheet HTML 79Page - Tyco Electronics 3-1376382-4 Datasheet HTML 80Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 98 page
background image
210
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Application Tooling (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Hand Tools
Related Product Data
Contacts
2.5 mm Signal Double Lock
(SDL)—page 12
Micro MATE-N-LOK 3 mm—page 22
Grace Inertia Connectors (GIC)
3.5—page 50
.062 Commercial Pin and
Socket—page 55
Power Double Lock (PDL)—page
61
Mini Universal MATE-N-LOK—
page 86
Mini Universal MATE-N-LOK 2—
pages 100-101
(MR) Miniature Rectangular—
page 112
VAL-U-LOK Connector System—
page 120
AMP-DUAC—pages 126-127
5.0 mm Power Key Connectors
(PKC)—page 137
.093 Commercial Pin and
Socket—page 145
Commercial MATE-N-LOK—
pages 155-156
.140 MATE-N-LOK—page 166
Universal MATE-N-LOK—
pages 172-173
Universal MATE-N-LOK II—page 192
.156 MATE-N-LOK—page 203
Features
CERTI-CRIMP Hand Tool
PRO-CRIMPER III Hand Tool
Field Repair/Prototyping
X
X
OEM Applications/Low Volume Production
X—
Ratchet Control
XX
Brush/Bellmouth Control
XX
Precision Crimp Height Control
XX
Little/No Operator Training
X—
Insulation Adjustment
X—
Repairable
X—
CERTI-CRIMP II Hand Tool
PRO-CRIMPER III Hand Tool
Catalog 65780
Catalog 82276
CERTI-CRIMP Hand Tool
PRO-CRIMPER III Hand Tool
Density
Product Line
Part Number
Instruction Sheet
Part Number Instruction Sheet
2.5 mm Signal Double Lock (SDL)
234603-1
411-5735
——
234604-1
411-5736
——
Micro MATE-N-LOK 3 mm
91501-1
408-8547
——
91502-1
408-8547
——
Grace Inertia Connectors (GIC) 3.5
1596277-1
411-78101
——
.062 Commercial Pin & Socket
——
90870-1
408-9965
——
90869-1
408-9964
Power Double Lock (PDL)
91567-1
408-8547
——
91569-1
408-8547
——
Mini-Universal MATE-N-LOK
91529-1
408-8547
90758-1
408-9938
High
and
91522-1
408-8547
90759-1
408-9962
Sealed Mini-Universal MATE-N-LOK
91594-1
408-8547
90760-1
408-9963
90717-2
408-4443
——
91529-1
408-8547
——
Mini-Universal MATE-N-LOK 2
91522-1
408-8547
——
91594-1
408-8547
——
90717-2
408-4443
——
(MR) Miniature Rectangular
91534-1
408-8547
58514-1
408-9973
91526-1
408-8547
58514-1
408-9973
VAL-U-LOK Connector System
——
91387-1
408-8917
——
91388-1
408-8918
AMP-DUAC
90714-1
408-4385
——
734202-2
——
5.0 mm Power Key Connectors (PKC)
——
.093 Commercial Pin & Socket
——
90872-1
408-9967
——
90871-1
408-9966
91515-1
408-8547
——
Commercial MATE-N-LOK
91512-1
408-8547
90574-1
408-9886
91504-1
408-8547
90575-1
408-9887
91552-1
408-8547
——
.140 MATE-N-LOK
69710-11
408-2095
——
58373-12
408-9442
——
Standard
58374-12
408-9442
——
58439-1
408-9591
——
91510-1
408-8547
90548-1
408-9885
Universal MATE-N-LOK
91500-1
408-8547
90546-1
408-9883
and
91508-1
408-8547
90547-1
408-9884
Universal MATE-N-LOK II
91506-1
408-8547
90547-1
408-9884
69710-11
408-2095
——
58380-12
408-9433
——
58380-22
408-9433
——
.156 MATE-N-LOK
58631-1
408-4341
——
58632-1
408-4340
——
1
Hand tool requires die set.
2
Die set.
Note: This listing is for reference purposes only. To obtain part numbers for specific applications call Technical Support.


Similar Part No. - 3-1376382-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376382-4 MACOM-3-1376382-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376382-4 MACOM-3-1376382-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376382-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com