Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376382-4 Datasheet(PDF) 27 Page - Tyco Electronics

Part # 3-1376382-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376382-4 Datasheet(HTML) 27 Page - Tyco Electronics

Back Button 3-1376382-4 Datasheet HTML 23Page - Tyco Electronics 3-1376382-4 Datasheet HTML 24Page - Tyco Electronics 3-1376382-4 Datasheet HTML 25Page - Tyco Electronics 3-1376382-4 Datasheet HTML 26Page - Tyco Electronics 3-1376382-4 Datasheet HTML 27Page - Tyco Electronics 3-1376382-4 Datasheet HTML 28Page - Tyco Electronics 3-1376382-4 Datasheet HTML 29Page - Tyco Electronics 3-1376382-4 Datasheet HTML 30Page - Tyco Electronics 3-1376382-4 Datasheet HTML 31Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 98 page
background image
161
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Commercial MATE-N-LOK Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
PC Board Vertical Pin
Headers
Material
Housing — Nylon, natural color
Flammability Rating — UL94V-2
Contacts — Phosphor bronze
Solder tail diameter .062 [1.57]
Related Product Data
Product Specifications
108-1077 Commercial MATE-N-LOK
PC Board Headers
Performance Characteristics—
pages 151-152
Technical Documents—pages 151
and 205-206
Mating Socket Housings—
pages 157-160
Mating Socket Headers—page 162
Mating IDC—page 163
Detent Lock
Recommended PC Board Hole Layout
Mounting Dimensions
Recommended PC Board Hole Layout
Mounting Dimensions
Positive Lock
Positive Lock
2, 3, and 4 Circuit,
In-Line
6, 8, 10, 12 and 16 Circuit,
Dual Row
Number of
A
Type
Part Numbers
Mates with
Standard2
Long3
Socket Housing
Circuits
Dim.
Lock
Finish
Tail
Tail
Part Number
Positive
Pre-tin
350539-1
350540-1
1-480720-0
2
.515
Duplex1
1586530-2
13.09
Detent
Pre-tin
350209-1
350422-1
1-480318-0
Duplex1
1586512-2
Positive
Pre-tin
350541-1
350542-1
1-480721-0
3
.715
Duplex1
1586532-2
18.17
Detent
Pre-tin
350210-1
350423-1
1-480303-0
Duplex1
1586514-2
Positive
Pre-tin
350543-15
350544-15
1-480722-05
Duplex1
1586534-25
1586536-25
.915
Pre-tin
350211-15
350424-15
4
794236-15,8
1-480424-04,5
23.24
Detent
Post-tin
1586627-15,6
1-1586627-15,6,7
Duplex1
1586515-25
1586525-25
6
.705
Positive
Pre-tin
1-380999-0
350425-1
1-480270-0
17.91
Duplex1
2-1586546-0
1586526-2
8
.900
Positive
Pre-tin
350212-1
350426-1
1-480283-0
22.86
Duplex1
1586518-2
1586528-2
10
1.095
Positive
Pre-tin
1-380991-0
350219-1
1-480285-0
27.81
Duplex1
2-1586544-0
12
1.290
Positive
Pre-tin
350213-1
350220-1
1-480287-0
32.77
Duplex1
1586520-2
1586524-2
16
1.680
Positive
Pre-tin
350214-1
350427-1
1-480438-0
42.68
Duplex1
1586522-2
1586529-2
1
Duplex Finish — Plated with .000030 [.000762] min. gold in mating area, matte tin on solder tail end over .000050
[.00127] min. nickel underplate on entire contact.
2
Use standard tail for .062 [1.57] thick PC Board.
3
Use long tail for .125 [3.18] thick PC Board.
4
Other mating connectors include a vertical PC Board socket header and the insulation displacement connectors (IDC).
5
Used by the disk drive industry.
6
With drain holes.
7
Tube loaded.
8
Housing material UL94V-0 rated.
Note: All part numbers are RoHS Compliant.
.330
[8.38]
A
A
.375
[9.52]
.375
[9.52]
.200
[5.08]
.330
[3.38]
Typ.
.070
[1.78]
.070
[1.78]
.360
[9.14]
.375
[9.14]
.785
[19.93]
A
Dia. Typ.
.195
[4.95]
Typ.
Dia. Typ.


Similar Part No. - 3-1376382-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376382-4 MACOM-3-1376382-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376382-4 MACOM-3-1376382-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376382-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com