Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376383-4 Datasheet(PDF) 78 Page - Tyco Electronics

Part # 3-1376383-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376383-4 Datasheet(HTML) 78 Page - Tyco Electronics

Back Button 3-1376383-4 Datasheet HTML 74Page - Tyco Electronics 3-1376383-4 Datasheet HTML 75Page - Tyco Electronics 3-1376383-4 Datasheet HTML 76Page - Tyco Electronics 3-1376383-4 Datasheet HTML 77Page - Tyco Electronics 3-1376383-4 Datasheet HTML 78Page - Tyco Electronics 3-1376383-4 Datasheet HTML 79Page - Tyco Electronics 3-1376383-4 Datasheet HTML 80Page - Tyco Electronics 3-1376383-4 Datasheet HTML 81Page - Tyco Electronics 3-1376383-4 Datasheet HTML 82Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 98 page
background image
212
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Applicator Options (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Strip Form Contact
Heavy-Duty Miniature Applicator Part Numbers
Part Number
Used on Bench Top Terminators
Used on Automatic Leadmaking
Used on
Pin
Socket
AMP-O-LECTRIC
AMP-O-LECTRIC
Equipment (AMPOMATOR CLS
AMP-O-MATIC
Model K Machine
Model G Machine
Machine with T or G Terminators)
Stripper-Crimper Machine
794955-1
794956-1
794955-2
794956-2
1385817-2
1385817-3
1385817-1
794955-3
794956-3
794955-4
794956-4
794957-1
794958-1
794957-2
794958-2
1385448-2
1385448-3
1385448-1
794957-3
794958-3
794957-4
794958-4
794576-1
106529-2
680308-2
680308-3
567959-1
1-794138-3
794578-1
106528-2
680307-2
680307-3
567960-1
1-794139-3
1-794140-3
680350-2
680350-3
——
794418-1
1376347-1
**
*
*
1376348-1
**
*
*
350418-1
350417-1
350417-3
466656-2
466656-3
466656-1
466922-1
350418-5
350417-5
350416-1
350415-1
466878-2
466878-3
466878-1
466959-1
350416-5
350415-5
770530-1
770529-1
567337-4
567337-6
567337-3
770385-1
770383-1
——
567273-2
567273-4
567273-3
350079-1
350078-1
350079-4
350078-4
466426-2
466426-3
466426-1
350079-5
350078-5
61116-1
61314-1
61116-4
61314-4
61116-5
61314-5
466320-2
466320-4
466320-1
466917-1
61116-6
61314-6
61116-7
61314-7
61118-1
61117-1
61118-4
61117-4
61118-5
61117-5
687763-2
687763-6
687763-1
466920-1
61118-6
61117-6
61118-7
61117-7
350558-1
350557-1
350558-4
350557-4
687898-2
687898-4
687898-1
61527-2
466320-2
466320-4
466320-1
466917-1
61627-1
61626-1
61627-2
61626-2
567306-2
567306-3
567306-1
350201-1
350200-1
350201-2
350200-2
567309-2
567309-3
587309-1
350924-1
350925-1
350924-6
350925-6
466616-2
466616-3
——
350561-1
350851-1
350570-1
350561-2
350851-2
350570-2
350561-7
350851-7
466320-2
466320-4
466320-1
466917-1
350570-7
350561-3
350570-3
350570-6
Note: Stripper Crimper (SCA) and Crimp Quality Monitor Applicators may be available. Call Technical Support for Part Numbers.
* Contact the Tooling Assistance Center (TAC) at 1-800-722-1111 for Applicator Part Numbers.
Note: All part numbers are RoHS Compliant.
5.0 mm Power Key
Connectors (PKC)
.093 Commercial Pin
and Socket Contacts
Commercial
MATE-N-LOK
Contacts
.140 MATE-N-LOK
Contacts
Universal
MATE-N-LOK
Contacts
AMP-DUAC
VAL-U-LOK
Connector System


Similar Part No. - 3-1376383-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376383-4 MACOM-3-1376383-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376383-4 MACOM-3-1376383-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376383-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
3-1376390-4 MACOM-3-1376390-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com