Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB14 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TB14
Description  .375 (9.52mm) Center-to-Center Spacing
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TB14 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  TB14 Datasheet HTML 1Page - List of Unclassifed Manufacturers TB14 Datasheet HTML 2Page - List of Unclassifed Manufacturers TB14 Datasheet HTML 3Page - List of Unclassifed Manufacturers TB14 Datasheet HTML 4Page - List of Unclassifed Manufacturers TB14 Datasheet HTML 5Page - List of Unclassifed Manufacturers TB14 Datasheet HTML 6Page - List of Unclassifed Manufacturers TB14 Datasheet HTML 7Page - List of Unclassifed Manufacturers TB14 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Curtis Industries
A Division of Powers Holdings, Inc.
www.curtisind.com
Speci cations sub ect to change.
Dimensions are shown for
reference purposes only.
32
Series 1500/2000 Accessories
QUICK-CONNECT TERMINALS
1500/2000 – Available with .187" x .202" quick-connect tabs
for 1500 series; .250" x .032" for 2000 series. Nine styles . . .
tin-plated brass tabs held in place by terminal screws. Up to
six terminations per pole. To order, specify:
1500 Series: Part No. TB11-19
2000 Series: Part No. TB31-39
Last digit of part number corresponds
to previous style numbers.
TB12 (1500)
TB19 (1500)
Part No. TB11
See Table A, Dim 1
1.00
(25,4)
.250
(6,35)
.125
(3,18)
.031
(,787)
.589
(14,96)
.187
(4,75)
.156 (0) Dia. Hole
See Table A,
Dim. 3 (2)
.250
(6,35)
See Table A,
Dim. 2
1.307
(33,2)
.826
(20,98)
.243
(6,17
45°
.806
(20,47)
90°
Part No. TB19
.727
(18,47)
90°
.125
.250
.150
.184
.367 + .005
- .003
.088
.312
.156
2X ÿ .062
.422
.156
.031
.300±.003
.031
.625
1.672
.312
.088
1.481
.268
.960
45%
.960
.399
90%
90%
.831
TB31 (2000)
TB39 (2000)
TB17 (1500)
See
Table A
Dim. 4
.150
(3,81
Part No. TB17
.150
1.197
TB37 (2000)
P
t N
TB15
1.049
(26,64)
90°
45°
TB15 (1500)
1.224
45%
90%
TB35 (2000)
TB16 (1500)
.994
(25,25)
90°
1.318
90%
TB36 (2000)
1.392
(35,36)
45°
TB14 (1500)
1.570
45%
TB34 (2000)
.955
(24,26)
45°
1.099
45%
TB38 (2000)
TB18 (1500)
TB13 (1500)
TB33 (2000)
TB32 (2000)
TB11 (1500)


Similar Part No. - TB14

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1400AA5112 TAI-SAW-TB1400AA5112 Datasheet
255Kb / 8P
   562.5MHz 100MHzBW SMD 5.0mm x 5.0mm SAW IF Filter
logo
DONGGUAN YOU FENG WEI E...
TB14F YFWDIODE-TB14F Datasheet
422Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
TB14F-ABF YFWDIODE-TB14F-ABF Datasheet
422Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
logo
Dongguan Pingjingsemi T...
TB14F-PJ PJSEMI-TB14F-PJ Datasheet
453Kb / 3P
   SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
TB14S YFWDIODE-TB14S Datasheet
422Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
More results

Similar Description - TB14

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2975 KR-2975 Datasheet
95Kb / 3P
   375 MHz Center Frequency
2975-SMA KR-2975-SMA Datasheet
70Kb / 3P
   375 MHz Center Frequency
logo
Advanced Thermal Soluti...
ATS-61350K-C1-R0 ATS-ATS-61350K-C1-R0_17 Datasheet
304Kb / 1P
   Product hole pattern is 24 mm C-C (center to center)
REV4_0516
logo
Sony Corporation
ACX306BKM SONY-ACX306BKM Datasheet
218Kb / 27P
   Center luminance
logo
EIC discrete Semiconduc...
CT1500 EIC-CT1500 Datasheet
44Kb / 2P
   CENTER TAP DIODES
CT1500R EIC-CT1500R Datasheet
40Kb / 2P
   CENTER TAP DIODES
logo
CUI INC
PJ-043-SMT-TR CUI-PJ-043-SMT-TR Datasheet
163Kb / 3P
   1.0mm center pin
logo
Sangdest Microelectroni...
301CNQ_SERIES SMC-301CNQ_SERIES Datasheet
206Kb / 4P
   Center tap module
logo
Murata Manufacturing Co...
CEG231G73DCB100 MURATA-CEG231G73DCB100 Datasheet
176Kb / 2P
   center frequency tolerance
CEG232G53DCB100 MURATA-CEG232G53DCB100 Datasheet
165Kb / 2P
   center frequency tolerance
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com