Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB31 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TB31
Description  .375 (9.52mm) Center-to-Center Spacing
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TB31 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TB31 Datasheet HTML 1Page - List of Unclassifed Manufacturers TB31 Datasheet HTML 2Page - List of Unclassifed Manufacturers TB31 Datasheet HTML 3Page - List of Unclassifed Manufacturers TB31 Datasheet HTML 4Page - List of Unclassifed Manufacturers TB31 Datasheet HTML 5Page - List of Unclassifed Manufacturers TB31 Datasheet HTML 6Page - List of Unclassifed Manufacturers TB31 Datasheet HTML 7Page - List of Unclassifed Manufacturers TB31 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Curtis Industries
A Division of Powers Holdings, Inc.
www.curtisind.com
ci c tions su
ct to c n .
Dimensions are shown for
reference purposes only.
30
Series 2000 .4375" (11.11mm) Center-to-Center Spacing
Features:
Flexible Hi-Temp Thermoplastic Terminal Blocks
Self-extinguishing types which resist breakage and other
damage (conform to UL94V-0).
Terminal Flexibility
– Ideal for surface mount, sub-panel
or chassis connections in electronic/electrical circuit
applications. One thru 26 terminals.
Economical Closed-Back Design
– No need for costly
insulation strip.
Broad Wire Range
– No. 6-32 external twin screws, UL
recognized for No. 22AWG to No. 10AWG. Variations
include double solder lug, single solder lug, wire wrap,
solder pin and printed circuit pin.
UL/CSA Electrical Ratings
– UL 30A/1100V RMS (1/3
breakdown voltage), CSA rating: 20A/300.
Recognition and Listing
– Various terminal types are UL
recognized and CSA certified.
INTERNAL TERMINAL DESIGNATIONS
2000-Y
printed circuit board design with .062" x
.031" solderable tin-plated pin
2000-YSY
solder pin
2000-YWY
wire wrap
EXTERNAL TERMINAL DESIGNATIONS
2000
screw teminal with No. 6-32 plated steel*
screw accepting up to No. 10AWG wire
2000-ST
solderable tin-plated double solder tab
2000-3/4ST
solderable tin-plated single solder tab
2000-W
wire clamp captivated to a No. 6-32 plated
steel screw
* Other materials available – contact factory or your local
representative for additional information.
Recognized under the Components Program of
Underwriters Laboratories, Inc. Standard 1059,
Guide No. XCFR2, File No. E62557.
Guide No. 22.2 No. 158, Report No. LR39186-1.
COMPLIES WITH IEC 947-7-1
Series 2000 Dimensions
O.D.
M.D.
.437Typ.
(11,11)
.180
(4,57)
6-32 Terminal
Screw
.120 Dia. Mtfg. Holes (4)
(3,05)
.185Dia. Holes (4)
(4,69)
.375Max. Lug Access
(9,52)
.500
(12,7)
.312
(7,93)
.031
(.787)
Series 2000 Variations
.652
(15,87)
.062
(1,57)
.062
(1,57)
.652
(15,87)
YWY
wire-wrap
terminal
YSY
solder
terminal
.234
(5,94)
.062
(1,57)
Y
printer
circuit
terminal
W
wire clamp
3/4 ST
single solder lug
ST
double solder lug


Similar Part No. - TB31

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TB31 ETC2-TB31 Datasheet
174Kb / 4P
   3.0A SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB31 TAITRON-TB31 Datasheet
174Kb / 4P
   3.0A Single-Phase Silicon Bridge Rectifier
logo
List of Unclassifed Man...
TB310 ETC2-TB310 Datasheet
174Kb / 4P
   3.0A SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB310 TAITRON-TB310 Datasheet
174Kb / 4P
   3.0A Single-Phase Silicon Bridge Rectifier
logo
PETERMANN-TECHNIK
TB310 PETERMANN-TB310 Datasheet
689Kb / 2P
   THT QUARTZ CRYSTAL SERIES TB
More results

Similar Description - TB31

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2975 KR-2975 Datasheet
95Kb / 3P
   375 MHz Center Frequency
2975-SMA KR-2975-SMA Datasheet
70Kb / 3P
   375 MHz Center Frequency
logo
Advanced Thermal Soluti...
ATS-61350K-C1-R0 ATS-ATS-61350K-C1-R0_17 Datasheet
304Kb / 1P
   Product hole pattern is 24 mm C-C (center to center)
REV4_0516
logo
Sony Corporation
ACX306BKM SONY-ACX306BKM Datasheet
218Kb / 27P
   Center luminance
logo
EIC discrete Semiconduc...
CT1500 EIC-CT1500 Datasheet
44Kb / 2P
   CENTER TAP DIODES
CT1500R EIC-CT1500R Datasheet
40Kb / 2P
   CENTER TAP DIODES
logo
CUI INC
PJ-043-SMT-TR CUI-PJ-043-SMT-TR Datasheet
163Kb / 3P
   1.0mm center pin
logo
Sangdest Microelectroni...
301CNQ_SERIES SMC-301CNQ_SERIES Datasheet
206Kb / 4P
   Center tap module
logo
Murata Manufacturing Co...
CEG231G73DCB100 MURATA-CEG231G73DCB100 Datasheet
176Kb / 2P
   center frequency tolerance
CEG232G53DCB100 MURATA-CEG232G53DCB100 Datasheet
165Kb / 2P
   center frequency tolerance
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com