Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA2029Y3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # BTA2029Y3
Description  BTA2029Y3 CYStek Product Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA2029Y3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  BTA2029Y3 Datasheet HTML 1Page - Cystech Electonics Corp. BTA2029Y3 Datasheet HTML 2Page - Cystech Electonics Corp. BTA2029Y3 Datasheet HTML 3Page - Cystech Electonics Corp. BTA2029Y3 Datasheet HTML 4Page - Cystech Electonics Corp. BTA2029Y3 Datasheet HTML 5Page - Cystech Electonics Corp. BTA2029Y3 Datasheet HTML 6Page - Cystech Electonics Corp. BTA2029Y3 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C306Y3
Issued Date : 2011.11.03
Revised Date : 2011.11.04
Page No. : 1/7
BTA2029Y3
CYStek Product Specification
General Purpose PNP Epitaxial Planar Transistor
BTA2029Y3
Description
• The BTA2029Y3 is designed for use in driver stage of AF amplifier and general purpose amplification.
• High HFE and excellent linearity
• Complementary to BTC5658Y3.
• Pb-free package
Symbol
Outline
BTA2029Y3
SOT-723
E:Emitter
C:Collector
B:Base
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
-60
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
IC
-150
mA
Power Dissipation
Pd
150
mW
Thermal Resistance, Junction to Ambient
RθJA
833.3
°C/W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
E
C
B


Similar Part No. - BTA2029Y3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA202X NXP-BTA202X Datasheet
80Kb / 12P
   2 A Three-quadrant triacs high commutation
Rev. 01-7 February 2008
BTA202X-600D NXP-BTA202X-600D Datasheet
80Kb / 12P
   2 A Three-quadrant triacs high commutation
Rev. 01-7 February 2008
logo
WeEn Semiconductors
BTA202X-600D WEEN-BTA202X-600D Datasheet
249Kb / 13P
   3Q Hi-Com Triac
logo
NXP Semiconductors
BTA202X-600E NXP-BTA202X-600E Datasheet
80Kb / 12P
   2 A Three-quadrant triacs high commutation
Rev. 01-7 February 2008
logo
WeEn Semiconductors
BTA202X-600E WEEN-BTA202X-600E Datasheet
249Kb / 13P
   3Q Hi-Com Triac
More results

Similar Description - BTA2029Y3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTA3513J3 CYSTEKEC-BTA3513J3 Datasheet
325Kb / 8P
   CYStek Product Specification
MTP4835J3 CYSTEKEC-MTP4835J3 Datasheet
291Kb / 9P
   MTP4835J3 CYStek Product Specification
SK24SA CYSTEKEC-SK24SA Datasheet
280Kb / 6P
   SK2XSA CYStek Product Specification
MTB60A06Q8 CYSTEKEC-MTB60A06Q8 Datasheet
313Kb / 9P
   MTB60A06Q8 CYStek Product Specification
MTDN9946Q8 CYSTEKEC-MTDN9946Q8 Datasheet
391Kb / 7P
   MTDN9946Q8 CYStek Product Specification
QDM3 CYSTEKEC-QDM3 Datasheet
244Kb / 6P
   QDM3 CYStek Product Specification
MTA17A02CDN6 CYSTEKEC-MTA17A02CDN6 Datasheet
357Kb / 9P
   MTA17A02CDN6 CYStek Product Specification
MTEB4N15J3 CYSTEKEC-MTEB4N15J3 Datasheet
318Kb / 9P
   MTEB4N15J3 CYStek Product Specification
MTEF1P15Q8 CYSTEKEC-MTEF1P15Q8 Datasheet
309Kb / 9P
   MTEF1P15Q8 CYStek Product Specification
MTEH0N20L3 CYSTEKEC-MTEH0N20L3 Datasheet
298Kb / 8P
   MTEH0N20L3 CYStek Product Specification
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com