Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTB1188M3R Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # BTB1188M3R
Description  Low Vcesat PNP Epitaxial Planar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB1188M3R Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  BTB1188M3R Datasheet HTML 1Page - Cystech Electonics Corp. BTB1188M3R Datasheet HTML 2Page - Cystech Electonics Corp. BTB1188M3R Datasheet HTML 3Page - Cystech Electonics Corp. BTB1188M3R Datasheet HTML 4Page - Cystech Electonics Corp. BTB1188M3R Datasheet HTML 5Page - Cystech Electonics Corp. BTB1188M3R Datasheet HTML 6Page - Cystech Electonics Corp. BTB1188M3R Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C623M3
Issued Date : 2003.05.25
Revised Date : 2013.08.12
Page No. : 1/7
BTA1797M3
CYStek Product Specification
Low Vcesat PNP Epitaxial Planar Transistor
BVCEO
-30V
BTB1188M3R
IC
-2A
RCESAT(typ)
0.22Ω
Features
• Low VCE(sat), VCE(sat)=-0.65 V (typical), at IC / IB = -3A / -0.1A
• Excellent current gain characteristics
• Complementary to BTD1766M3
• Pb-free lead plating and halogen-free package
Symbol
Outline
BTB1188M3R
SOT-89
B:Base
C:Collector
E:Emitter
B C E
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current (DC)
IC
-2
A
Collector Current (Pulse)
ICP
-5
(Note 1)
A
Power Dissipation
Pd
0.5
W
Power Dissipation
Pd
2
(Note 2)
W
ESD susceptibility
8000 (Note 3 )
V
Operating Junction Temperature Range
Tj
-55~+150
°C
Storage Temperature Range
Tstg
-55~+150
°C
Note
: 1. Single Pulse , Pw=10ms
2. When mounting on a 40 ×40 ×0.7 mm ceramic board.
3. Human body model, 1.5kΩ in series with 100pF


Similar Part No. - BTB1188M3R

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB1188M3 CYSTEKEC-BTB1188M3 Datasheet
139Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188M3 CYSTEKEC-BTB1188M3 Datasheet
170Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188M3 CYSTEKEC-BTB1188M3_06 Datasheet
170Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
More results

Similar Description - BTB1188M3R

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB1205I3 CYSTEKEC-BTB1205I3_09 Datasheet
227Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952E3 CYSTEKEC-BTA1952E3 Datasheet
149Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1326I3 CYSTEKEC-BTB1326I3 Datasheet
138Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188AM3 CYSTEKEC-BTB1188AM3 Datasheet
252Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTPA92T3 CYSTEKEC-BTPA92T3 Datasheet
311Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772D3 CYSTEKEC-BTB772D3 Datasheet
307Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1205I3 CYSTEKEC-BTB1205I3 Datasheet
157Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
169Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1412J3 CYSTEKEC-BTB1412J3_09 Datasheet
246Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com