Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0603FR Datasheet(PDF) 8 Page - YAGEO Corporation

Part # RC0603FR
Description  ORDERING INFORMATION - GLOBAL PART NUMBER 12NC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0603FR Datasheet(HTML) 8 Page - YAGEO Corporation

  RC0603FR Datasheet HTML 1Page - YAGEO Corporation RC0603FR Datasheet HTML 2Page - YAGEO Corporation RC0603FR Datasheet HTML 3Page - YAGEO Corporation RC0603FR Datasheet HTML 4Page - YAGEO Corporation RC0603FR Datasheet HTML 5Page - YAGEO Corporation RC0603FR Datasheet HTML 6Page - YAGEO Corporation RC0603FR Datasheet HTML 7Page - YAGEO Corporation RC0603FR Datasheet HTML 8Page - YAGEO Corporation RC0603FR Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
June 29, 2012 V.4
Product specification
8
9
SERIES
RC
0603 (RoHS Compliant)
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Intermittent
Overload
IEC 60115-1 4.39
2.5 times of rated voltage or maximum
overload voltage whichever is less for 1 second
on and 25 seconds off; total 10,000 cycles
±(1.0%+0.05 Ω) for 1%,
0.5% tol.
±(2.0%+0.05 Ω) for 5% tol.
<100 mΩ for Jumper
Solderability
- Wetting
IPC/JEDEC J-STD-002B test B
Electrical Test not required
Magnification 50X
SMD conditions:
1st step: method B, aging 4 hours at 155 °C
dry heat
2nd step: leadfree solder bath at 245±3 °C
Dipping time: 3±0.5 seconds
Well tinned (≥95% covered)
No visible damage
- Leaching
IPC/JEDEC J-STD-002B test D
Leadfree solder, 260 °C, 30 seconds
immersion time
No visible damage
- Resistance to
Soldering Heat
IEC 60068-2-58
Condition B, no pre-heat of samples
Leadfree solder, 260 °C, 10 seconds
immersion time
Procedure 2 for SMD: devices fluxed and
cleaned with isopropanol
±(0.5%+0.05 Ω) for 1%,
0.5 tol.
±(1.0%+0.05 Ω) for 5% tol.
<50 mΩ for Jumper
No visible damage


Similar Part No. - RC0603FR

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0603FR-070R YAGEO-RC0603FR-070R Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
logo
Infineon Technologies A...
RC0603FR-070RL INFINEON-RC0603FR-070RL Datasheet
1Mb / 33P
   iMOTION™ Modular Application Design Kit
Revision 1.6 2018-11-27
RC0603FR-070RL INFINEON-RC0603FR-070RL Datasheet
1Mb / 41P
   iMOTION™ Modular Application Design Kit
Revision 1.4 2019-10-11
logo
YAGEO Corporation
RC0603FR-07100KL YAGEO-RC0603FR-07100KL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
logo
Recom International Pow...
RC0603FR-07100KL RECOM-RC0603FR-07100KL Datasheet
407Kb / 6P
   Evaluation platform for RPL-3.0 Buck Regulator Module
More results

Similar Description - RC0603FR

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
YC124-JR-070RL YAGEO-YC124-JR-070RL Datasheet
444Kb / 9P
   ORDERING INFORMATION - GLOBAL PART NUMBER 12NC
YC248-JR-0733RL YAGEO-YC248-JR-0733RL Datasheet
428Kb / 8P
   ORDERING INFORMATION - GLOBAL PART NUMBER
logo
Vishay Siliconix
VJ0603A470JXACW1BC VISHAY-VJ0603A470JXACW1BC Datasheet
46Kb / 2P
   Part Numbering/Ordering Information
Revision: 25-Sep-12
VJ1206A102JXACW1BC VISHAY-VJ1206A102JXACW1BC Datasheet
46Kb / 2P
   Part Numbering/Ordering Information
Revision: 25-Sep-12
logo
List of Unclassifed Man...
P300E-5 ETC2-P300E-5 Datasheet
1,008Kb / 18P
   Ordering information
SUS1R52412C ETC2-SUS1R52412C Datasheet
134Kb / 3P
   Ordering information
logo
Roithner LaserTechnik G...
IC-WK1D ROITHNER-IC-WK1D Datasheet
292Kb / 5P
   ordering information
logo
List of Unclassifed Man...
N30E930000L ETC2-N30E930000L Datasheet
91Kb / 1P
   PART NUMBER SEE PART NUMBER INFORMATION DESCRIPTION CM 37 90 DEGREE LOW PROFILE COVER
logo
Kemet Corporation
T140C226K060AS KEMET-T140C226K060AS Datasheet
568Kb / 38P
   ORDERING INFORMATION (OBSOLETE*)
logo
NXP Semiconductors
SOT616-1_128 PHILIPS-SOT616-1_128 Datasheet
191Kb / 4P
   HVQFN24 Reel pack SMD, 13 Q1/T1 Standard product orientation Orderable part number ending ,128or J Ordering code (12NC) ending 128
Rev. 1-16 July 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com