Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTB1424FP Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # BTB1424FP
Description  Low VCE(sat) PNP Epitaxial Planar Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB1424FP Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  BTB1424FP Datasheet HTML 1Page - Cystech Electonics Corp. BTB1424FP Datasheet HTML 2Page - Cystech Electonics Corp. BTB1424FP Datasheet HTML 3Page - Cystech Electonics Corp. BTB1424FP Datasheet HTML 4Page - Cystech Electonics Corp. BTB1424FP Datasheet HTML 5Page - Cystech Electonics Corp. BTB1424FP Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C817FP
Issued Date : 2011.01.13
Revised Date : 2011.09.14
Page No. : 3/6
BTB1424FP
CYStek Product Specification
Typical Characteristics
Emitter Grounded Output Characteristics
0
0.05
0.1
0.15
0.2
0.25
0.3
01
23
4
56
Collector-to-Emitter Voltage---VCE(V)
200uA
300uA
400uA
500uA
1mA
IB=100uA
Emitter Grounded Output Characteristics
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0123
456
Collector-to-Emitter Voltage---VCE(V)
1mA
1.5mA
2mA
2.5mA
5mA
IB=500uA
Emitter Grounded Output Characteristics
0
1
2
3
4
01
23
4
5
6
Collector-to-Emitter Voltage---VCE(V)
IB=2mA
4mA
6mA
8mA
10mA
20mA
Emitter Grounded Output Characteristics
0
1
2
3
4
5
6
012
34
56
Collector-to-Emitter Voltage---VCE(V)
IB=5mA
10mA
15mA
20mA
50mA
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
10000
Collector Current---IC(mA)
VCE=1V
VCE=2V
VCE=5V
Saturation Voltage vs Collector Current
10
100
1000
10000
1
10
100
1000
10000
Collector Current---IC(mA)
IC=150IB
IC=50IB
VCESAT
IC=100IB


Similar Part No. - BTB1424FP

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB1424A3 CYSTEKEC-BTB1424A3 Datasheet
161Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1424AD3 CYSTEKEC-BTB1424AD3 Datasheet
170Kb / 4P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1424AD3 CYSTEKEC-BTB1424AD3 Datasheet
177Kb / 4P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1424AD3 CYSTEKEC-BTB1424AD3_06 Datasheet
177Kb / 4P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1424AM3 CYSTEKEC-BTB1424AM3 Datasheet
175Kb / 5P
   Low VCE(sat) PNP Epitaxial Planar Transistor
More results

Similar Description - BTB1424FP

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB1424AM3 CYSTEKEC-BTB1424AM3 Datasheet
175Kb / 5P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB5240N3 CYSTEKEC-BTB5240N3 Datasheet
290Kb / 8P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1424AD3 CYSTEKEC-BTB1424AD3_06 Datasheet
177Kb / 4P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1424N3 CYSTEKEC-BTB1424N3_06 Datasheet
231Kb / 5P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTA1300A3 CYSTEKEC-BTA1300A3 Datasheet
156Kb / 4P
   Low VCE(SAT) PNP Epitaxial Planar Transistor
BTB772AM3 CYSTEKEC-BTB772AM3 Datasheet
188Kb / 5P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1424LN3 CYSTEKEC-BTB1424LN3 Datasheet
162Kb / 4P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1386N3 CYSTEKEC-BTB1386N3 Datasheet
165Kb / 4P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1424N3 CYSTEKEC-BTB1424N3 Datasheet
253Kb / 5P
   Low VCE(sat) PNP Epitaxial Planar Transistor
BTB1426A3 CYSTEKEC-BTB1426A3 Datasheet
154Kb / 4P
   Low VCE(SAT) PNP Epitaxial Planar Transistor
BTP2907SL3 CYSTEKEC-BTP2907SL3 Datasheet
264Kb / 7P
   Low VCE(sat) PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com