Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS1X-13-F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # RS1X-13-F
Description  1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

RS1X-13-F Datasheet(HTML) 1 Page - Diodes Incorporated

  RS1X-13-F Datasheet HTML 1Page - Diodes Incorporated RS1X-13-F Datasheet HTML 2Page - Diodes Incorporated RS1X-13-F Datasheet HTML 3Page - Diodes Incorporated RS1X-13-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RS1A/B - RS1M/B
Document number: DS15002 Rev. 13 - 2
1 of 4
www.diodes.com
September 2010
© Diodes Incorporated
RS1A/B - RS1M/B
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Features
Glass Passivated Die Construction
Fast Recovery Time For High Efficiency
Surge Overload Rating to 30A Peak
Ideally Suited for Automated Assembly
Lead Free Finish/RoHS Compliant (Note 1)
Green Molding Compound (No Halogen and Antimony)
(Note 2)
Mechanical Data
Case: SMA/SMB
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Lead Free Plating (Matte Tin Finish). Solderable per
MIL-STD-202, Method 208
Polarity: Cathode Band or Cathode Notch
Weight: SMA - 0.064 grams (approximate)
SMB - 0.093 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
RS1x-13-F
SMA
5000/Tape & Reel
RS1xB-13-F
SMB
3000/Tape & Reel
* x = Device type, e.g. RS1D-13-F (SMA package); RS1JB-13-F (SMB package).
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
2. Product manufactured with Data Code 0924 (week 24, 2009) and newer are built with Green Molding Compound.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Top View
Bottom View
 
Green
RS1x = Product Type Marking Code, ex: RS1G (SMA package)
RS1xB = Product Type Marking Code, ex: RS1GB (SMB package)
= Manufacturer’s Code Marking
YWW = Date Code Marking
Y = Last Digit of Year (ex: 6 for 2006)
WW = Week code (01 to 53)
YWW
RS1x(B)


Similar Part No. - RS1X-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
RS1x-13-F DIODES-RS1x-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15002 Rev. 13 - 2
RS1X-13-F DIODES-RS1X-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1X-13-F DIODES-RS1X-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1X-13-F DIODES-RS1X-13-F Datasheet
187Kb / 5P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1X-13-F DIODES-RS1X-13-F Datasheet
187Kb / 5P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - RS1X-13-F

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
SMA4933 TAITRON-SMA4933 Datasheet
258Kb / 5P
   1.0A Surface Mount Fast Recovery Rectifier
logo
Diodes Incorporated
DFLF1800 DIODES-DFLF1800_15 Datasheet
337Kb / 5P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Gaomi Xinghe Electronic...
RS1M GXELECTRONICS-RS1M Datasheet
190Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
RS1MSWFQ DIODES-RS1MSWFQ Datasheet
449Kb / 5P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DL4933 DIODES-DL4933 Datasheet
57Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15001 Rev. D-2
RS1B-13-F DIODES-RS1B-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1DB-13-F DIODES-RS1DB-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1GB-13 DIODES-RS1GB-13 Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1JDFQ DIODES-RS1JDFQ Datasheet
466Kb / 5P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
RS1D-13-F DIODES-RS1D-13-F Datasheet
122Kb / 4P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Daya Electric Group Co....
RS1A DAYA-RS1A Datasheet
52Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com