Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N2986B Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 1N2986B
Description  10 WATT ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N2986B Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N2986B Datasheet HTML 1Page - Digitron Semiconductors 1N2986B Datasheet HTML 2Page - Digitron Semiconductors 1N2986B Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N2970-1N3015B AND 1N3993 THRU 1N4000A
10 WATT ZENER DIODES
MAXIMUM RATINGS
JUNCTION TEMPERATURES
-65°C TO +175°C
STORAGE TEMPERATURES
-65°C TO +200°C
DC POWER DISSIPATION
10 WATTS
POWER DERATING
80 mW/°C ABOVE 50°C
FORWARD VOLTAGE
@ 2.0 A: 1.5 VOLTS
THERMAL RESISTANCE
10°C/W (TYPICAL) JUNCTION TO CASE (STUD)
SOLDER TEMPERATURES
260°C FOR 10 S (MAX)
ELECTRICAL CHARACTERISTICS
sales@digitroncorp.com
NOMINAL
ZENER
VOLTAGE
VZ @ IZT
(note 2)
ZENER
TEST
CURRENT
(IZT)
MAX DYNAMIC IMPEDANCE
(note 3)
MAX DC
ZENER
CURRENT
(IZM) @
75°C STUD
TEMP
(note 4)
TYPICAL
TEMP
CEOFF
αVZ
MAX.
REVERSE
CURRENT
IR @ VR
TYPE NO.
(note 1)
VOLTS
mA
ZZT @ IZT
OHMS
ZZK @ 1mA
(IZK) OHMS
mA
%/°C
µA
VOLTS
POLARITY
1N3993A
3.9
640
2.0
400
2380
-.046
100
0.5
1N3994A
4.3
580
1.5
400
2130
-.033
100
0.5
1N3995A
4.7
530
1.2
500
1940
-.015
50
1.0
1N3996A
5.1
490
1.1
550
1780
+/-.010
10
1.0
1N3997A
5.6
445
1.0
600
1620
+.030
10
1.0
1N3998A
6.2
405
1.1
750
1460
+.049
10
2.0
1N3999A
6.8
370
1.2
500
1330
+.040
10
2.0
1N4000A
7.5
335
1.3
250
1210
+.045
10
3.0
Standard
polarity
cathode to
stud
1N2970B
6.8
370
1.2
500
1320
.040
150
5.2
1N2971B
7.5
335
1.3
250
1180
.045
100
5.7
1N2972B
8.2
305
1.5
250
1040
.048
50
6.2
1N2973B
9.1
275
2.0
250
960
.051
25
6.9
1N2974B
10
250
3
250
860
.055
25
7.6
1N2975B
11
230
3
250
780
.060
10
8.4
1N2976B
12
210
3
250
720
.065
10
9.1
1N2977B
13
190
3
250
660
.065
10
9.9
1N2978B
14
180
3
250
600
.070
10
10.5
1N2979B
15
170
3
250
560
.070
10
11.4
1N2980B
16
155
4
250
530
.070
10
12.2
1N2981B
17
145
4
250
500
.075
10
13.0
1N2982B
18
140
4
250
460
.075
10
13.7
1N2983B
19
130
4
250
440
.075
10
14.0
1N2984B
20
125
4
250
420
.075
10
15.2
1N2985B
22
115
5
250
380
.080
10
16.7
1N2986B
24
105
5
250
350
.080
10
18.2
1N2987B
25
100
6
250
310
.080
10
18.2
1N2988B
27
95
7
250
300
.085
10
20.6
1N2989B
30
85
8
300
280
.085
10
22.8
1N2990B
33
75
9
300
260
.085
10
25.1
Standard
polarity
anode to
stud
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120730


Similar Part No. - 1N2986B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N2986B MICROSEMI-1N2986B Datasheet
103Kb / 2P
   Silicon 10 WATT Zener Diodes
1N2986B MICROSEMI-1N2986B Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
1N2986B MICROSEMI-1N2986B Datasheet
103Kb / 2P
   SILICON 10 WATT ZENER DIODES
logo
Naina Semiconductor ltd...
1N2986B NAINA-1N2986B Datasheet
107Kb / 1P
   Zener Diodes
1N2986B NAINA-1N2986B Datasheet
115Kb / 1P
   10 WATT ZENER DIODES
More results

Similar Description - 1N2986B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3996 MICROSEMI-1N3996 Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
logo
Naina Semiconductor ltd...
1N2970B NAINA-1N2970B Datasheet
115Kb / 1P
   10 WATT ZENER DIODES
logo
Microsemi Corporation
10EZ39 MICROSEMI-10EZ39 Datasheet
69Kb / 2P
   Silicon 10 WATT Zener Diodes
1N2971A MICROSEMI-1N2971A Datasheet
103Kb / 2P
   SILICON 10 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
10EZ3.9 NJSEMI-10EZ3.9 Datasheet
122Kb / 2P
   Silicon 10 WATT Zener Diodes
logo
Microsemi Corporation
1N2970 MICROSEMI-1N2970 Datasheet
103Kb / 2P
   Silicon 10 WATT Zener Diodes
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com