Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5210-1GT3 Datasheet(PDF) 8 Page - Cherry Semiconductor Corporation

Part # CS5210-1GT3
Description  10A LDO 3-Pin Adjustable Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS5210-1GT3 Datasheet(HTML) 8 Page - Cherry Semiconductor Corporation

  CS5210-1GT3 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS5210-1GT3 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS5210-1GT3 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS5210-1GT3 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS5210-1GT3 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS5210-1GT3 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS5210-1GT3 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS5210-1GT3 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Rev. 6/12/97
© 1999 Cherry Semiconductor Corporation
Thermal Data
3L
TO-220
RQJC
typ
1.4
ûC/W
RQJA
typ
50
ûC/W
Package Specification
PACKAGE DIMENSIONS IN mm (INCHES)
Cherry Semiconductor Corporation reserves the
right to make changes to the specifications without
notice. Please contact Cherry Semiconductor
Corporation for the latest available information.
PACKAGE THERMAL DATA
Ordering Information
Part Number
Description
CS5210-1GT3
3L TO-220 Straight
3 Lead TO-220 (T) Straight
5.33 (.210)
4.83 (.190)
2.79 (.110)
2.29 (.090)
1.02 (.040)
0.63 (.025)
0.56 (.022)
0.38 (.014)
1.40 (.055)
1.14 (.045)
4.83 (.190)
4.06 (.160)
6.17 (.243) REF
1.14 (.045)
1.52 (.060)
1.14 (.045)
1.40 (.055)
2.87 (.113)
2.62 (.103)
6.55 (.258)
5.94 (.234)
14.22 (.560)
13.72 (.540)
2.92 (.115)
2.29 (.090)
9.78 (.385)
10.54 (.415)
3.71 (.146)
3.96 (.156)
14.99 (.590)
14.22 (.560)


Similar Part No. - CS5210-1GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5210-1GT3 ONSEMI-CS5210-1GT3 Datasheet
220Kb / 8P
   10 A LDO 3?뭁in Adjustable Linear Regulator
July, 2006 ??Rev. 7
More results

Similar Description - CS5210-1GT3

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
CS5207A-1 CHERRY-CS5207A-1 Datasheet
136Kb / 7P
   7A LDO 3-Pin Adjustable Linear Regulator
CS5257A-1 CHERRY-CS5257A-1 Datasheet
173Kb / 9P
   7A LDO 5-Pin Adjustable Linear Regulator
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
CS5253-1 CHERRY-CS5253-1 Datasheet
171Kb / 9P
   3A LDO 5-Pin Adjustable Linear Regulator
logo
List of Unclassifed Man...
S1117 ETC1-S1117 Datasheet
111Kb / 4P
   1.0A Adjustable LDO Linear Regulator
logo
ON Semiconductor
CS5210-1 ONSEMI-CS5210-1 Datasheet
220Kb / 8P
   10 A LDO 3?뭁in Adjustable Linear Regulator
July, 2006 ??Rev. 7
CS5207A-1 ONSEMI-CS5207A-1 Datasheet
221Kb / 8P
   7.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5208-1 ONSEMI-CS5208-1 Datasheet
221Kb / 8P
   8.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com