Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA4729A Datasheet(PDF) 3 Page - Socay Electornics Co., Ltd.

Part # SMA4729A
Description  Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SMA4729A Datasheet(HTML) 3 Page - Socay Electornics Co., Ltd.

  SMA4729A Datasheet HTML 1Page - Socay Electornics Co., Ltd. SMA4729A Datasheet HTML 2Page - Socay Electornics Co., Ltd. SMA4729A Datasheet HTML 3Page - Socay Electornics Co., Ltd. SMA4729A Datasheet HTML 4Page - Socay Electornics Co., Ltd. SMA4729A Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Surface Mount Zener Diodes
Revision November 21, 2013
3 / 5
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SMA4728A - SZ1330A Series
VZ: 3.3 To 330 V
PD: 1 W
SOCAY Electronics Co., Ltd.
www.socay.com
Nominal Zener
Voltage
Maximum Zener Impedance
Maximum
Reverse Leakage
Current
Maximum
DC Zener
Current
Maximum
Surge
Current
VZ @IZT
IZT
ZZT @IZT
ZZK @IZK
IZK
IR @VR
IZM
IRM
Part Number
Marking
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
μA)
(V)
(mA)
(mApk)
SZ1110A
11Z
110.0
2.3
450.0
4000
0.25
0.1
83.6
8.6
40
SZ1120A
12Z
120.0
2.0
550.0
4500
0.25
0.1
91.2
7.8
37
SZ1130A
13Z
130.0
1.9
700.0
5000
0.25
0.1
98.8
7.0
34
SZ1150A
15Z
150.0
1.7
1000.0
6000
0.25
0.1
114.0
6.4
30
SZ1160A
16Z
160.0
1.6
1100.0
6500
0.25
0.1
121.6
5.8
28
SZ1180A
18Z
180.0
1.4
1200.0
7000
0.25
0.1
136.8
5.2
25
SZ1200A
20Z
200.0
1.2
1900.0
9990
0.25
0.1
152.0
4.7
22
SZ1220A
22Z
220.0
1.0
1600.0
8000
0.25
0.1
167.2
4.0
20
SZ1240A
24Z
240.0
0.9
1800.0
8500
0.25
0.1
182.4
3.8
19
SZ1250A
25Z
250.0
0.9
2000.0
9000
0.25
0.1
190.0
3.6
18
SZ1270A
27Z
270.0
0.8
2100.0
9000
0.25
0.1
205.0
3.3
16
SZ1300A
30Z
300.0
0.8
2300.0
9500
0.25
0.1
228.0
3.0
15
SZ1330A
33Z
330.0
0.7
2500.0
9500
0.25
0.1
250.2
2.7
13
Note:
(1) The type number listed have a standard tolerance on the nominal zener voltage of
± 5 %
(2) The reverse surge current is a non-repetitive, 8.3ms pulse width square wave or equivalent sine-wave superimposed on IZT per JEDEC
Electrical Characteristics (TA=25℃ unless otherwise noted)


Similar Part No. - SMA4729A

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SMA4729A YANGJIE-SMA4729A Datasheet
194Kb / 3P
   Zener Diodes
logo
RFE international
SMA4729A RFE-SMA4729A Datasheet
954Kb / 4P
   Surface Mount Zener Diodes
07-22-2020
logo
Formosa MS
SMA4729A FORMOSA-SMA4729A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
logo
Socay Electornics Co., ...
SMA4729A SOCAY-SMA4729A Datasheet
149Kb / 5P
   SMA4728A - SZ1330A Series VZ: 3.3 To 330 V PD: 1 W
logo
CHENG-YI ELECTRONIC CO....
SMA4729A CHENG-YI-SMA4729A Datasheet
352Kb / 3P
   1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results

Similar Description - SMA4729A

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com