Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8126 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS8126
Description  5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8126 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS8126 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8126 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8126 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8126 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8126 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8126 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8126 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8126 Datasheet HTML 8Page - Cherry Semiconductor Corporation CS8126 Datasheet HTML 9Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
s
Low Dropout Voltage
(0.6V at 0.5A)
s
3% Output Accuracy
s
Active
s
External
Delay
for Reset
s
Protection Circuitry
Reverse Battery
Protection
+60V, -50V Peak
Transient Voltage
Short Circuit Protection
Internal Thermal
Overload Protection
RESET
RESET
Features
Package Options
5 L TO-220
7 L D2PAK
Tab (Gnd)
Tab (Gnd)
1
5V, 750mA Low Dropout Linear Regulator
with Delayed RESET
CS8126,-1,-2
Description
The CS8126 is a low dropout, high cur-
rent 5V linear regulator. It is an
improved replacement for the CS8156.
Improvements include higher accuracy,
tighter saturation control, better supply
rejection, and enhanced
circuit-
ry. Familiar PNP regulator features
such as reverse battery protection, over-
voltage shutdown, thermal shutdown,
and current limit make the CS8126 suit-
able for use in automotive and battery
operated equipment. Additional on-
chip filtering has been included to
enhance rejection of high frequency
transients on all external leads.
An active microprocessor
func-
tion is included on-chip with externally
programmable delay time. During
power-up, or after detection of any
error in the regulated output,
the
lead will remain in the low
state for the duration of the delay.
Types of errors include short circuit,
low input voltage, overvoltage shut-
down, thermal shutdown, or others that
cause the output to become unregulat-
ed. This function is independent of the
input voltage and will function correct-
ly with an output voltage as low as 1V.
Hysteresis is included in both the reset
and Delay comparators for enhanced
noise immunity. A latching discharge
circuit is used to discharge the Delay
capacitor, even when triggered by a rel-
atively short fault condition. This circuit
improves upon the commonly used
SCR structure by providing full capaci-
tor discharge (0.2V type).
Note:The CS8126 is lead compatible
with the LM2925, TLE4260, L4947,
LM2927, and LM2926.
RESET
RESET
RESET
Block Diagram
VOUT
VIN
Over Voltage
Shutdown
Pre-
Regulator
Regulated Supply
for Circuit Bias
Bandgap
Reference
Thermal
Shutdown
Error
Amp
Anti-Saturation
and
Current Limit
Charge
Current
Generator
Latching
Discharge
Reset
Comparator
Delay
Comparator
-
+
+
-
Q
R
S
VDischarge
Delay
Gnd
RESET
CS8126-1
1VIN
2VOUT
3 Gnd
4 Delay
5 RESET
CS8126-2
1VIN
2 RESET
3 Gnd
4 Delay
5VOUT
16 Lead SOIC Wide
1
VIN
VOUT
Delay
ÐÐÐÐÐÐ
RESET
VOUT(SENSE)
NC
NC
Gnd
NC
NC
NC
NC
NC
NC
NC
NC
A
Company
¨
Rev. 5/4/99
1
1VIN
2VOUT
3VOUT(SENSE)
4 Gnd
5 Delay
6 RESET
7NC
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com


Similar Part No. - CS8126

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126 ONSEMI-CS8126 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS8126-1YDPS7 ONSEMI-CS8126-1YDPS7 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126-1YDPS7G ONSEMI-CS8126-1YDPS7G Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126-1YDPSR7 ONSEMI-CS8126-1YDPSR7 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
More results

Similar Description - CS8126

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8122 CHERRY-CS8122 Datasheet
175Kb / 8P
   2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8129 CHERRY-CS8129 Datasheet
188Kb / 8P
   5V, 750mA Low Dropout Linear Regulator with Lower RESET Threshold
CS403 CHERRY-CS403 Datasheet
158Kb / 6P
   5V, 750mA Linear Regulator with RESET
logo
National Semiconductor ...
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
National Semiconductor ...
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
   Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
   Low Dropout Regulator with Delayed Reset
logo
ON Semiconductor
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
logo
National Semiconductor ...
LM9071 NSC-LM9071 Datasheet
193Kb / 7P
   Low-Dropout System Voltage Regulator with Delayed Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com