Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D-3200S Datasheet(PDF) 17 Page - Tyco Electronics

Part # D-3200S
Description  D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

D-3200S Datasheet(HTML) 17 Page - Tyco Electronics

Back Button D-3200S Datasheet HTML 13Page - Tyco Electronics D-3200S Datasheet HTML 14Page - Tyco Electronics D-3200S Datasheet HTML 15Page - Tyco Electronics D-3200S Datasheet HTML 16Page - Tyco Electronics D-3200S Datasheet HTML 17Page - Tyco Electronics D-3200S Datasheet HTML 18Page - Tyco Electronics D-3200S Datasheet HTML 19Page - Tyco Electronics D-3200S Datasheet HTML 20Page - Tyco Electronics D-3200S Datasheet HTML 21Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
50
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-3000 Series (Continued)
AMP Dynamic Series Connectors
D-3100D — Standard
2-Row Type (Continued)
Mating Dimensions
Receptacle Housing
Panel/Free-Hanging Type
Horizontal/Vertical Type
No. of
Pos.
6
8
10
12
16
20
Receptacle Housing
Dimensions
AB
24.36
16.70
28.17
20.51
31.98
24.32
35.09
28.35
42.71
35.97
51.03
43.37
178289-3
178289-4
178289-5
178289-6
178289-7
178289-8
No. of
Pos.
4
6
10
12
16
20
Part Number
Dimensions
AB
C
D
E
F
——
40
31
25.57
21.62
14.62
22.6
47
38
33.19
29.24
22.24
30.2
51
42
37.00
33.05
26.05
34.0
59
50
44.62
40.67
33.67
41.6
67
58
52.62
48.29
41.29
49.2
Panel Type
178803-3
178803-5
178803-6
178803-7
178803-8
Free-hanging Type
178964-3
178964-5
178964-6
178964-7
178964-8
Tab Housing
Panel Type
Free-hanging Type
When mounting panel from the front,
apply clamping torque of less than
49N [11 lbf].
Panel Cutout
Mating Tab Connector
Part Number:
J
-178803-J
1717412-J
J
-178964-J
178323-J
J
-178303-J
thru
thru
178328-J
J
-178308-J
Mating Receptacle Housing
Part Number:
178289-J


Similar Part No. - D-3200S

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
D-32A TEC-D-32A Datasheet
490Kb / 1P
   HARTMAN Power Switching DC Contactors
logo
Tyco Electronics
D-32AB MACOM-D-32AB Datasheet
88Kb / 1P
   D-32AB 2SPST, Center Off, Double Break,100 Amps, 28 VDC
More results

Similar Description - D-3200S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
178306-2 MACOM-178306-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
178328-2 MACOM-178328-2 Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
1-1318120-3 MACOM-1-1318120-3 Datasheet
3Mb / 18P
   D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
1-177648-8 MACOM-1-177648-8 Datasheet
3Mb / 22P
   Wire-to-Board, Wire-to-Panel and Wire-to-Wire
D-2100S MACOM-D-2100S Datasheet
3Mb / 18P
   D-2000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
logo
List of Unclassifed Man...
51021 ETC2-51021 Datasheet
69Kb / 1P
   1.25mm (.049) Pitch Wire-to-Wire and Wire-to-Board Receptacle
logo
Molex Electronics Ltd.
5005920800 MOLEX11-5005920800 Datasheet
148Kb / 3P
   2.50mm (.098") Pitch Wire-to-Wire and Wire-to-Board Housing
0638197700 MOLEX11-0638197700 Datasheet
45Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
0638197600 MOLEX11-0638197600 Datasheet
45Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
63823-5300 MOLEX11-63823-5300 Datasheet
38Kb / 1P
   Hand Crimp Tool for Wire-to-Wire and Wire-to-Board Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com