Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-147100-0 Datasheet(PDF) 76 Page - Tyco Electronics

Part # 9-147100-0
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-147100-0 Datasheet(HTML) 76 Page - Tyco Electronics

Back Button 9-147100-0 Datasheet HTML 72Page - Tyco Electronics 9-147100-0 Datasheet HTML 73Page - Tyco Electronics 9-147100-0 Datasheet HTML 74Page - Tyco Electronics 9-147100-0 Datasheet HTML 75Page - Tyco Electronics 9-147100-0 Datasheet HTML 76Page - Tyco Electronics 9-147100-0 Datasheet HTML 77Page - Tyco Electronics 9-147100-0 Datasheet HTML 78Page - Tyco Electronics 9-147100-0 Datasheet HTML 79Page - Tyco Electronics 9-147100-0 Datasheet HTML 80Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 98 page
background image
256
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
MT Receptacle Assemblies, Double-Row
.100 x .100 [2.54 x 2.54] Centerline
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Material and Finish
Housing — Glass-filled thermoplastic,
black, 94V-0 rated
Contacts — Copper alloy, duplex
plated .000030 [0.00076] gold in mating
area, .000050 [0.00127] tin on solder
tail, with entire contact underplated
.000050 [0.00127] nickel
Related Product Data
Mateable Connectors — pages 117,
122, 126, 130, 264
Cable Insulation Wall
Thickness — .015 [0.39] max.
Cable Insulation Diameter —
.050 [1.27] max.
Mating Post Length —
.222-.273 [5.64-6.94] max.
Performance Characteristics —
page 255
Replacement Contacts — page 265
Connector Covers —
pages 258, 259
Application Tooling —
pages 273-275
Technical Documents
pages 277, 278
Product Specification
108-25015, 108-25018, 108-25030
Application Specification
114-25032
Instruction Sheet
408-6532
Housings Pre-loaded with
Standard Pressure Contacts
A Max.
1
B
.100
[2.54]
.600
[15.24]
.125
[3.18]
.100
[2.54]
Typ.
.270
[6.86]
Part Nos. (Stamped)
No. of
Dimensions
Wire Size Range
Unloaded
Pos.
AB
30-26 AWG
26-22 AWG
22-20 AWG
Housings
[0.05-0.15 mm2]
[0.12-0.3 mm2]
[0.3-0.6 mm2]
6
.300 [7.62]
.200 [5.08]
5-102393-1
5-102398-1
5-102448-1
102394-1
8
.400 [10.16]
.300 [7.62]
5-102393-2
5-102398-2
5-102448-2
102394-2
10
.500 [12.70]
.400 [10.16]
5-102393-3
5-102398-3
5-102448-3
102394-3
12
.600 [15.24]
.500 [12.70]
5-102393-4
5-102398-4
5-102448-4
102394-4
14
.700 [17.78]
.600 [15.24]
5-102393-5
5-102398-5
5-102448-5
102394-5
16
.800 [20.32]
.700 [17.78]
5-102393-6
5-102398-6
5-102448-6
102394-6
18
.900 [22.86]
.800 [20.32]
5-102393-7
5-102398-7
5-102448-7
102394-7
20
1.000 [25.40]
.900 [22.86]
5-102393-8
5-102398-8
5-102448-8
102394-8
22
1.100 [27.94]
1.000 [25.40]
5-102393-9
5-102398-9
5-102448-9
102394-9
24
1.200 [30.48]
1.100 [27.94]
6-102393-0
6-102398-0
6-102448-0
1-102394-0
26
1.300 [33.02]
1.200 [30.48]
6-102393-1
6-102398-1
6-102448-1
1-102394-1
28
1.400 [35.56]
1.300 [33.02]
6-102393-2
6-102398-2
6-102448-2
1-102394-2
30
1.500 [38.10]
1.400 [35.56]
6-102393-3
6-102398-3
6-102448-3
1-102394-3
32
1.600 [40.64]
1.500 [38.10]
6-102393-4
6-102398-4
6-102448-4
1-102394-4
34
1.700 [43.18]
1.600 [40.64]
6-102393-5
6-102398-5
6-102448-5
1-102394-5
40
2.000 [50.80]
1.900 [48.26]
6-102393-8
6-102398-8
6-102448-8
1-102394-8
50
2.500 [63.50]
2.400 [60.96]
7-102393-3
7-102398-3
7-102448-3
2-102394-3
60
3.000 [76.20]
2.900 [73.66]
7-102393-8
7-102398-8
7-102448-8
2-102394-8
64
3.200 [81.28]
3.100 [78.74]
8-102393-0
8-102398-0
8-102448-0
3-102394-0
Note: Contact Extraction/Lance Reset Tool No. 843477-3, see page 265.
Part No. 86286-1
(Plugs into receptacle contact)
Material — Natural color nylon
Keying Plugs
Part No. 87077-2
(Plugs directly into housing)
1
1
1
1
1
Circuit No. 1
Identifier
Contact
I.D. No.
.050
[1.27]
.070
[1.78]
.240
[6.10]
Right-Angle
Header
MT Receptacle
Assembly
PC
Board
.270
[6.86]
.300
[7.62]


Similar Part No. - 9-147100-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-147100-0 MACOM-9-147100-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
9-147100-0 MACOM-9-147100-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
More results

Similar Description - 9-147100-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
1-87456-1 MACOM-1-87456-1 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com