Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-147100-0 Datasheet(PDF) 21 Page - Tyco Electronics

Part # 9-147100-0
Description  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

9-147100-0 Datasheet(HTML) 21 Page - Tyco Electronics

Back Button 9-147100-0 Datasheet HTML 17Page - Tyco Electronics 9-147100-0 Datasheet HTML 18Page - Tyco Electronics 9-147100-0 Datasheet HTML 19Page - Tyco Electronics 9-147100-0 Datasheet HTML 20Page - Tyco Electronics 9-147100-0 Datasheet HTML 21Page - Tyco Electronics 9-147100-0 Datasheet HTML 22Page - Tyco Electronics 9-147100-0 Datasheet HTML 23Page - Tyco Electronics 9-147100-0 Datasheet HTML 24Page - Tyco Electronics 9-147100-0 Datasheet HTML 25Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 98 page
background image
201
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Headers, Straight Post, Triple-Row, .100 x .100 [2.54 x 2.54] Centerline
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Header Part Nos.
with .180 [4.57] Tail Length
Standard
Board
No. of
Dimensions
Solder Tails
Retention Tails
Pos.
AB
Plating A
Plating A
72
2.780 [70.61]
2.300 [58.42]
5-103264-1
5-534258-1
96
3.480 [88.39]
3.000 [76.20]
5-534258-3
150
5.380 [136.65]
4.900 [124.46]
5-103264-3
210
7.380 [187.45]
6.900 [175.26]
5-103264-4
Solder Posts
(with Pin Protection
and Guide Pins)
Material and Finish
Housing — Glass-filled thermoplastic,
black, 94V-0 rated
Posts — Phosphor bronze, plated as
follows:
Plating A — Duplex plated .000030
[0.00076] gold on contact area,
.000100-.000200 [0.00254-0.00508]
matte tin on termination end, with entire
post underplated .000050 [0.00127]
nickel
Related Product Data
Mateable Receptacles — page 197
Performance Specifications —
page 194
Technical Documents — page 276
Product Specification
108-25017
Application Specification
114-9009
Additional header assembly sizes
are available; minimum order
quantities may apply. Consult
Tyco Electronics.
.065
[1.65]
R
(2 Plc.)
.040
[1.02]
(4 Sides)
.200
[5.08]
.200
[5.08]
(Localized
Gold Plate
Area)
.100
[2.54]
Pos.
Ref.
Board Retention Tails
(where indicated)
.615
[15.62]
.210
[5.33]
.100
[2.54]
.200
[5.08]
.440
[11.18]
.085
[2.16]
.180
[4.57]
.100
[2.54]
.0453±.001
[1.151±0.03]
(Drilled Hole)
.040±.003
[1.66±0.08]
(Finished Hole)
A
B
Recommended PC Board Hole Layout
(for .055 [1.40] min. thick PC board)
Tolerances not to accumulate within one
connector pattern.
.025 [0.64] Square
Board Retention Tails
1 2
3
.320
[8.13]
.090
[2.29]
.180
[4.57]
.100±.003
[2.54±0.08]


Similar Part No. - 9-147100-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-147100-0 MACOM-9-147100-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
9-147100-0 MACOM-9-147100-0 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
More results

Similar Description - 9-147100-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
1-87456-1 MACOM-1-87456-1 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
5-104361-8 MACOM-5-104361-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com