Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1200135 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1200135
Description  PA 6 normal profile conduit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1200135 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1200135 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1200135 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1200135 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1200135 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
37
Temperature Range PA 6
-40 to 120°C (-40 to 248°F)
*With O-ring, see page 39. Locknuts sold separately, seep page 23.
Conduit Gland SEM-FAST Straight / Quick-Mounting System for Polyflex PA 6 Conduit
Material:
• Polyamide 66
Technical properties:
• Easy and tight single hand mounting
• Insert tube in the “closed” gland
• Special click- in system
• Conical sealing on the corrugated tube
• Gray available
• Thread side sealed by integral
sealing ridges
• Conduit can be rotated within
the mounting gland
• Halogen free
Applications:
• All fields using conduit
Mounting instructions:
Insert the conduit with a short twist all the way
into the end of the SEM conduit gland.
Pull the tube back slightly to latch it securely.
Thread
Fits for
D
SW
AB
C
Cat. No.
Std.
NW
mm
mm
mm
mm
mm
Black
Pk.
PG
PG 7
7.5
11.0
14.0
19.0
18.0
34.0
3805028
50
PG 7
8.5
11.0
16.0
20.6
20.0
35.0
3805012
50
PG 9
10
12.0
17.0
21.6
22.0
36.0
3805004
50
PG 11
12 + 13
12.0
20.0
25.5
25.0
38.0
3805009
50
PG 16
17
13.0
27.0
34.5
31.0
43.0
3805006
50
PG 21
22
13.0
32.0
40.5
36.0
48.0
3805023
25
PG 21
23
13.0
34.0
42.5
38.0
48.0
3805014
25
PG 29
29
15.0
41.0
49.5
46.0
52.0
3805016
20
PG 36
37
17.0
50.0
59.0
55.0
62.0
3805018
10
PG 48
50
19.0
64.0
72.0
72.0
68.0
3805021
5
Metric
M 12 x 1.5
7.5
11.0
14.0
19.0
18.0
34.0
3805047
50
M 12 x 1.5
8.5
11.0
16.0
20.6
20.0
35.0
3805011
50
M 16 x 1.5
10
12.0
17.0
21.6
22.0
36.0
3805001
50
M 20 x 1.5
12 + 13
12.0
20.0
25.5
25.0
38.0
3805008
50
M 20 x 1.5
17
13.0
27.0
34.5
31.0
43.0
3805002
50
M 25 x 1.5
22
13.0
32.0
40.5
36.0
48.0
3805022
25
M 25 x 1.5
23
13.0
34.0
42.5
38.0
48.0
3805013
25
M 32 x 1.5
29
15.0
41.0
49.5
46.0
52.0
3805015
20
M 40 x 1.5
37
17.0
50.0
59.0
55.0
62.0
3805017
10
M 63 x 1.5
50
19.0
64.0
72.0
72.0
68.0
3805020
5
SW
SW
ØB
Thread
C
D
*
Pending
LTSR_012010.QXD_LTSR_062006(b).QXD 12/20/12 1:42 PM Page 37


Similar Part No. - 1200135

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1200135 PHOENIX-1200135 Datasheet
45Kb / 1P
   Actuation tool - ST-BW 0
1200135 PHOENIX-1200135 Datasheet
184Kb / 22P
   Disconnect terminal block - PT 1,5/S-TG
More results

Similar Description - 1200135

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-8-16-A GLENAIR-M24758-8-16-A Datasheet
79Kb / 1P
   Conduit-to-Conduit Fitting
logo
PHOENIX CONTACT
3240499 PHOENIX-3240499 Datasheet
71Kb / 3P
   RVT-PA 6
May 9, 2011
logo
Glenair, Inc.
M24758-8C GLENAIR-M24758-8C Datasheet
198Kb / 2P
   Conduit to Conduit Fitting
M24758-28A12 GLENAIR-M24758-28A12 Datasheet
195Kb / 2P
   Straight Conduit Fitting to PEEK Conduit
M24758-5C GLENAIR-M24758-5C Datasheet
202Kb / 2P
   Conduit Fitting
M24758-02-A GLENAIR-M24758-02-A Datasheet
123Kb / 1P
   Conduit Fitting
M24758-3-16-A GLENAIR-M24758-3-16-A Datasheet
80Kb / 1P
   Conduit Fitting
M24758-3C GLENAIR-M24758-3C Datasheet
57Kb / 2P
   Conduit Fitting
logo
List of Unclassifed Man...
BS20 ETC2-BS20 Datasheet
107Kb / 2P
   Conduit Accessories
logo
Glenair, Inc.
M24758-4-16-A GLENAIR-M24758-4-16-A Datasheet
81Kb / 1P
   Conduit Fitting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com