Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1200135 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1200135
Description  PA 6 normal profile conduit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1200135 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1200135 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1200135 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1200135 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1200135 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
36
POLYFLEX
® / PA 6 normal profile conduit
Temperature Range PA 6
-40 to 120°C (-40 to 248°F)
Material:
• Polyamide 6
Upper temperature range:
• Short-term: 150°C, (302°F)
Characteristics:
• Parallel corrugated
• Gray available
Technical properties:
• Flame retardant according
to FMVSS302 and UL94
• Halogen free
• Durable
• UV resistant according to
DIN EN ISO 8580
Applications:
Engine compartment, car body
and interior, machines,
instruments, devices, ship and
train building, switch cabinet and
movable machine parts.
NW
Ø-I
Ø-O
Bending
Cat. No.
Std.
Radius
Black
Pk.
mm
mm
mm
Meters
7.5
6.7
10.0
13
1200070
50
8.5
8.4
11.7
15
1200089
50
10
9.9
13.0
20
1200100
50
12
12.2
15.7
30
1200127
50
13
12.7
15.8
35
1200135
50
14
14.2
18.5
40
1200143
50
16
15.0
18.9
45
1200160
50
17
16.6
21.2
45
1200178
50
19
19.3
24.3
50
1200194
50
22
21.3
25.4
50
1200224
50
23
23.2
28.3
55
1200232
50
26
25.8
31.2
60
1200267
25
29
29.0
34.5
65
1200291
25
37
36.0
42.4
90
1200372
25
50
47.7
54.0
100
1200500
25
Fitting conduit glands and accessories: see pages 37-39.
without
with
sealing
O-Ring
Other materials and styles
available, please consult Altech.
Conduit
Connector*
Locknut*
Clamping Clip*
* Locknuts sold separately, seep page 23.
O-Ring*
Enclosure*
E81472
LTSR_012010.QXD_LTSR_062006(b).QXD 12/20/12 1:42 PM Page 36


Similar Part No. - 1200135

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1200135 PHOENIX-1200135 Datasheet
45Kb / 1P
   Actuation tool - ST-BW 0
1200135 PHOENIX-1200135 Datasheet
184Kb / 22P
   Disconnect terminal block - PT 1,5/S-TG
More results

Similar Description - 1200135

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-8-16-A GLENAIR-M24758-8-16-A Datasheet
79Kb / 1P
   Conduit-to-Conduit Fitting
logo
PHOENIX CONTACT
3240499 PHOENIX-3240499 Datasheet
71Kb / 3P
   RVT-PA 6
May 9, 2011
logo
Glenair, Inc.
M24758-8C GLENAIR-M24758-8C Datasheet
198Kb / 2P
   Conduit to Conduit Fitting
M24758-28A12 GLENAIR-M24758-28A12 Datasheet
195Kb / 2P
   Straight Conduit Fitting to PEEK Conduit
M24758-5C GLENAIR-M24758-5C Datasheet
202Kb / 2P
   Conduit Fitting
M24758-02-A GLENAIR-M24758-02-A Datasheet
123Kb / 1P
   Conduit Fitting
M24758-3-16-A GLENAIR-M24758-3-16-A Datasheet
80Kb / 1P
   Conduit Fitting
M24758-3C GLENAIR-M24758-3C Datasheet
57Kb / 2P
   Conduit Fitting
logo
List of Unclassifed Man...
BS20 ETC2-BS20 Datasheet
107Kb / 2P
   Conduit Accessories
logo
Glenair, Inc.
M24758-4-16-A GLENAIR-M24758-4-16-A Datasheet
81Kb / 1P
   Conduit Fitting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com