Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

CS8156 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

Part No. CS8156
Description  12V, 5V Low Dropout Dual Regulator with ENABLE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHERRY [Cherry Semiconductor Corporation]
Homepage  http://www.cherrycorp.com/
Logo 

CS8156 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 8 page
background image
1
Features
s
Two regulated outputs
12V ±5.0%; 750mA
5V ±2.0%; 100mA
s
Very low SLEEP mode
current drain 200nA
s
Fault Protection
Reverse Battery
+60V, -50V Peak
Transient Voltage
Short Circuit
Thermal Shutdown
s
CMOS Compatible
ENABLE
Package Options
5 Lead TO-220
Tab (Gnd)
1
12V, 5V Low Dropout Dual Regulator
with ENABLE
CS8156
Description
VIN
VOUT
2
, 5V
Gnd
VOUT
1
, 12V
ENABLE
+
-
Bandgap
Reference
+
-
+
-
Thermal
Shutdown
Over Voltage
Shutdown
Anti-Saturation
and
Current Limit
Anti-Saturation
and
Current Limit
Pre-Regulator
Block Diagram
Absolute Maximum Ratings
Input Voltage
Operating Range .....................................................................-0.5V to 26V
Peak Transient Voltage (Load Dump = 46V) ....................................60V
Internal Power Dissipation ..................................................Internally Limited
Operating Temperature Range................................................-40¡C to +125¡C
Junction Temperature Range...................................................-40¡C to +150¡C
Storage Temperature Range ....................................................-65¡C to +150¡C
Lead Temperature Soldering
Wave Solder (through hole styles only)..........10 sec. max, 260¡C peak
The CS8156 is a low dropout 12V/5V
dual output linear regulator. The 12V
± 5% output sources 750mA and the 5V
±2.0% output sources 100mA.
The on board ENABLE function con-
trols the regulatorÕs two outputs. When
the ENABLE lead is low, the regulator
is placed in SLEEP mode. Both outputs
are disabled and the regulator draws
only 200nA of quiescent current.
The regulator is protected against over-
voltage conditions. Both outputs are
protected against short circuit and ther-
mal runaway conditions.
The CS8156 is packaged in a 5 lead
TOÐ220 with copper tab. The copper
tab can be connected to a heat sink if
necessary.
1VIN
2VOUT1
3 Gnd
4 ENABLE
5VOUT2
A
Company
¨
Rev. 2/19/98
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn