Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF450 Datasheet(PDF) 5 Page - Nell Semiconductor Co., Ltd

Part # IRF450
Description  N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

IRF450 Datasheet(HTML) 5 Page - Nell Semiconductor Co., Ltd

  IRF450 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd IRF450 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd IRF450 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd IRF450 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd IRF450 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd IRF450 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd IRF450 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
www.nellsemi.com
Page 5 of 7
IRF450 Series
10-2
10-3
10
0.1
-4
10
-5
10
1
Fig.10 Maximum effective transient thermal impedance,
Junction-to-Case
Rectangular pulse duration, t (S)
1
2
10
10-3
0.1
1
VDS
VGS
90%
10%
td(ON)
tR
td(OFF)
tF
+
-
RD
VDS
VGS
RG
10V
Pulse width ≤ 1µs
Duty Factor ≤ 0.1%
D.U.T.
VDD
A
+
- VDD
D.U.T.
VDS
RG
10V
tP
lAS
0.01Ω
L
Fig.12a. Unclamped lnductive test circuit
Fig.12b. Unclamped lnductive waveforms
Vary t to obtain required I
p
AS
Fig.11b. Switching time waveforms
Fig.11a. Switching time test circuit
PDM
t1
t2
Notes:
1. Duty factor, D = t / t
1
2
2. Peak T = P
* R
+
J
DM
th(j-c)
TC
Single pulse
(Thermal response)
D ~ 0.5
0.2
0.01
0.02
0.05
0.1
VDD
tp
Time
lAS
BVDSS
lD(t)
VDS(t)


Similar Part No. - IRF450

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF450 SAMSUNG-IRF450 Datasheet
214Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRF450 FAIRCHILD-IRF450 Datasheet
56Kb / 7P
   13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRF450 INTERSIL-IRF450 Datasheet
56Kb / 7P
   13A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRF450 IRF-IRF450 Datasheet
144Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.400ohm, Id=12A)
More results

Similar Description - IRF450

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com