Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1583224-2 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 1583224-2
Description  Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1583224-2 Datasheet(HTML) 5 Page - Tyco Electronics

  1583224-2 Datasheet HTML 1Page - Tyco Electronics 1583224-2 Datasheet HTML 2Page - Tyco Electronics 1583224-2 Datasheet HTML 3Page - Tyco Electronics 1583224-2 Datasheet HTML 4Page - Tyco Electronics 1583224-2 Datasheet HTML 5Page - Tyco Electronics 1583224-2 Datasheet HTML 6Page - Tyco Electronics 1583224-2 Datasheet HTML 7Page - Tyco Electronics 1583224-2 Datasheet HTML 8Page - Tyco Electronics 1583224-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
Catalog 3-1773445-8
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Product Defined in AdvancedTCA/AdvancedTCA 300 Specifications
Solutions for AdvancedTCA, AdvancedTCA 300,
MicroTCA, and AdvancedMC Standards
AdvancedMC, AdvancedTCA,
AdvancedTCA 300, MicroTCA and
PICMG are trademarks of PICMG-PCI
Industrial Computer Manufacturers
Group Incorporated.
Tyco Electronics' AdvancedTCA Power Con-
nector is designed to meet or exceed the
PICMG 3.0, R2.0 (AdvancedTCA) specifica-
tion for Zone 1 connector requirements
including four levels of sequential mating to
provide proper system functionality during
live insertion or extraction of front boards.
Integrated lead-in on the injection molded
housing provides superior blind mate
capability and is fully intermateable with
competing connectors designed to meet the
AdvancedTCA specification for power con-
nectors.
www.tycoelectronics.com/products/atca
www.elconproducts.com
Catalog 1773096 / 1773095
Flyer 2-1773441-7
AdvancedTCA — Zone 1 Power Connectors
FEATURES:
• High conductivity, precision
formed contacts
• Selective plating in compliance
with RoHS requirements
• Precision
formed
compliant
terminations offer excellent reten-
tion
to
provide
a
reliable
connection
• Qualified to meet PICMG 3.0, R2.0
specification
AdvancedTCA Zone 1
Connector
Front Board Connector
Right Angle Header
Part Number 1766500-1
Backplane Connector
Vertical Receptacle
Part Number 1766501-1
Backplane Connector
Daughtercard Connector
Note: Part Numbers are RoHS compliant.


Similar Part No. - 1583224-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1583224-2 MACOM-1583224-2 Datasheet
2Mb / 32P
   Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
logo
TE Connectivity Ltd
1583224-2 TEC-1583224-2 Datasheet
188Kb / 2P
   Reasons for reissue of this instruction sheet are provided in Section 6, REVISION SUMMARY.
More results

Similar Description - 1583224-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1888506-1 MACOM-1888506-1 Datasheet
2Mb / 32P
   Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
logo
Yamaichi Electronics Co...
CN074-085-0003 YAMAICHI-CN074-085-0003 Datasheet
1Mb / 8P
   AdvancedMC Connector for AdvancedTCA
logo
CONEC Elektronische Bau...
ATC30W08MARAS5X CONEC-ATC30W08MARAS5X Datasheet
73Kb / 1P
   AdvancedTCA
ATC30W08FGE3S5X CONEC-ATC30W08FGE3S5X Datasheet
83Kb / 1P
   AdvancedTCA
logo
Yamaichi Electronics Co...
CNU004P-030-1001 YAMAICHI-CNU004P-030-1001 Datasheet
141Kb / 1P
   Power Connectors for AdvancedTCA
logo
Tyco Electronics
1766500 MACOM-1766500 Datasheet
204Kb / 2P
   ASSEMBLY, RT ANGLE, ADVANCEDTCA
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Advantech Co., Ltd.
NETARIUM-2V2 ADVANTECH-NETARIUM-2V2_14 Datasheet
1Mb / 2P
   3U 2-Slot AdvancedTCA 3U 2-Slot AdvancedTCA with Advantech Shelf Manager support
NETARIUM-14 ADVANTECH-NETARIUM-14_14 Datasheet
1Mb / 2P
   14U 14-Slot AdvancedTCA Reference Systems
logo
Adlink Technology Inc.
ATCA-9710 ADLINK-ATCA-9710 Datasheet
853Kb / 2P
   40 Gigabit Ethernet AdvancedTCA Processor Blade
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com