Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPSA43-T92-B Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MPSA43-T92-B
Description  HIGH VOLTAGE TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MPSA43-T92-B Datasheet(HTML) 3 Page - Unisonic Technologies

  MPSA43-T92-B Datasheet HTML 1Page - Unisonic Technologies MPSA43-T92-B Datasheet HTML 2Page - Unisonic Technologies MPSA43-T92-B Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MPSA42/43
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R208-034.C
TYPICAL CHARACTERISTICS
10
0
10
1
10
2
10
0
10
1
10
2
10
3
Collector Current, Ic(mA)
Fig.1 DC Current Gain
10
-1
10
0
10
1
10
2
10
3
Collector Current, Ic(mA)
10
-2
10
-1
10
0
10
1
Fig.2 Saturation Voltage
VCE(SAT)
VBE(SAT)
Ic=10*IB
Fig.4 Current Gain
Bandwidth Product
10
1
10
2
10
3
Collector Current, Ic(mA)
VCE=20V
VCE=10V
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
Collector-Base Voltage(V)
10
1
10
2
Fig.3 Capacitance
IE=0
f=1MHz
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - MPSA43-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA43-T92-B UTC-MPSA43-T92-B Datasheet
49Kb / 3P
   HIGH VOLTAGE TRANSISTOR
MPSA43-T92-B UTC-MPSA43-T92-B Datasheet
137Kb / 3P
   HIGH VOLTAGE TRANSISTOR
More results

Similar Description - MPSA43-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MPSA94 UTC-MPSA94 Datasheet
173Kb / 3P
   HIGH VOLTAGE TRANSISTOR
MJE3055T UTC-MJE3055T Datasheet
42Kb / 2P
   HIGH VOLTAGE TRANSISTOR
MJE2955T UTC-MJE2955T Datasheet
93Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Continental Device Indi...
CMBT5400 CDIL-CMBT5400 Datasheet
105Kb / 3P
   HIGH VOLTAGE TRANSISTOR
logo
Fairchild Semiconductor
KSP42BU FAIRCHILD-KSP42BU Datasheet
42Kb / 4P
   High Voltage Transistor
KSP92BU FAIRCHILD-KSP92BU Datasheet
69Kb / 4P
   High Voltage Transistor
logo
Unisonic Technologies
MJE3055T UTC-MJE3055T_09 Datasheet
119Kb / 2P
   HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
PZTA96S KEXIN-PZTA96S Datasheet
38Kb / 1P
   High Voltage Transistor
logo
Unisonic Technologies
MPSA94 UTC-MPSA94_11 Datasheet
140Kb / 3P
   HIGH VOLTAGE TRANSISTOR
PZTA92 UTC-PZTA92_12 Datasheet
146Kb / 4P
   HIGH VOLTAGE TRANSISTOR
logo
Pan Jit International I...
MMBT5401 PANJIT-MMBT5401 Datasheet
315Kb / 5P
   HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com