Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A829 Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A829
Description  Single LNB Supply and Control Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A829 Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A829 Datasheet HTML 7Page - Allegro MicroSystems A829 Datasheet HTML 8Page - Allegro MicroSystems A829 Datasheet HTML 9Page - Allegro MicroSystems A829 Datasheet HTML 10Page - Allegro MicroSystems A829 Datasheet HTML 11Page - Allegro MicroSystems A829 Datasheet HTML 12Page - Allegro MicroSystems A829 Datasheet HTML 13Page - Allegro MicroSystems A829 Datasheet HTML 14Page - Allegro MicroSystems A829 Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Single LNB Supply and Control Voltage Regulator
A8294
11
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Table 2. Control Register Address (I1, I0) = 10
Bit
Name
Function
0
TMODE
0: Enable external tone modulation via EXTM pin
1: Enable internal clock modulation of tone, with
gating via EXTM pin
1
TGATE
Must be set to 1: Tone Ready
2
-
Not Used (0 recommended)
3
-
Not Used
4
-
Not Used
5
-
Not Used
6
I0
Address Bit: 0
7
I1
Address Bit: 1
Bit 0
TMODE Tone Mode. Selects source of tone frequency generation. When set to 0, a digital
pulse signal on the EXTM pin is used. When set to 1, a 22-kHz internal clock signal
is used. In the case where the the internal clock is used, set the EXTM pin high to
enable modulation, and set it low to disable modulation. See Tone Generation Sec-
tion for more information.
Bit 1
TGATE Tone Ready. Must be set to 1.
Bit 2
Not Used.
Bit 3
Not Used.
Bit 4
Not Used.
Bit 5
Not Used.
Bit 6
I0
Address.
Bit 7
I1
Address.


Similar Part No. - A829

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
A829-1A1T-91B BEL-A829-1A1T-91B Datasheet
794Kb / 2P
   Automotive Ethernet ICMs
A829-1J1T-KM BEL-A829-1J1T-KM Datasheet
794Kb / 2P
   Automotive Ethernet ICMs
logo
Allegro MicroSystems
A8290 ALLEGRO-A8290 Datasheet
408Kb / 19P
   Single LNB Supply and Control Voltage Regulator
February 15, 2012
A8290 ALLEGRO-A8290 Datasheet
381Kb / 20P
   Single LNB Supply and Control Voltage Regulator
A8290SETTR-TB ALLEGRO-A8290SETTR-TB Datasheet
408Kb / 19P
   Single LNB Supply and Control Voltage Regulator
February 15, 2012
More results

Similar Description - A829

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8298SESTR-T ALLEGRO-A8298SESTR-T Datasheet
101Kb / 2P
   Single LNB Supply and Control Voltage Regulator
A8291 ALLEGRO-A8291 Datasheet
396Kb / 18P
   Single LNB Supply and Control Voltage Regulator
February 15, 2012
A8291 ALLEGRO-A8291 Datasheet
369Kb / 19P
   Single LNB Supply and Control Voltage Regulator
A8294 ALLEGRO-A8294 Datasheet
344Kb / 18P
   Single LNB Supply and Control Voltage Regulator
A8304 ALLEGRO-A8304 Datasheet
633Kb / 21P
   Single LNB Supply and Control Voltage Regulator
A8296SESTR-T ALLEGRO-A8296SESTR-T Datasheet
101Kb / 2P
   Single LNB Supply and Control Voltage Regulator
A8290 ALLEGRO-A8290 Datasheet
381Kb / 20P
   Single LNB Supply and Control Voltage Regulator
A8293 ALLEGRO-A8293 Datasheet
406Kb / 19P
   Single LNB Supply and Control Voltage Regulator
A8303 ALLEGRO-A8303 Datasheet
2Mb / 30P
   Single LNB Supply and Control Voltage Regulator
A8293SESTR-T ALLEGRO-A8293SESTR-T Datasheet
404Kb / 19P
   Single LNB Supply and Control Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com