Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

CS8361 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

Part No. CS8361
Description  5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHERRY [Cherry Semiconductor Corporation]
Homepage  http://www.cherrycorp.com/
Logo 

CS8361 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 6 page
background image
1
Features
VSTBY
Gnd
VIN
+
Current
Limit
Overvoltage
Shutdown
OVSD
TSD
Thermal
Shutdown
Current
Limit
Bandgap
BG
RESET
Adj
OVSD
TSD
VIN
+
VSTANDBY
BG
RESET
OVSD
TSD
VTRK
250mA
5V,100mA,2%
ENABLE
RESET
BG
s
2 Regulated Outputs
Standby Output 5V
±2%; 100mA
Tracking Output 5V;
250mA
s
Low Dropout Voltage
(0.4V at rated current)
s
RESET Option
s
ENABLE Option
s
Low Quiescent Current
s
Protection Features
Independent Thermal
Shutdown
Short Circuit
60V Load Dump
Reverse Battery
Package Options
7L TO-220
5V Dual Micropower Low Dropout
Regulator with ENABLE and RESET
1
CS8361
Block Diagram
Description
7L D2PAK
1
16 Lead PDIP & SOIC Wide
(internally fused leads)
1
NC
NC
NC
NC
NC
NC
VIN
Gnd
Gnd
Gnd
Gnd
VTRK
Adj
ENABLE
RESET
VSTBY
1. VSTBY
2. VIN
3. VTRK
4. Gnd
5. Adj
6. ENABLE
7. RESET
Also available in 20 Lead SOIC Wide.
Consult factory for 20 Lead PSOP .
* Consult factory for positive ENABLE option.
Rev. 5/4/99
The CS8361 is a precision micro-
power dual voltage regulator with
and
.
The 5V standby output is accurate
within ±2% while supplying loads
of 100mA and has a typical
dropout voltage of 400mV.
Quiescent current is low, typically
140µA with a 300µA load. The
active
output monitors the
5V standby output and holds
the
line low during power-
up and regulator dropout condi-
tions. The
circuit includes
hysteresis and is guaranteed to
operate correctly with 1V on the
standby output.
The second output tracks the 5V
standby output through an external
adjust lead, and can supply loads
of 250mA with a typical dropout
voltage of 400mV. The logic level
lead is used to control
this tracking regulator output.
Both outputs are protected against
overvoltage, short circuit, reverse
battery and overtemperature condi-
tions. The robustness and low qui-
escent current of the CS8361 makes
it not only well suited for automo-
tive microprocessor applications,
but for any battery powered micro-
processor applications.
ENABLE
RESET
RESET
RESET
RESET
ENABLE
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
®


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CS8101Micropower 5V 100mA Low Dropout Linear Regulator with RESET and ENABLE 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS81355V 5V Low Dropout Dual Regulator with /ENABLE RESET 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS83915V/250mA 5V/100mA Micropower Low Dropout Regulator with ENABLE 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS814710V/5V Low Dropout Dual Regulator with ENABLE 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS815612V 5V Low Dropout Dual Regulator with ENABLE 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS816112V 5V Low Dropout Dual Regulator with ENABLE 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS81648V/5V Low Dropout Dual Regulator with ENABLE 1 2 3 4 5 MoreCherry Semiconductor Corporation
FAN1538Dual Channel 1A Low Dropout Linear Regulator with UVLO and Soft-start 1 2 3 4 5 MoreFairchild Semiconductor
CS8271Adjustable Micropower Low Dropout Linear Regulator with ENABLE 1 2 3 4 5 MoreCherry Semiconductor Corporation
CS82815V/250mA 5V/100mA Micropower Low Dropout Regulator with ENABLE 1 2 3 4 5 MoreCherry Semiconductor Corporation

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn