Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1367703-2 Datasheet(PDF) 21 Page - Tyco Electronics

Part # 3-1367703-2
Description  Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1367703-2 Datasheet(HTML) 21 Page - Tyco Electronics

Back Button 3-1367703-2 Datasheet HTML 17Page - Tyco Electronics 3-1367703-2 Datasheet HTML 18Page - Tyco Electronics 3-1367703-2 Datasheet HTML 19Page - Tyco Electronics 3-1367703-2 Datasheet HTML 20Page - Tyco Electronics 3-1367703-2 Datasheet HTML 21Page - Tyco Electronics 3-1367703-2 Datasheet HTML 22Page - Tyco Electronics 3-1367703-2 Datasheet HTML 23Page - Tyco Electronics 3-1367703-2 Datasheet HTML 24Page - Tyco Electronics 3-1367703-2 Datasheet HTML 25Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
Catalog 3-1773445-8
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Product Compliant to xTCA or AdvancedMC Specifications (Continued)
Solutions for AdvancedTCA, AdvancedTCA 300,
MicroTCA, and AdvancedMC Standards
AdvancedMC, AdvancedTCA,
AdvancedTCA 300, MicroTCA and
PICMG are trademarks of PICMG-PCI
Industrial Computer Manufacturers
Group Incorporated.
To meet the requirements for I/O connectors
on AdvancedTCA and AdvancedMC cards,
Tyco Electronics has released new low
profile RJ45 modular jacks. The offset from
the board is designed such that it fits in
an AdvancedMC half height faceplate.
These jacks are shielded and include
panel ground springs for EMI containment.
They are available in single port and 1x4
configurations, with and without LEDs, and
are designed for GigE performance.
Low Profile RJ45 Modular Jacks
FEATURES
• Category 5e Performance
• Available in single port and 1x4
configurations
• Low profile meets half height
requirements. 4.20 mm above
PCB, 7.38 mm below PCB
• Press-fit termination to the board
• Available with various LED options
Part Number
Configuration
LED (Left)
LED (Right)
1888250-1
1x1
Green
Yellow
1888250-2
1x1
Green/Yellow
Green/Yellow
1888250-3
1x1
None
None
1888250-4
1x1
Green
Green
1888251-1
1x4
Green
Yellow
1888251-2
1x4
Green/Yellow
Green/Yellow
1888251-3
1x4
None
None
1888251-4
1x4
Green
Green
Note: Part Numbers are RoHS compliant.


Similar Part No. - 3-1367703-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1367703-2 MACOM-3-1367703-2 Datasheet
2Mb / 32P
   Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
More results

Similar Description - 3-1367703-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1888506-1 MACOM-1888506-1 Datasheet
2Mb / 32P
   Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
logo
Yamaichi Electronics Co...
CN074-085-0003 YAMAICHI-CN074-085-0003 Datasheet
1Mb / 8P
   AdvancedMC Connector for AdvancedTCA
logo
CONEC Elektronische Bau...
ATC30W08MARAS5X CONEC-ATC30W08MARAS5X Datasheet
73Kb / 1P
   AdvancedTCA
ATC30W08FGE3S5X CONEC-ATC30W08FGE3S5X Datasheet
83Kb / 1P
   AdvancedTCA
logo
Yamaichi Electronics Co...
CNU004P-030-1001 YAMAICHI-CNU004P-030-1001 Datasheet
141Kb / 1P
   Power Connectors for AdvancedTCA
logo
Tyco Electronics
1766500 MACOM-1766500 Datasheet
204Kb / 2P
   ASSEMBLY, RT ANGLE, ADVANCEDTCA
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Advantech Co., Ltd.
NETARIUM-2V2 ADVANTECH-NETARIUM-2V2_14 Datasheet
1Mb / 2P
   3U 2-Slot AdvancedTCA 3U 2-Slot AdvancedTCA with Advantech Shelf Manager support
NETARIUM-14 ADVANTECH-NETARIUM-14_14 Datasheet
1Mb / 2P
   14U 14-Slot AdvancedTCA Reference Systems
logo
Adlink Technology Inc.
ATCA-9710 ADLINK-ATCA-9710 Datasheet
853Kb / 2P
   40 Gigabit Ethernet AdvancedTCA Processor Blade
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com