Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1367703-2 Datasheet(PDF) 26 Page - Tyco Electronics

Part # 3-1367703-2
Description  Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1367703-2 Datasheet(HTML) 26 Page - Tyco Electronics

Back Button 3-1367703-2 Datasheet HTML 22Page - Tyco Electronics 3-1367703-2 Datasheet HTML 23Page - Tyco Electronics 3-1367703-2 Datasheet HTML 24Page - Tyco Electronics 3-1367703-2 Datasheet HTML 25Page - Tyco Electronics 3-1367703-2 Datasheet HTML 26Page - Tyco Electronics 3-1367703-2 Datasheet HTML 27Page - Tyco Electronics 3-1367703-2 Datasheet HTML 28Page - Tyco Electronics 3-1367703-2 Datasheet HTML 29Page - Tyco Electronics 3-1367703-2 Datasheet HTML 30Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
As a standard for adding local PCI or Sbus
performance to Futurebus+ and VMEbus
applications, IEEE 1386 offers new levels of
performance and packaging convenience
through the mezzanine architecture.
Tyco Electronics makes it easier and more
productive to add an IEEE 1386 mezzanine
connector to your system. The surface-mount
parallel stacking connector features contacts
on a 1.0 [.039] pitch and is available in eight
stacking heights from 8 [.315] to 15 [.591]. Sizes
include the IEEE 1386 standard 64-position
version and an optional 84-position version.
Not only is the connector compatible with EIA-
700 AAAB — the connector standard for IEEE
1386 mezzanine connectors — it offers sev-
eral enhancements that make it easier to use
and more reliable. Increased plastic clear-
ance between mating connectors makes it
easier to align multiple connectors for mating,
thus eliminating stress to the solder joints dur-
ing engagement. Improved locating posts
allow fast, highly accurate hand placement of
connectors. The connectors are available with
vacuum covers for automated placement.
1.0 mm Free Height (FH) (IEEE 1386) Connectors
FEATURES:
• For board stacking applications
• High density packaging on
1.0 [.039] centerline spacing
• Available in standard 64-position
and optional 84-position sizes
• “Tape-and-reel” packaged per
EIA standards
• Board stacking heights available
from 8 [.315] to 15 [.591]
• Increased plastic clearance
eliminates stress to solder joints
during mating
• Improved locating posts provide
accurate hand or robotic placement
• Meets EIA-700 AAAB specifica-
tions for IEEE 1386 applications
Performance Characteristics
Current Rating —
1.0 ampere per contact
Contact Resistance —
30 milliohms max. (initial)
Durability — tested to 100 mating
cycles min.
Product Specification
108-2246
1.0 mm FH (IEEE 1386)
Receptacles and Plugs
without Locating Posts,
1.0 [.039] Pitch
8 [.315] thru 15 [.591]
Stacking Heights
Material and Finish
Housing — Liquid crystal polymer,
black
Contacts — Phosphor bronze; duplex
plated 0.00076 [.000030] or .00127
[.00050] min. gold on contact area,
0.00381 [.000150] min. tin on solder
area, with entire contact underplated
0.00127 [.000050] min. nickel
Vacuum Cover — Aluminum Alloy
Technical Documents
EIA-700 AAAB Specification
Application Specification
114-25045
Receptacle Part Number
No. of
Height
30µ" Au Plating
50µ" Au Plating
Positions
w/ pickup cap
w/ pickup cap
5.37
.211
5120528-1
1-5120528-1
7.37
64
.290
5120529-1
1-5120529-1
8.37
.330
5120530-1
1-5120530-1
10.37
.408
5120531-1
1-5120531-1
5.37
.211
5120528-2
1-5120528-2
7.37
84
.290
5120529-2
1-5120529-2
8.37
.330
5120530-2
1-5120530-2
10.37
.408
5120531-2
1-5120531-2
Notes: 1. Shorter solder lands may be used per EIA-700 AAAB. However,
the 2.4 [.094] length assures optimum solder fillet regardless of
connector manufacturer.
Plug Part Number
No. of
Height
30µ" Au Plating
50µ" Au Plating
Positions
w/ pickup cap
w/ pickup cap
6.35
.250
5120532-1
1-5120532-1
7.35
64
.289
5120533-1
1-5120533-1
8.35
.329
5120534-1
1-5120534-1
6.35
.250
5120532-2
1-5120532-2
7.35
84
.289
5120533-2
1-5120533-2
8.35
.329
5120534-2
1-5120534-2
Notes: 1. Shorter solder lands may be used per EIA-700 AAAB. However,
the 2.7 [.106] length assures optimum solder fillet regardless of
connector manufacturer.
26
Catalog 3-1773445-8
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Product Compliant to xTCA or AdvancedMC Specifications (Continued)
Solutions for AdvancedTCA, AdvancedTCA 300,
MicroTCA, and AdvancedMC Standards
AdvancedMC, AdvancedTCA, AdvancedTCA 300, MicroTCA and PICMG are trademarks of PICMG-PCI Industrial Computer
Manufacturers Group Incorporated.
Note: Part Numbers are RoHS compliant.


Similar Part No. - 3-1367703-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1367703-2 MACOM-3-1367703-2 Datasheet
2Mb / 32P
   Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
More results

Similar Description - 3-1367703-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1888654-2 MACOM-1888654-2 Datasheet
2Mb / 32P
   Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
logo
Yamaichi Electronics Co...
CN074-085-0003 YAMAICHI-CN074-085-0003 Datasheet
1Mb / 8P
   AdvancedMC Connector for AdvancedTCA
logo
CONEC Elektronische Bau...
ATC30W08MARAS5X CONEC-ATC30W08MARAS5X Datasheet
73Kb / 1P
   AdvancedTCA
ATC30W08FGE3S5X CONEC-ATC30W08FGE3S5X Datasheet
83Kb / 1P
   AdvancedTCA
logo
Yamaichi Electronics Co...
CNU004P-030-1001 YAMAICHI-CNU004P-030-1001 Datasheet
141Kb / 1P
   Power Connectors for AdvancedTCA
logo
Tyco Electronics
1766500 MACOM-1766500 Datasheet
204Kb / 2P
   ASSEMBLY, RT ANGLE, ADVANCEDTCA
logo
Molex Electronics Ltd.
79610-5000 MOLEX-79610-5000 Datasheet
548Kb / 4P
   MicroTCA Interconnect Solutions
logo
Advantech Co., Ltd.
NETARIUM-2V2 ADVANTECH-NETARIUM-2V2_14 Datasheet
1Mb / 2P
   3U 2-Slot AdvancedTCA 3U 2-Slot AdvancedTCA with Advantech Shelf Manager support
NETARIUM-14 ADVANTECH-NETARIUM-14_14 Datasheet
1Mb / 2P
   14U 14-Slot AdvancedTCA Reference Systems
logo
Adlink Technology Inc.
ATCA-9710 ADLINK-ATCA-9710 Datasheet
853Kb / 2P
   40 Gigabit Ethernet AdvancedTCA Processor Blade
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com