Selected language     English  ▼


3-1367703-2 Datasheet(PDF) 4 Page - Tyco Electronics

Part No. 3-1367703-2
Description  Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

 
 4 page
background image
4
Catalog 3-1773445-8
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Table of Contents
Solutions for AdvancedTCA, AdvancedTCA 300,
MicroTCA, and AdvancedMC Standards
Introduction to AdvancedTCA, MicroTCA, and AdvancedMC Standards . . . . . . . . . 2, 3
Product Defined in AdvancedTCA/AdvancedTCA 300 Specifications
AdvancedTCA — Zone 1 Power Connectors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5, 6
AdvancedTCA — Zone 2 Z-PACK HM-Zd High Speed Signal Connectors . . . . . . . . . . 7-9
AdvancedTCA — Zone 3 RTM Board Connector . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Co-Planar UPM for AdvancedTCA Zone 3 Power Applications . . . . . . . . . . . . . . . . . . . 11
Z-PACK TinMan Connectors for AdvancedTCA Standards — Zone 3 . . . . . . . . . . . . . . 12
AdvancedTCA — Advanced Mezzanine Card (AdvancedMC) Connectors . . . . . . . . . . 13
MULTI-BEAM XL Connectors for AdvancedTCA 300 Standard . . . . . . . . . . . . . . . . . . . 14
AdvancedTCA — Guide Modules . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Product Defined in MicroTCA Specification
Vertical AdvancedMC Connector for MicroTCA Applications . . . . . . . . . . . . . . . . . . . . . 16
MINIPAK HD Power Connectors . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17-19
Product Compliant to xTCA or AdvancedMC Specifications
Stacked RJ45 Modular Jacks for AdvancedTCA, AdvancedMC Standards . . . . . . . . . . 20
Low Profile RJ45 Modular Jacks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
AdvancedTCA — Front & Rear I/O Connectors – SFP Modules . . . . . . . . . . . . . . . . . . 22
AdvancedTCA — Front & Rear I/O Connectors — MRJ21 Receptacles . . . . . . . . . . . . 23
AdvancedTCA — Thermal Products & Services . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Low Profile DDR2 Connector for AdvancedTCA Standards . . . . . . . . . . . . . . . . . . . . . . 24
SO DIMM Connectors for AdvancedMC Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
1.0 mm Free Height (FH) (IEEE 1386) Connectors . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
AdvancedTCA — Power Distribution & Management Modules . . . . . . . . . . . . . . . . 27, 28
Part Number Index . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Web Site Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Global Contacts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Restriction on the use of Hazardous Substances
(RoHS)
At Tyco Electronics, we’re ready to support your RoHS require-
ments. We’ve assessed more than 1.5 million end items/com-
ponents for RoHS compliance, and issued new part numbers
where any change was required to eliminate the restricted
|materials. Part numbers in this catalog are identified as:
RoHS Compliant — Part numbers in this catalog are RoHS
Compliant, unless marked otherwise. These products comply
with European Union Directive 2002/95/EC as amended 1
January 2006 that restricts the use of lead, mercury, cadmium,
hexavalent chromium, PBB, and PBDE in certain electrical and
electronic products sold into the EU as of 1 July 2006.
NOTE: For purposes of this Catalog, included within the defini-
tion of RoHS Compliant are products that are clearly “Out of
Scope” of the RoHS Directive such as hand tools and other
non-electrical accessories.
5 of 6 Compliant — A “ ” symbol identifies these part
numbers. These products do not fully comply with the
European Union Directive 2002/95/EC because they contain
lead in solderable interfaces (they do not contain any of the
other five restricted substances above allowable limits).
However, these products may be suitable for use in RoHS
applications where there is an application-based exception for
lead in solders, such as the server, storage, or networking
infrastructure exemption.
NOTE: Information regarding RoHS compliance is provided
based on reasonable inquiry of our suppliers and represents our
current actual knowledge based on the information provided by
our suppliers. This information is subject to change. For latest
compliance status, refer to our website referenced at right.
Getting the Information You Need
Our comprehensive on-line RoHS Customer Support Center
provides a forum to answer your questions and support your
RoHS needs. A RoHS FAQ (Frequently Asked Questions) is
available with links to more detailed information. You can also
submit RoHS questions and receive a response within 24 hours
during a normal work week. The Support Center also provides:
I
Cross-Reference from
Non-compliant to Compliant
Products
I
Ability to browse RoHS
Compliant Products in our
on-line catalog
I
Downloadable Technical Data
Customer Information
Presentation
I
More detailed information
regarding the definitions used above
I
So whatever your questions when it comes to RoHS, we’ve
got the answers at www.tycoelectronics.com/leadfree
RoHS
Customer
Support
Center
© Copyright 2007, 2006 and 2005 by
Tyco Electronics Corporation.
All International Rights Reserved.
AMP, Austin Lynx, CHIP COOLER,
ELCON, FUTUREBUS+, MINIPAK,
MRJ21, MULTI-BEAM XL, TE Logo,
Tyco Electronics, Z-PACK and
Z-PACK TinMan are trademarks.
AdvancedMC, AdvancedTCA,
AdvancedTCA 300, MicroTCA and
PICMG are trademarks of PICMG-PCI
Industrial Computer Manufacturers
Group Incorporated.
Infiniband is a trademark of Infiniband
Trade Association.
Other products, logos, and company
names mentioned herein may be
trademarks of their respective owners.
Disclaimer
While Tyco Electronics Corporation
and its affiliates referenced herein
(“Tyco Electronics”) have made every
reasonable effort to ensure the accuracy
of the information in this catalog,
Tyco Electronics does not guarantee that
it is error-free, nor does Tyco Electronics
make any other representation, warranty
or guarantee that the information is
accurate, correct, reliable or current.
Tyco Electronics reserves the right to
make any adjustments to the information
contained herein at any time without
notice. Tyco Electronics expressly dis-
claims all implied warranties regarding
the information contained herein, includ-
ing, but not limited to, any implied war-
ranties of merchantability or fitness for
a particular purpose. Tyco Electronics’
only obligations are those in the
Tyco Electronics Standard Terms and
Conditions of Sale, and in no case will
Tyco Electronics be responsible for any
incidental, indirect, or consequential
damages arising from the sale, resale,
use, or misuse of its products. Users
should independently evaluate the suit-
ability of, and test each product for, their
application.
The dimensions, specifications, designs,
construction, materials and processes in
this catalog are for reference purposes
only and are subject to change without
notice. Please consult Tyco Electronics
for the most current product information.
The export of certain Tyco Electronics
products is restricted by the Arms Export
Control Act (Title 22, U.S.C. Sec 2751, et
seq.) or the Export Administration Act of
1979, as amended (Title 50, U.S.C., App.
2401 et seq.). Orders may be subject to
export approval by the U.S. Government.
Buyer must comply with all applicable
export laws of all applicable jurisdictions.
See inside back cover for Global
Contacts and phone numbers.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl