Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8371ETVA7 Datasheet(PDF) 7 Page - Cherry Semiconductor Corporation

Part # CS8371ETVA7
Description  8V/1A, 5V/250mA Dual Regulator with Independent Output Enables and NoCap
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8371ETVA7 Datasheet(HTML) 7 Page - Cherry Semiconductor Corporation

  CS8371ETVA7 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8371ETVA7 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8371ETVA7 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8371ETVA7 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8371ETVA7 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8371ETVA7 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8371ETVA7 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8371ETVA7 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Applications Notes: continued
Calculating Power Dissipation
in a Dual Output Linear Regulator
The maximum power dissipation for a dual output regu-
lator (Figure 1) is
PD(max) = {VIN(max) Ð VOUT1(min)}IOUT1(max) +
{VIN(max) Ð VOUT2(min)}IOUT2(max) + VIN(max)IQ,
(1)
where
VIN(max) is the maximum input voltage,
VOUT
1(min) is the minimum output voltage from VOUT1,
VOUT
2(min) is the minimum output voltage from VOUT2,
IOUT
1(max) is the maximum output current, for the appli-
cation,
IOUT
2(max) is the maximum output current, for the appli-
cation,
IQ is the quiescent current the regulator consumes at
IOUT(max).
Once the value of PD(max) is known, the maximum permis-
sible value of R
QJA can be calculated:
R
QJA =
(2)
The value of R
QJA can then be compared with those in
the package section of the data sheet. Those packages
with R
QJA's less than the calculated value in equation 2
will keep the die temperature below 150¡C.
In some cases, none of the packages will be sufficient to
dissipate the heat generated by the IC, and an external
heatsink will be required.
Heatsinks
A heatsink effectively increases the surface area of the
package to improve the flow of heat away from the IC and
into the surrounding air.
Each material in the heat flow path between the IC and the
outside environment will have a thermal resistance. Like
series electrical resistances, these resistances are summed
to determine the value of R
QJA:
R
QJA = RQJC + RQCS + RQSA,
(3)
where
R
QJC = the junctionÐtoÐcase thermal resistance,
R
QCS = the caseÐtoÐheatsink thermal resistance, and
R
QSA = the heatsinkÐtoÐambient thermal resistance.
R
QJC appears in the package section of the data sheet. Like
R
QJA, it too is a function of package type. RQCS and RQSA
are functions of the package type, heatsink and the inter-
face between them. These values appear in heatsink data
sheets of heatsink manufacturers.
150¡C - T
A
PD
VIN
VOUT2
IIN
IQ
Control
Features
}
IOUT2
VOUT1
IOUT1
Smart
Regulator
Figure 1: Dual output regulator with key performance parameters
labeled.


Similar Part No. - CS8371ETVA7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8371ETVA7 ONSEMI-CS8371ETVA7 Datasheet
98Kb / 11P
   8.0 V/1.0 A, 5.0 V/250 mA Dual Regulator with Independent Output Enables and NOCAP
June, 2006 ??Rev. 12
CS8371ETVA7G ONSEMI-CS8371ETVA7G Datasheet
98Kb / 11P
   8.0 V/1.0 A, 5.0 V/250 mA Dual Regulator with Independent Output Enables and NOCAP
June, 2006 ??Rev. 12
More results

Similar Description - CS8371ETVA7

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8371 ONSEMI-CS8371 Datasheet
98Kb / 11P
   8.0 V/1.0 A, 5.0 V/250 mA Dual Regulator with Independent Output Enables and NOCAP
June, 2006 ??Rev. 12
logo
STMicroelectronics
STV8131 STMICROELECTRONICS-STV8131 Datasheet
68Kb / 5P
   5V AND 8V VOLTAGE REGULATOR
logo
ON Semiconductor
CS8164 ONSEMI-CS8164 Datasheet
83Kb / 8P
   8V/5V Low Dropout Dual Regulator
December, 2001 - Rev. 4
logo
Cherry Semiconductor Co...
CS8164 CHERRY-CS8164 Datasheet
167Kb / 8P
   8V/5V Low Dropout Dual Regulator with ENABLE
logo
KODENSHI_AUK CORP.
KKA8133A KODENSHI-KKA8133A Datasheet
101Kb / 4P
   DUAL 5.1V 8V REGULATOR WITH DISABLE AND RESET
logo
Cherry Semiconductor Co...
CS8121 CHERRY-CS8121 Datasheet
205Kb / 8P
   5V, 1A Linear Regulator with and ENABLE RESET
CS8391 CHERRY-CS8391 Datasheet
152Kb / 6P
   5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
logo
First Components Intern...
FGM78R05 FCI-FGM78R05 Datasheet
206Kb / 7P
   1A / 5V Output low dropout voltage regulator;
logo
Cherry Semiconductor Co...
CS8281 CHERRY-CS8281 Datasheet
153Kb / 6P
   5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
logo
Murata Manufacturing Co...
MPD7K046S MURATA-MPD7K046S Datasheet
543Kb / 5P
   12V main output and 5V,1A Aux output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com