Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8391YDP5 Datasheet(PDF) 6 Page - Cherry Semiconductor Corporation

Part # CS8391YDP5
Description  5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8391YDP5 Datasheet(HTML) 6 Page - Cherry Semiconductor Corporation

  CS8391YDP5 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8391YDP5 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8391YDP5 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8391YDP5 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8391YDP5 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8391YDP5 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Part Number
Description
CS8391YDP5
5 Lead D2PAK
CS8391YDPR5
5 Lead D2PAK (tape & reel)
6
Rev. 1/12/98
© 1999 Cherry Semiconductor Corporation
Ordering Information
Thermal Data
5 Lead D2 PAK
RQJC
typ
2.4
¡C/W
RQJA
typ
10-50*
¡C/W
* Depending on thermal properties of substrate. RQJA = RQJC + RQCA
Package Specification
PACKAGE THERMAL DATA
PACKAGE DIMENSIONS IN MM(INCHES)
Cherry Semiconductor Corporation reserves the right to
make changes to the specifications without notice. Please
contact Cherry Semiconductor Corporation for the latest
available information.
5 Lead D2PAK (DP)
1.70 (.067) REF
0.10 (.004)
0.00 (.000)
10.31 (.406)
10.05 (.396)
0.91 (.036)
0.66 (.026)
1.40 (.055)
1.14 (.045)
4.57 (.180)
4.31 (.170)
1.68 (.066)
1.40 (.055)
2.74(.108)
2.49(.098)
.254 (.010) REF
2.79 (.110)
2.29 (.090)
15.75 (.620)
14.73 (.580)
8.53 (.336)
8.28 (.326)


Similar Part No. - CS8391YDP5

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS8390E YONGFUKANG-CS8390E Datasheet
3Mb / 10P
   BOOST
More results

Similar Description - CS8391YDP5

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8281 CHERRY-CS8281 Datasheet
153Kb / 6P
   5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
   Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
   Micropower 5V, 100mA Low Dropout Linear Regulator
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
   5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
CS8361 CHERRY-CS8361 Datasheet
169Kb / 6P
   5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
logo
Global Mixed-mode Techn...
G9105 GMT-G9105 Datasheet
404Kb / 9P
   5V 1A Low Dropout Regulator with Enable
logo
Cherry Semiconductor Co...
CS8161 CHERRY-CS8161 Datasheet
198Kb / 8P
   12V, 5V Low Dropout Dual Regulator with ENABLE
CS8147 CHERRY-CS8147 Datasheet
173Kb / 8P
   10V/5V Low Dropout Dual Regulator with ENABLE
CS8156 CHERRY-CS8156 Datasheet
172Kb / 8P
   12V, 5V Low Dropout Dual Regulator with ENABLE
CS8164 CHERRY-CS8164 Datasheet
167Kb / 8P
   8V/5V Low Dropout Dual Regulator with ENABLE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com