Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1658013-2 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 1658013-2
Description  MICTOR Right-Angle Receptacles
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1658013-2 Datasheet(HTML) 3 Page - Tyco Electronics

  1658013-2 Datasheet HTML 1Page - Tyco Electronics 1658013-2 Datasheet HTML 2Page - Tyco Electronics 1658013-2 Datasheet HTML 3Page - Tyco Electronics 1658013-2 Datasheet HTML 4Page - Tyco Electronics 1658013-2 Datasheet HTML 5Page - Tyco Electronics 1658013-2 Datasheet HTML 6Page - Tyco Electronics 1658013-2 Datasheet HTML 7Page - Tyco Electronics 1658013-2 Datasheet HTML 8Page - Tyco Electronics 1658013-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Performance Specifications
Ratings
Voltage — 225 vac
Current — Signal; rated 2.0 Amps @ 80°C, derated 1 Amp*
Ground; rated 9.5 Amps @ 80°C, fully derated 6.8 Amps*
Temperature — -65°C to +125°C
*Consult Tyco Electronics for details on current rating.
Electrical Characteristics
Characteristic Impedance — 50±5 ohms at 1 ns
Termination Resistance — ∆R 15 milliohms max. for signal contacts, ∆R 5 milliohms max. for ground bus contacts;
EIA 364-23A
Insulation Resistance — 5,000 megohms min. initial, 1,000 megohms after exposures; EIA 364-21C
Dielectric Withstanding Voltage — 375 vac for 0.50 [.032] centerline connectors and 675 vac for 0.80 [.020] centerline
connectors at sea level; EIA 364-208, Condition 1
Mechanical Characteristics
Solderability — Solderable area shall have a 95% min. solder coverage; EIA 364-52
Vibration (Random) — No discontinuities of 1 µs or longer duration; EIA 364-28D, Condition V
Physical Shock — No discontinuities of 1 µs or longer duration; EIA 364-27B, Method A
Durability (Tested to) — Mate and unmate samples at a rate of 500 cycles max. per hour. 100 cycles for 10 µ inch gold plated
parts; EIA 364-9C
Mating Force — 120 oz max. per 1 module for 0.50 [.020] centerline connectors (Each module equals 60 signal contacts and 1
ground bus). 80 oz max. per 1 module for 0.80 [.032] centerline connectors (Each module equals 40 signal contacts and 1 ground bus)
Unmating Force — 24 oz max. per 1 module for 0.50 [.020] centerline connectors (Each module equals 60 signal contacts and 1
ground bus). 20 oz max. per 1 module for 0.80 [.032] centerline connectors (Each module equals 40 signal contacts and 1 ground bus)
Environmental Characteristics
Thermal Shock — Subject mated samples to 5 cycles between -65°C and +125°C; EIA 364-32C
Humidity - Temperature Cycling — Subject mated samples to 10 cycles between -25°C and +65°C at 95% RH;
EIA 364-31B, Method III
Temperature Life — Subject mated samples to temperature life at +105°C for 300 hours; EIA 364-17
Material Specifications
Material
Housing — Liquid crystal polymer, black
Contacts — Phosphor bronze
Ground Bus — Phosphor bronze
Finish (Gold Flash Plating)
Contacts and Ground Bus — Gold flash over 0.00127 [.000050] min. nickel underplate
Finish (10 µ Gold Plating)
Contacts and Ground Bus — 0.00025 [.000010] min. gold over 0.00178 [.000070] min. nickel underplate
43
Catalog 65194
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Material and Performance Specifications, MICTOR SB Connectors
High Speed Fine Pitch Connectors
(MICTOR, MICTOR SB, Micro-Strip and STEP-Z
Interconnection Systems)


Similar Part No. - 1658013-2

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1658008 PHOENIX-1658008 Datasheet
321Kb / 8P
   RJ45 connector - VS-08-RJ45-5-Q/IP20 BK
1658066 PHOENIX-1658066 Datasheet
141Kb / 4P
   VS-08-A-RJ45/LP-1-IP67-BK
1658066 PHOENIX-1658066 Datasheet
99Kb / 4P
   VS-08-KU-IP67-BK
1658066 PHOENIX-1658066 Datasheet
58Kb / 2P
   Protective covers - VS-08-SD-F-BK
1658082 PHOENIX-1658082 Datasheet
58Kb / 2P
   Protective covers - VS-09-SD BK
More results

Similar Description - 1658013-2

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RS2BR-XX-G-HT ADAM-TECH-RS2BR-XX-G-HT Datasheet
80Kb / 1P
   DUAL ROW RECEPTACLES STRIP RIGHT ANGLE
RS2BR-XX-G-E-15 ADAM-TECH-RS2BR-XX-G-E-15 Datasheet
82Kb / 1P
   DUAL ROW RECEPTACLES STRIP RIGHT ANGLE
RS2BR-XX-G-E ADAM-TECH-RS2BR-XX-G-E Datasheet
81Kb / 1P
   DUAL ROW RECEPTACLES STRIP RIGHT ANGLE
RS2BR-XX-G ADAM-TECH-RS2BR-XX-G Datasheet
102Kb / 1P
   DUAL ROW RECEPTACLES STRIP RIGHT ANGLE
RS2BR-XX-G-5 ADAM-TECH-RS2BR-XX-G-5 Datasheet
87Kb / 1P
   DUAL ROW RECEPTACLES STRIP RIGHT ANGLE
logo
EDAC, All Rights Reserv...
690P204-323-221 EDAC-690P204-323-221 Datasheet
84Kb / 1P
   690P Series,USB TYPE-B RECEPTACLES - RIGHT ANGLE PCB
694B119-527-611 EDAC-694B119-527-611 Datasheet
108Kb / 1P
   694B Series,HDMI TYPE-A RECEPTACLES - RIGHT ANGLE PCB
690P209-223-022 EDAC-690P209-223-022 Datasheet
97Kb / 1P
   690P Series,USB TYPE-B RECEPTACLES - RIGHT ANGLE PCB
694B119-627-611 EDAC-694B119-627-611 Datasheet
108Kb / 1P
   694B Series,HDMI TYPE-A RECEPTACLES - RIGHT ANGLE PCB
690P204-223-220 EDAC-690P204-223-220 Datasheet
83Kb / 1P
   690P Series,USB TYPE-B RECEPTACLES - RIGHT ANGLE PCB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com