Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P40LC Datasheet(PDF) 5 Page - Socay Electornics Co., Ltd.

Part # P40LC
Description  Thyristor Surge Suppressors (TSS)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

P40LC Datasheet(HTML) 5 Page - Socay Electornics Co., Ltd.

  P40LC Datasheet HTML 1Page - Socay Electornics Co., Ltd. P40LC Datasheet HTML 2Page - Socay Electornics Co., Ltd. P40LC Datasheet HTML 3Page - Socay Electornics Co., Ltd. P40LC Datasheet HTML 4Page - Socay Electornics Co., Ltd. P40LC Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Thyristor Surge Suppressors (TSS)
Revision September 25, 2013
5 / 5
@SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
P0080LC - P5000LC Series - DO-27
@10/700
μS, 6KV
SOCAY Electronics Co., Ltd.
www.socay.com
Inches
Millimeters
Dimensions
Min
Max
Min
Max
B
0.028
0.042
0.711
1.067
D
0.190
0.205
4.826
5.207
G
0.360
0.375
9.146
9.527
L
1.000
25.40
Part Number
Description
Quantity
Industry Standard
DO-27 Axial Tape & Reel
1000
EIA-RS-296-D
Pxxx0LC
DO-27 Bulk Pack
500
N/A
Part Numbering
Part Marking
Dimensions
DO-27
Part Marking Code
(Refer to Electrical Characteristics Table)
Date code
Packaging
2.55
(64.8)
2.07
(52.6)
0.24
(6.10)
0.20
(5.08)
2.7
(68.6)
0.68
(17.27)
3.52
(89.40)
13
(330.2)
Direction of Feed
Dimensions
are in inches
(and millimeters)
Tape and Reel Specifications
DO-27


Similar Part No. - P40LC

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
P40LA SOCAY-P40LA Datasheet
314Kb / 5P
   Thyristor Surge Suppressors (TSS)
P40LB SOCAY-P40LB Datasheet
314Kb / 5P
   Thyristor Surge Suppressors (TSS)
logo
Shindengen Electric Mfg...
P40LF12SL SHINDENGEN-P40LF12SL Datasheet
1Mb / 7P
   Power MOSFETs 120V, 40A, N-channel
P40LF12SLK SHINDENGEN-P40LF12SLK Datasheet
1Mb / 7P
   Power MOSFETs 120V, 40A, N-channel
P40LF12SN SHINDENGEN-P40LF12SN Datasheet
1Mb / 7P
   Power MOSFETs 120V, 40A, N-channel
More results

Similar Description - P40LC

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
P0080EB UNSEMI-P0080EB Datasheet
2Mb / 6P
   Thyristor Surge Suppressors (TSS)
Revision March 1,2022
PXXX0SC-2L UNSEMI-PXXX0SC-2L Datasheet
2Mb / 6P
   Thyristor Surge Suppressors (TSS)
Revision March 1,2022
TISP61089B UNSEMI-TISP61089B Datasheet
2Mb / 4P
   Thyristor Surge Suppressors (TSS)
Revision March 1,2022
logo
SUNMATE electronic Co.,...
P0080SA SUNMATE-P0080SA Datasheet
1Mb / 3P
   THYRISTOR SURGE SUPPRESSORS TSS
logo
Socay Electornics Co., ...
P0080LB SOCAY-P0080LB Datasheet
314Kb / 5P
   Thyristor Surge Suppressors (TSS)
logo
Shenzhen Saite Microele...
P0080SB PHY-P0080SB Datasheet
539Kb / 3P
   THYRISTOR SURGE SUPPRESSORS TSS
logo
UN Semiconducctor INC
P0080EC UNSEMI-P0080EC Datasheet
2Mb / 6P
   Thyristor Surge Suppressors (TSS)
Revision March 1,2022
logo
Socay Electornics Co., ...
P0080TA SOCAY-P0080TA Datasheet
355Kb / 5P
   Thyristor Surge Suppressors (TSS)
P0080SB SOCAY-P0080SB Datasheet
355Kb / 5P
   Thyristor Surge Suppressors (TSS)
P0080LA SOCAY-P0080LA Datasheet
314Kb / 5P
   Thyristor Surge Suppressors (TSS)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com