Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3002-IS Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS3002-IS
Description  PRECISION LOW VOLTAGE AMPLIFIER; DC TO 2KHZ
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3002-IS Datasheet(HTML) 1 Page - Cirrus Logic

  CS3002-IS Datasheet HTML 1Page - Cirrus Logic CS3002-IS Datasheet HTML 2Page - Cirrus Logic CS3002-IS Datasheet HTML 3Page - Cirrus Logic CS3002-IS Datasheet HTML 4Page - Cirrus Logic CS3002-IS Datasheet HTML 5Page - Cirrus Logic CS3002-IS Datasheet HTML 6Page - Cirrus Logic CS3002-IS Datasheet HTML 7Page - Cirrus Logic CS3002-IS Datasheet HTML 8Page - Cirrus Logic CS3002-IS Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 2002
(All Rights Reserved)
Cirrus Logic, Inc.
http://www.cirrus.com
CS3001
CS3002
Precision Low Voltage Amplifier; DC to 2 kHz
Features
Low Offset: 10
µVMax
Low Drift: 0.05
µV/°C Max
Low Noise
–6nV/
√Hz @0.5 Hz
– 0.1 to 10 Hz = 125 nVp-p
– 1/f corner @ 0.08 Hz
Open-Loop Voltage Gain
– 1000 Trillion Typ
– 10 Billion Min
Rail-to-Rail Output Swing
1.8 mA Supply Current
Slew rate: 5 V/
µs
Applications
Thermocouple/Thermopile Amplifiers
Load Cell and Bridge Transducer Amplifiers
Precision Instrumentation
Battery-Powered Systems
Description
The CS3001 single amplifier and the CS3002 dual am-
plifier are designed for precision amplification of low
level signals and are ideally suited to applications that
require very high closed loop gains. These amplifiers
achieve excellent offset stability, super high open loop
gain, and low noise over time and temperature. The de-
vices also exhibit excellent CMRR and PSRR. The
common mode input range includes the negative supply
rail. The amplifiers operate with any total supply voltage
from 2.7 V to 6.7 V (±1.35 V to ±3.35 V).
Pin Configurations
PWDN
-In
+In
V-
NC
V+
Output
NC
1
2
3
4
8
7
6
5
-
+
CS3001
8-lead SOIC
Out A
-In A
+In A
V-
V+
Out B
-In B
+In B
1
2
3
4
8
7
6
5
A
B
-
-
+
+
CS3002
8-lead SOIC
Noise vs. Frequency (Measured)
1
10
100
0.001
0.01
0.1
1
10
Frequency (Hz)
CS3001
R1
100
R2
64.9k
C1
0.015
µµµµF
Dexter Research
Thermopile 1M
Thermopile Amplifier with a Gain of 650 V/V
OCT ‘02
DS490PP1


Similar Part No. - CS3002-IS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3002-IS CIRRUS-CS3002-IS Datasheet
284Kb / 16P
   Precision Low-voltage Amplifier; DC to 2 kHz
CS3002-ISZ CIRRUS-CS3002-ISZ Datasheet
284Kb / 16P
   Precision Low-voltage Amplifier; DC to 2 kHz
CS3002-ISZ CIRRUS-CS3002-ISZ Datasheet
330Kb / 16P
   Precision Low-voltage Amplifier; DC to 2 kHz
More results

Similar Description - CS3002-IS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3011 CIRRUS-CS3011_07 Datasheet
466Kb / 18P
   Precision Low-voltage Amplifier; DC to 1 kHz
CS3001 CIRRUS-CS3001_08 Datasheet
284Kb / 16P
   Precision Low-voltage Amplifier; DC to 2 kHz
CS3001 CIRRUS-CS3001_09 Datasheet
330Kb / 16P
   Precision Low-voltage Amplifier; DC to 2 kHz
CS3011 CIRRUS-CS3011_09 Datasheet
732Kb / 18P
   Precision Low-voltage Amplifier; DC to 1 kHz
CS3011 CIRRUS-CS3011 Datasheet
131Kb / 4P
   Precision Low Voltage Amplifier; DC to 1 kHz
CS3003 CIRRUS-CS3003_09 Datasheet
227Kb / 10P
   Precision Low-voltage Amplifier
CS3003_0910 CIRRUS-CS3003_0910 Datasheet
409Kb / 10P
   Precision Low-voltage Amplifier
CS3004 CIRRUS-CS3004_09 Datasheet
322Kb / 10P
   Precision Low-voltage Amplifier
CS3004 CIRRUS-CS3004_07 Datasheet
399Kb / 8P
   Precision Low-voltage Amplifier
CS3003 CIRRUS-CS3003 Datasheet
466Kb / 8P
   Precision Low-voltage Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com