Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4215 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4215
Description  16-Bit Multimedia Audio Codec
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4215 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4215 Datasheet HTML 7Page - Cirrus Logic CS4215 Datasheet HTML 8Page - Cirrus Logic CS4215 Datasheet HTML 9Page - Cirrus Logic CS4215 Datasheet HTML 10Page - Cirrus Logic CS4215 Datasheet HTML 11Page - Cirrus Logic CS4215 Datasheet HTML 12Page - Cirrus Logic CS4215 Datasheet HTML 13Page - Cirrus Logic CS4215 Datasheet HTML 14Page - Cirrus Logic CS4215 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
after power up. A calibration cycle will occur
immediately after leaving the reset state. A cali-
bration cycle will also occur immediately after
going from control mode to data mode (D/C go-
ing high). When powering up the CS4215, or
exiting the power down state, a minimum of
50 ms must occur, to allow the voltage reference
to settle, before initiating a calibration cycle.
This is achieved by holding RESET low or stay-
ing in control mode for 50 ms after power up or
exiting power down mode. The input offset error
will be calibrated for whichever input channel is
selected (microphone or line, using the IS bit).
Therefore, the IS bit should remain steady while
the codec is calibrating, although the other bits
input to the codec are ignored. Calibration takes
194 FSYNC cycles and SDOUT data bits will be
zero during this period. The A/D Invalid bit, ADI
(bit 7 in data time slot 6), will be high during
calibration and will go low when calibration is
finished.
Parallel Input/Output
Two pins are provided for parallel input/output.
These pins are open drain outputs and require
external pull-up resistors. Writing a zero turns on
the output transistor, pulling the pin to ground;
writing a one turns off the output transistor,
which allows an external resistor to pull the pin
high. When used as an input, a one must be writ-
ten to the pin, thereby allowing an external
device to pull it low or leave it high. These pins
can be read in control mode and their state is
recorded in Control Register 5. These pins can
be written to and read back in data mode using
Data Register 7. Figure 5 shows the Parallel In-
put/Output timing.
Notes:
4. CONTROL MODE READ - The PIO pins are sampled by a rising edge of SCLK.
3. DATA MODE READ, WRITE - are tied to the rising edge of FSYNC and CLKOUT.
They are independent of SCLK.
2. CONTROL MODE READ - The data is sent out, via SDOUT, the same frame.
1.
DATA MODE READ - The data is sent out via SDOUT on the next frame.
Data Mode -Read and Write
Control Mode - Read Only
TSIN
SCLK
1 SCLK
PIO Read
PIO Read
PIO Write
8.5 CLKOUT's
11 CLKOUT's
SCLK
CLKOUT
FSYNC
Figure 5. PIO Pin Timing
CS4215
DS76F2
11


Similar Part No. - CS4215

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS4210 NSC-CS4210 Datasheet
1Mb / 102P
   IEEE 1394 OHCI Controller
CS4210VJG NSC-CS4210VJG Datasheet
1Mb / 102P
   IEEE 1394 OHCI Controller
logo
Cirrus Logic
CS4216 CIRRUS-CS4216 Datasheet
799Kb / 58P
   16-Bit Stereo Audio Codec
CS4216-KL CIRRUS-CS4216-KL Datasheet
799Kb / 58P
   16-Bit Stereo Audio Codec
CS4216-KQ CIRRUS-CS4216-KQ Datasheet
799Kb / 58P
   16-Bit Stereo Audio Codec
More results

Similar Description - CS4215

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
   PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
   Multimedia Audio Codec for AC97
logo
Cirrus Logic
CS4218 CIRRUS-CS4218 Datasheet
586Kb / 44P
   16-Bit Stereo Audio Codec
CS4216 CIRRUS-CS4216 Datasheet
799Kb / 58P
   16-Bit Stereo Audio Codec
logo
Realtek Semiconductor C...
ALC5624 REALTEK-ALC5624 Datasheet
1Mb / 78P
   HAND-HELD MULTIMEDIA I2S AUDIO CODEC
logo
Wolfson Microelectronic...
WM8993 WOLFSON-WM8993 Datasheet
2Mb / 229P
   Audio Hub CODEC for Multimedia Phones
logo
Realtek Semiconductor C...
ALC5624-GR REALTEK-ALC5624-GR Datasheet
1Mb / 73P
   HAND-HELD MULTIMEDIA I2S AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4544A AKM-AK4544A Datasheet
381Kb / 35P
   AC97 MULTIMEDIA AUDIO CODEC WITH SRC
logo
Wolfson Microelectronic...
WM9701A WOLFSON-WM9701A Datasheet
192Kb / 24P
   Low Power AC97 Multimedia Audio Codec
logo
Maxim Integrated Produc...
MAX9860 MAXIM-MAX9860_09 Datasheet
931Kb / 40P
   16-Bit Mono Audio Voice Codec
Rev 1; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com