Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS4227 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS4227
Description  Six Channel, 20-Bit Codec
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4227 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS4227 Datasheet HTML 6Page - Cirrus Logic CS4227 Datasheet HTML 7Page - Cirrus Logic CS4227 Datasheet HTML 8Page - Cirrus Logic CS4227 Datasheet HTML 9Page - Cirrus Logic CS4227 Datasheet HTML 10Page - Cirrus Logic CS4227 Datasheet HTML 11Page - Cirrus Logic CS4227 Datasheet HTML 12Page - Cirrus Logic CS4227 Datasheet HTML 13Page - Cirrus Logic CS4227 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
CS4227
10
DS281PP2
ABSOLUTE MAXIMUM RATINGS (AGND, DGND = 0 V, all voltage with respect to 0 V.)
Notes: 19. Any pin except supplies. Transient currents of up to ±100 mA on the analog input pins will not cause
SCR latch-up.
20. The maximum over or under voltage is limited by the input current.
WARNING: WARNING:Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS (AGND, DGND = 0 V, all voltage with respect to
0 V.)
DIGITAL CHARACTERISTICS (T
A = 25 °C; VA+, VD+ = +5 V ±5%)
Parameter
Symbol
Min
Max
Unit
Power Supplies
Digital
Analog
VD+
VA+
-0.3
-0.3
6.0
6.0
V
Input Current
(Note 19)
-
±10
mA
Analog Input Voltage
(Note 20)
-0.7
(VA+) + 0.7
V
Digital Input Voltage
(Note 20)
-0.7
(VD+) + 0.7
V
Ambient Temperature
(Power Applied)
-55
+125
°C
Storage Temperature
-65
+150
°C
Parameter
Symbol
Min
Typ
Max
Unit
Power Supplies
Digital
|VA+ - VD+| < 0.4 V
Analog
VD+
VA+
4.75
4.75
5.0
5.0
5.25
5.25
V
Operating Ambient Temperature
TA
-10
25
70
°C
Parameter
Symbol
Min
Max
Unit
High-level Input Voltage
(Except XTI)
VIH
2.8
(VD+) + 0.3
V
Low-level Input Voltage
(Except XTI)
VIL
-0.3
0.8
V
High-level Output Voltage
(Except XTO)
VOH
(VD+) - 1.0
-
V
Low-level Output Voltage
(Except XTO)
VOL
-0.4
V
Input Leakage Current
(Digital Inputs)
-
10
µA
Output Leakage Current
(High-Impedance Digital Outputs)
-
10
µA


Similar Part No. - CS4227

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4220 CIRRUS-CS4220 Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4220-KS CIRRUS-CS4220-KS Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4221 CIRRUS-CS4221 Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4221-KS CIRRUS-CS4221-KS Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
More results

Similar Description - CS4227

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC650-VF REALTEK-ALC650-VF Datasheet
791Kb / 46P
   SIX-CHANNEL AC??7 AUDIO CODEC
logo
List of Unclassifed Man...
STAC9460 ETC1-STAC9460 Datasheet
210Kb / 21P
   Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
logo
Realtek Semiconductor C...
ALC655 REALTEK-ALC655 Datasheet
654Kb / 40P
   SIX-CHANNEL AC??7 2.3 AUDIO CODEC
ALC658 REALTEK-ALC658 Datasheet
597Kb / 51P
   SIX-CHANNEL AC??7 2.3 AUDIO CODEC
logo
Texas Instruments
DS92LV1260 TI1-DS92LV1260_14 Datasheet
714Kb / 21P
[Old version datasheet]   Six Channel 10 Bit BLVDS Deserializer
logo
National Semiconductor ...
DS92LV1260 NSC-DS92LV1260 Datasheet
366Kb / 17P
   Six Channel 10 Bit BLVDS Deserializer
logo
SHENZHEN FUMAN ELECTRON...
74HC04D FUMAN-74HC04D Datasheet
159Kb / 8P
   Six-bit inverter
logo
Cirrus Logic
CS4222 CIRRUS-CS4222_02 Datasheet
616Kb / 29P
   20-Bit Stereo Audio Codec with Volume Control
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
logo
Asahi Kasei Microsystem...
AK4665A AKM-AK4665A Datasheet
527Kb / 52P
   20-Bit Stereo CODEC with MIC/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com